Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CORE429-SN Datasheet(PDF) 5 Page - Actel Corporation

Part # CORE429-SN
Description  ARINC 429 Bus Interface
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

CORE429-SN Datasheet(HTML) 5 Page - Actel Corporation

  CORE429-SN Datasheet HTML 1Page - Actel Corporation CORE429-SN Datasheet HTML 2Page - Actel Corporation CORE429-SN Datasheet HTML 3Page - Actel Corporation CORE429-SN Datasheet HTML 4Page - Actel Corporation CORE429-SN Datasheet HTML 5Page - Actel Corporation CORE429-SN Datasheet HTML 6Page - Actel Corporation CORE429-SN Datasheet HTML 7Page - Actel Corporation CORE429-SN Datasheet HTML 8Page - Actel Corporation CORE429-SN Datasheet HTML 9Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
ARINC 429 Bus Interface
v5.0
5
where NRx is the number of receive channels, NTx is the number of transmit channels, INT is the function to round up
to the next integer, and X and Y are defined in Table 6.
Each Channel Configured Differently
Use EQ 2 to calculate the number of memory blocks required if each channel is configured differently.
Number of memory blocks =
INT(FIFO_DEPTH[I]/Y +
(INT(LABEL_SIZE[I]/X) + INT(FIFO_DEPTH[I]/Y)),
EQ 2
where NRx is the number of receive channels, NTx is the number of transmit channels, INT is the function to round up
to the next integer, and X and Y are defined in Table 6.
Examples for the ProASIC3/E Device Family
If the design has 2 receivers, 1 transmitter, 64 labels for each receiver, 32-words-deep FIFO for each receiver and
transmitter, then
the number of memory blocks = 2 * (INT (64/512) + INT (32/128)) + 1 * INT (32/128) = 2 * (1 + 1) + 1 * (1) = 5.
If the design has 2 receivers, 1 transmitter, 32 labels for receiver # 1, 64 labels for receiver # 2, 32 words-deep FIFO for
receiver # 1, 64-words-deep FIFO for receiver # 2, and 64-words-deep FIFO for transmitter, then
the number of memory blocks = INT (64/128) + (INT (32/512) + INT (32/128)) + (INT (64/512) + INT (64/128))
= 1 + (1 + 1) + (1 + 1) = 5.
Core429 Overview
Core429 provides a complete and flexible interface to a
microprocessor and an ARINC 429 data bus. Connection
to an ARINC 429 data bus requires additional line drivers
and line receivers.
Core429 interfaces to a processor through the internal
memory of the receiver. Core429 can be easily interfaced
to an 8-, 16- or 32-bit data bus. Look-up tables loaded
into memory enable the Core429 receive circuitry to
filter and sort incoming data by label and destination
bits. Core429 supports multiple (configurable) ARINC 429
receiver channels, and each receives data independently.
The receiver data rates (high or low speed) can be
programmed independently. Core429 can decode and
sort data based on the ARINC 429 Label and SDI bits and
stores it in FIFO. Each receiver uses programmable FIFO
to buffer received data. Core429 supports multiple
(configurable) ARINC 429 transmit channels and each
channel can transmit data independently.
Default Mode
This is the recommended mode and allows the user to
configure the core with user-defined transmit and
receive channels.
Functional Description
The core has three main blocks: Transmit, Receive, and
CPU interface. The core can be configured to provide up
to 16 transmit and receive channels.
Table 6 •
Memory Parameters
Device Family
X
Y
Fusion
512
128
ProASIC3/E
512
128
ProASICPLUS
256
64
Axcelerator/RTAX-S
512
128
I0
=
NTx
1
I0
=
NRx
1


Similar Part No. - CORE429-SN

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
CORE1553BRT MICROSEMI-CORE1553BRT Datasheet
1Mb / 65P
   HB0093 Handbook Core1553BRT v4.2
logo
Actel Corporation
CORE8051-AN ACTEL-CORE8051-AN Datasheet
367Kb / 41P
   Core8051
CORE8051-AR ACTEL-CORE8051-AR Datasheet
367Kb / 41P
   Core8051
CORE8051-EV ACTEL-CORE8051-EV Datasheet
367Kb / 41P
   Core8051
CORE8051-SN ACTEL-CORE8051-SN Datasheet
367Kb / 41P
   Core8051
More results

Similar Description - CORE429-SN

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-3182 INTERSIL-HS-3182_07 Datasheet
196Kb / 7P
   ARINC 429 Bus Interface Line Driver
HS1-3182-8 INTERSIL-HS1-3182-8 Datasheet
199Kb / 7P
   ARINC 429 Bus Interface Line Driver Circuit
May 30, 2008
HS-3182 INTERSIL-HS-3182 Datasheet
201Kb / 7P
   ARINC 429 Bus Interface Line Driver Circuit
logo
Holt Integrated Circuit...
HI-8787 HOLTIC-HI-8787_09 Datasheet
74Kb / 8P
   ARINC 429 & 561 INTERFACE DEVICE
HI-8783 HOLTIC-HI-8783_09 Datasheet
86Kb / 10P
   ARINC 429 & 561 INTERFACE DEVICE
HI-3588 HOLTIC-HI-3588_12 Datasheet
98Kb / 13P
   ARINC 429 Receiver with SPI Interface
HI-3587 HOLTIC-HI-3587 Datasheet
96Kb / 11P
   ARINC 429 Transmitter with SPI Interface
HI-3588 HOLTIC-HI-3588 Datasheet
101Kb / 11P
   ARINC 429 Receiver with SPI Interface
HI-3585 HOLTIC-HI-3585_13 Datasheet
127Kb / 19P
   ARINC 429 Terminal IC with SPI Interface
HI-6010 HOLTIC-HI-6010_06 Datasheet
115Kb / 12P
   ARINC 429 TRANSMITTER/RECEIVER FOR 8 BIT BUS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com