Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EX128-FCS100 Datasheet(PDF) 9 Page - Actel Corporation

Part # EX128-FCS100
Description  eX Automotive Family FPGAs
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

EX128-FCS100 Datasheet(HTML) 9 Page - Actel Corporation

Back Button EX128-FCS100 Datasheet HTML 5Page - Actel Corporation EX128-FCS100 Datasheet HTML 6Page - Actel Corporation EX128-FCS100 Datasheet HTML 7Page - Actel Corporation EX128-FCS100 Datasheet HTML 8Page - Actel Corporation EX128-FCS100 Datasheet HTML 9Page - Actel Corporation EX128-FCS100 Datasheet HTML 10Page - Actel Corporation EX128-FCS100 Datasheet HTML 11Page - Actel Corporation EX128-FCS100 Datasheet HTML 12Page - Actel Corporation EX128-FCS100 Datasheet HTML 13Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 44 page
background image
eX Automotive Family FPGAs
v3.2
1-5
Other Architectural Features
Performance
The combination of the various architectural features
enables automotive-grade eX devices to operate with
internal clock frequencies at 250 MHz for fast execution
of complex logic functions.
Automotive-grade eX devices are the optimal platforms
upon
which
to integrate
in-cabin
telematics
and
automobile interconnect applications previously only
contained in ASICs or gate arrays.
eX devices meet the performance goals of gate arrays,
and, at the same time, present significant improvements
in cost and time to market. Using timing-driven place-
and-route
tools,
designers
can
achieve
highly
deterministic device performance.
User Security
The Actel FuseLock advantage ensures that unauthorized
users will not be able to read back the contents of an
Actel antifuse FPGA. In addition to the inherent
strengths of the architecture, there is a special Security
Fuse inside the eX device that disables the probing
circuitry and prohibits further programming of the
device. This Fuse cannot be accessed or bypassed without
destroying access to the rest of the device, making both
invasive and more-subtle noninvasive attacks ineffective
against Actel antifuse FPGAs.
Look for this symbol to ensure your valuable IP is secure.
For more information, refer to Actel's Implementation of
Security in Actel Antifuse FPGAs application note.
I/O Modules
Each I/O on an eX device can be configured as an input, an
output, a tristate output, or a bidirectional pin. I/O cells in
eX devices do not contain embedded latches or flip-flops
and can be inferred directly from HDL code. The device
can easily interface with any other device in the system,
which
in
turn
enables
parallel
design
of
system
components and reduces overall design time.
All unused I/Os are configured as tristate outputs by
Actel's Designer software, for maximum flexibility when
designing new boards or migrating existing designs.
However, it is still recommended to tie all unused I/O pins
to GND on the board. Each I/O module has an available
pull-up or pull-down resistor of approximately 50 k
that can configure the I/O in a known state during
power-up. Just shortly before VCCA reaches 2.5 V, the
resistors are disabled and the I/Os will be controlled by
user logic.
Table 1-2 describes the I/O features of eX devices. For
more information on I/Os, refer to the Actel eX, SX-A,
and RT54SX-S I/Os application note.
The automotive eX devices support I/O operation at 2.5 V
and 3.3 V.
The detailed description of the I/O pins in eX automotive
devices can be found in "Pin Description" section on
page 1-24.
Hot Swapping
eX I/Os are configured to be hot-swappable. During
power-up/down (or partial up/down), all I/Os are tristated,
provided VCCA ramps up within a diode drop of VCCI. VCCA
and VCCI do not have to be stable during power-up/down,
and they do not require a specific power-up or power-
down sequence in order to avoid damage to the eX
devices. In addition, all outputs can be programmed to
have a weak resistor pull-up or pull-down for tristate
output at power-up. After the eX device is plugged into
an electrically active system, the device will not degrade
the reliability of or cause damage to the host system. The
device's output pins are driven to a high impedance state
until normal chip operating conditions are reached. Please
see the application note, Actel SX-A and RT54SX-S Devices
in Hot-Swap and Cold-Sparing Applications, which also
applies to eX devices, for more information on hot
swapping.
Figure 1-7 • FuseLock
FuseLock
Table 1-2 • I/O Features
Function
Description
Input
Buffer
Threshold
Selection
3.3 V LVTTL
2.5 V LVCMOS2
Nominal
Output Drive
3.3 V LVTTL
2.5 V LVCMO 2
Output Buffer “Hot-Swap” Capability
I/O on an unpowered device does not sink
current
Can be used for “cold sparing”
Selectable on an individual I/O basis
Individually selectable low-slew option
Power-Up
Individually selectable pull-ups and pull-downs
during power-up (default is to power-up in
tristate)
Enables deterministic power-up of device
VCCA and VCCI can be powered in any order


Similar Part No. - EX128-FCS100

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EX128-FCS100 ETC1-EX128-FCS100 Datasheet
307Kb / 36P
   eX Family FPGAs
logo
Actel Corporation
EX128-FCS100 ACTEL-EX128-FCS100 Datasheet
433Kb / 49P
   eX Family FPGAs
EX128-FCS100A ACTEL-EX128-FCS100A Datasheet
433Kb / 49P
   eX Family FPGAs
logo
List of Unclassifed Man...
EX128-FCS100I ETC1-EX128-FCS100I Datasheet
307Kb / 36P
   eX Family FPGAs
logo
Actel Corporation
EX128-FCS100I ACTEL-EX128-FCS100I Datasheet
433Kb / 49P
   eX Family FPGAs
More results

Similar Description - EX128-FCS100

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
EX128-PTQG100 ACTEL-EX128-PTQG100 Datasheet
433Kb / 49P
   eX Family FPGAs
logo
List of Unclassifed Man...
EX128 ETC1-EX128 Datasheet
307Kb / 36P
   eX Family FPGAs
logo
Actel Corporation
A3P1000-1FGG144T ACTEL-A3P1000-1FGG144T Datasheet
4Mb / 136P
   Automotive ProASIC3 Flash Family FPGAs
A54SX16A-PQG208A ACTEL-A54SX16A-PQG208A Datasheet
515Kb / 68P
   SX-A Automotive Family FPGAs
APA1000-FG896A ACTEL-APA1000-FG896A Datasheet
85Kb / 10P
   Automotive-Grade ProASIC Flash Family FPGAs
logo
List of Unclassifed Man...
A54SX16 ETC1-A54SX16 Datasheet
415Kb / 57P
   54SX Family FPGAs
logo
Actel Corporation
A54SX08 ACTEL-A54SX08 Datasheet
503Kb / 64P
   SX Family FPGAs
logo
Microsemi Corporation
AX250-PQ208I MICROSEMI-AX250-PQ208I Datasheet
13Mb / 262P
   Axcelerator Family FPGAs
AX500-PQ208I MICROSEMI-AX500-PQ208I Datasheet
13Mb / 262P
   Axcelerator Family FPGAs
logo
Actel Corporation
A1280A-1PG176C ACTEL-A1280A-1PG176C Datasheet
605Kb / 38P
   ACT2 Family FPGAs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com