Electronic Components Datasheet Search |
|
A1020B-2CQ84M Datasheet(PDF) 3 Page - Actel Corporation |
|
A1020B-2CQ84M Datasheet(HTML) 3 Page - Actel Corporation |
3 / 24 page 1-285 ACT ™ 1 Series FPGAs source 10 mA at TTL levels. See Electrical Specifications for additional I/O buffer specifications. Device Organization ACT 1 devices consist of a matrix of logic modules arranged in rows separated by wiring channels. This array is surrounded by a ring of peripheral circuits including I/O buffers, testability circuits, and diagnostic probe circuits providing real-time diagnostic capability. Between rows of logic modules are routing channels containing sets of segmented metal tracks with PLICE antifuses. Each channel has 22 signal tracks. Vertical routing is permitted via 13 vertical tracks per logic module column. The resulting network allows arbitrary and flexible interconnections between logic modules and I/O modules. Probe Pin ACT 1 devices have two independent diagnostic probe pins. These pins allow the user to observe any two internal signals by entering the appropriate net name in the diagnostic software. Signals may be viewed on a logic analyzer using Actel’s Actionprobe® diagnostic tools. The probe pins can also be used as user-defined I/Os when debugging is finished. ACT 1 Array Performance Temperature and Voltage Effects Worst-case delays for ACT 1 arrays are calculated in the same manner as for masked array products. A typical delay parameter is multiplied by a derating factor to account for temperature, voltage, and processing effects. However, in an ACT 1 array, temperature and voltage effects are less dramatic than with masked devices. The electrical characteristics of module interconnections on ACT 1 devices remain constant over voltage and temperature fluctuations. As a result, the total derating factor from typical to worst-case for a standard speed ACT 1 array is only 1.19 to 1, compared to 2 to 1 for a masked gate array. Logic Module Size Logic module size also affects performance. A mask programmed gate array cell with four transistors usually implements only one logic level. In the more complex logic module (similar to the complexity of a gate array macro) of an ACT 1 array, implementation of multiple logic levels within a single module is possible. This eliminates interlevel wiring and associated RC delays. The effect is termed “net compression.” Ordering Information Application (Temperature Range) C = Commercial (0 to +70 °C) I = Industrial (–40 to +85 °C) M = Military (–55 to +125 °C) B = MIL-STD-883 Package Type PL = Plastic J-Leaded Chip Carriers PQ = Plastic Quad Flatpacks CQ = Ceramic Quad Flatpack PG = Ceramic Pin Grid Array VQ = Very Thin Quad Flatpack Speed Grade Blank = Standard Speed –1 = Approximately 15% faster than Standard –2 = Approximately 25% faster than Standard –3 = Approximately 35% faster than Standard Part Number A1010 = 1200 Gates (5 V) A1020 = 2000 Gates (5 V) A10V10 = 1200 Gates (3.3 V) A10V20 = 2000 Gates (3.3 V) Die Revision B = 1.0 micron CMOS Process Package Lead Count A1010 B – 2 PL 84 C |
Similar Part No. - A1020B-2CQ84M |
|
Similar Description - A1020B-2CQ84M |