Electronic Components Datasheet Search |
|
M7AFS600-FFGG256PP Datasheet(PDF) 3 Page - Actel Corporation |
|
M7AFS600-FFGG256PP Datasheet(HTML) 3 Page - Actel Corporation |
3 / 318 page Actel Fusion Mixed-Signal FPGAs Pr el iminar y v1. 7 III Product Ordering Codes Notes: 1. DC and switching characteristics for –F speed grade targets are based only on simulation. The characteristics provided for the –F speed grade are subject to change after establishing FPGA specifications. Some restrictions might be added and will be reflected in future revisions of this document. The –F speed grade is only supported in the commercial temperature range. 2. Quad Flat No Lead packages are only offered as RoHS compliant, QNG. M7AFS600 FG _ Part Number Fusion Devices Speed Grade 1 Blank = Standard 1 = 15% Faster than Standard F = 20% Slower than Standard 2 = 25% Faster than Standard Package Type QN = Quad Flat No Lead (0.5 mm pitch) 256 I G Package Lead Count Application (ambient temperature range) Blank = Commercial (0 to +70°C) I = Industrial (–40 to +85°C) PP = Pre-Production ES = Engineering Silicon (room temperature only) 90,000 System Gates AFS090 = 250,000 System Gates AFS250 = ARM-Enabled Fusion Devices 600,000 System Gates AFS600 = 1,500,000 System Gates AFS1500 = 600,000 System Gates M7AFS600 = 250,000 System Gates M1AFS250 = 600,000 System Gates M1AFS600 = 1,500,000 System Gates M1AFS1500 = PQ = Plastic Quad Flat Pack (0.5 mm pitch) FG = Fine Pitch Ball Grid Array (1.0 mm pitch) Lead-Free Packaging Options Blank = Standard Packaging G = RoHS-Compliant (green) Packaging |
Similar Part No. - M7AFS600-FFGG256PP |
|
Similar Description - M7AFS600-FFGG256PP |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |