Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT3800IFE-PBF Datasheet(PDF) 5 Page - Linear Technology

Part # LT3800IFE-PBF
Description  High-Voltage Synchronous Current Mode Step-Down Controller
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3800IFE-PBF Datasheet(HTML) 5 Page - Linear Technology

  LT3800IFE-PBF Datasheet HTML 1Page - Linear Technology LT3800IFE-PBF Datasheet HTML 2Page - Linear Technology LT3800IFE-PBF Datasheet HTML 3Page - Linear Technology LT3800IFE-PBF Datasheet HTML 4Page - Linear Technology LT3800IFE-PBF Datasheet HTML 5Page - Linear Technology LT3800IFE-PBF Datasheet HTML 6Page - Linear Technology LT3800IFE-PBF Datasheet HTML 7Page - Linear Technology LT3800IFE-PBF Datasheet HTML 8Page - Linear Technology LT3800IFE-PBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
LT3800
5
3800fb
Operating Frequency
vs Temperature
TYPICAL PERFOR A CE CHARACTERISTICS
PI FU CTIO S
VIN (Pin 1): Converter Input Supply.
NC (Pin 2): No Connection.
SHDN (Pin 3): Precision Shutdown Pin. Enable threshold
is 1.35V (rising) with 120mV of input hysteresis. When in
shutdown mode, all internal IC functions are disabled. The
precision threshold allows use of the SHDN pin to incor-
porate UVLO functions. If the SHDN pin is pulled below
0.7V, the IC enters a low current shutdown mode with
IVIN < 10µA. In low-current shutdown, the IC will sink 20µA
from the VCC pin until that local supply has collapsed.
Typical pin input bias current is <10nA and the pin is
internally clamped to 6V.
CSS (Pin 4): Soft-Start AC Coupling Capacitor Input.
Connect capacitor (CSS) in series with a 200k resistor from
pin to converter output (VOUT). Controls converter start-
up output voltage slew rate (
∆VOUT/∆t). Slew rate corre-
sponds to 2
µA average current through the soft-start
coupling capacitor. The capacitor value for a desired
output startup slew rate follows the relation:
CSS = 2µA/(∆VOUT/∆t)
Shorting this pin to SGND disables the soft-start function
BURST_EN (Pin 5): Burst Mode Operation Enable Pin.
This pin also controls reverse-inhibit mode of operation.
When the pin voltage is below 0.5V, Burst Mode operation
Error Amp Reference
vs Temperature
I(SENSE+ + SENSE–) vs VSENSE(CM)
VSENSE(CM) (V)
0
0.5
1.5
2.5
3.5
4.5
800
600
400
200
0
–200
–400
1.0
2.0
3.0
4.0
3800 G09
5.0
TA = 25°C
TEMPERATURE (
°C)
3800 G10
–50
220
210
200
190
180
–25
100
0
50
125
25
75
–50
–25
100
0
50
125
25
75
TEMPERATURE (
°C)
1.232
1.231
1.230
1.229
1.228
1.227
3800 G11
VCC UVLO Threshold (Rising)
vs Temperature
Error Amp Transconductance
vs Temperature
TEMPERATURE (
°C)
–50
–25
100
3800 G07
0
50
125
25
75
6.30
6.25
6.20
6.15
ICC vs VCC (SHDN = 0V)
VCC (V)
0
15
20
25
16
3800 G12
10
5
0
246
810 12 14
18 20
TA = 25°C
TEMPERATURE (
°C)
–50
–25
100
0
50
125
25
75
380
360
340
320
3800 G08


Similar Part No. - LT3800IFE-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3800 LINER-LT3800 Datasheet
312Kb / 26P
   Dual, 2-Phase Step-Down Switching Controller Programmable Soft-Start
LT3800 LINER-LT3800 Datasheet
205Kb / 24P
   High Voltage, Current Mode Switching Regulator Controller with Programmable Operating Frequency
LT3800 LINER-LT3800_15 Datasheet
264Kb / 24P
   High-Voltage Synchronous Current Mode Step-Down Controller
More results

Similar Description - LT3800IFE-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3800 LINER-LT3800_15 Datasheet
264Kb / 24P
   High-Voltage Synchronous Current Mode Step-Down Controller
RH3845MK LINER-RH3845MK_15 Datasheet
103Kb / 6P
   High Voltage Synchronous Step-Down Controller
LT3845 LINER-LT3845_1 Datasheet
254Kb / 26P
   High Voltage Synchronous Current Mode Step-Down Controller with Adjustable Operating Frequency
LT3845 LINER-LT3845 Datasheet
229Kb / 24P
   High Voltage Synchronous Current Mode Step-Down Controller with Adjustable Operating Frequency
LT3845A LINER-LT3845A_15 Datasheet
293Kb / 26P
   High Voltage Synchronous Current Mode Step-Down Controller with Adjustable Operating Frequency
LT3845 LINER-LT3845_15 Datasheet
259Kb / 26P
   High Voltage Synchronous Current Mode Step-Down Controller with Adjustable Operating Frequency
logo
Monolithic Power System...
MP9928 MPS-MP9928 Datasheet
1Mb / 25P
   4V-60V Input, Current Mode, Synchronous Step-Down Controller
EV9928-F-00B MPS-EV9928-F-00B Datasheet
660Kb / 9P
   60V Current Mode, Synchronous Step-Down Controller Evaluation Board
MP2908A MPS-MP2908A Datasheet
1Mb / 22P
   4V-60V Input, Current Mode, Synchronous Step-Down Controller
EV9928-L-00C MPS-EV9928-L-00C Datasheet
758Kb / 9P
   60V Current Mode, Synchronous Step-Down Controller Evaluation Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com