Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT3782EFE-PBF Datasheet(PDF) 10 Page - Linear Technology

Part # LT3782EFE-PBF
Description  2-Phase Step-UP DC/DC Controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3782EFE-PBF Datasheet(HTML) 10 Page - Linear Technology

Back Button LT3782EFE-PBF Datasheet HTML 6Page - Linear Technology LT3782EFE-PBF Datasheet HTML 7Page - Linear Technology LT3782EFE-PBF Datasheet HTML 8Page - Linear Technology LT3782EFE-PBF Datasheet HTML 9Page - Linear Technology LT3782EFE-PBF Datasheet HTML 10Page - Linear Technology LT3782EFE-PBF Datasheet HTML 11Page - Linear Technology LT3782EFE-PBF Datasheet HTML 12Page - Linear Technology LT3782EFE-PBF Datasheet HTML 13Page - Linear Technology LT3782EFE-PBF Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
LT3782
10
3782ff
then RFREQ1 + RFREQ2 should be 80k and VDELAY should
be 1V, with VRSET = 2.3V then RFREQ1 = 47.5k and RFREQ2
= 32.5k (see Figure 3).
Duty Cycle Limit
When DCL pin is shorted to RSET pin and switching fre-
quency is less than 250kHz (RFREQ > 80k), the maximum
duty cycle of LT3782 will be at least 90%. The maximum
duty cycle can be clamped to 50% by grounding the DCL
pin or to 75% by forcing the VDCL voltage to 1.2V with a
resistor divider from RSET pin to ground. The typical DCL
pin input current is 0.2μA.
Slope Compensation
The LT3782 is designed for high voltage and/or high
current applications, and very often these applications
generate noise spikes that can be picked up by the cur-
rent sensing amplifier and cause switching jitter. To avoid
switching jitter, careful layout is absolutely necessary to
minimize the current sensing noise pickup. Sometimes
increasing slope compensation to overcome the noise
can help to reduce jitter. The built-in slope compensa-
tion can be increased by adding a resistor RSLOPE from
SLOPE pin to ground. Note that smaller RSLOPE increases
slope compensation and the minimum RSLOPE allowed is
RFREQ/2.
Layout Considerations
To prevent EMI, the power MOSFETs and input bypass
capacitor leads should be kept as short as possible. A
ground plane should be used under the switching circuitry
to prevent interplane coupling and to act as a thermal
spreading path. Note that the bottom pad of the package
is the heat sink, as well as the IC signal ground, and must
be soldered to the ground plane.
In a boost converter, the conversion gain (assuming 100%
efficiency) is calculated as (ignoring the forward voltage
drop of the boost diode):
V
OUT
V
IN
=
1
1
−D
where D is the duty ratio of the main switch. D can then
be estimated from the input and output voltages:
D
=1−
V
IN
V
OUT
;D
MAX = 1−
V
IN(MIN)
V
OUT
Figure 3. Increase Delay Time
RSET
DELAY
LT3782
RFREQ2
32.5k
RFREQ1
47.5k
3782 F03
APPLICATIONS INFORMATION


Similar Part No. - LT3782EFE-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3782 LINER-LT3782 Datasheet
477Kb / 36P
   Wide Input Range, No RSENSE Current Mode Boost, Flyback and SEPIC Controller
LT3782 LINER-LT3782 Datasheet
233Kb / 20P
   2-Phase Step-UP DC/DC Controller
LT3782 LINER-LT3782 Datasheet
764Kb / 32P
   Wide Input Range, No RSENSE??Current Mode Boost, Flyback and SEPIC Controller
LT3782A LINER-LT3782A Datasheet
238Kb / 20P
   2-Phase Step-Up DC/DC Controller
LT3782AEFE LINER-LT3782AEFE Datasheet
238Kb / 20P
   2-Phase Step-Up DC/DC Controller
More results

Similar Description - LT3782EFE-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3782 LINER-LT3782_15 Datasheet
233Kb / 20P
   2-Phase Step-UP DC/DC Controller
LT3782A LINER-LT3782A Datasheet
238Kb / 20P
   2-Phase Step-Up DC/DC Controller
LT3782A LINER-LT3782A_15 Datasheet
275Kb / 20P
   2-Phase Step-Up DC/DC Controller
logo
RICOH electronics devic...
R1211N002A RICOH-R1211N002A_06 Datasheet
512Kb / 40P
   STEP-UP DC/DC CONTROLLER
R1211X RICOH-R1211X Datasheet
375Kb / 33P
   Step-up DC/DC Controller
logo
Analog Intergrations Co...
AIC1630 AIC-AIC1630 Datasheet
374Kb / 11P
   2-Cell, Step-Up DC/DC Converter Controller
logo
E-CMOS Corporation
EC9215 E-CMOS-EC9215 Datasheet
1Mb / 15P
   Step-up DC/DC Controller
logo
Silicon Standard Corp.
SS6630 SSC-SS6630 Datasheet
616Kb / 13P
   Step-Up DC/DC Controller
logo
FOSLINK SEMICONDUCTOR C...
FSP3601 FOSLINK-FSP3601 Datasheet
336Kb / 14P
   STEP-UP DC/DC CONTROLLER
logo
TECHCODE SEMICONDUCTOR,...
TD8215 TECHCODE-TD8215 Datasheet
1Mb / 16P
   Step-up DC/DC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com