Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EX64-PCSG100I Datasheet(PDF) 8 Page - Actel Corporation

Part # EX64-PCSG100I
Description  eX Family FPGAs
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

EX64-PCSG100I Datasheet(HTML) 8 Page - Actel Corporation

Back Button EX64-PCSG100I Datasheet HTML 4Page - Actel Corporation EX64-PCSG100I Datasheet HTML 5Page - Actel Corporation EX64-PCSG100I Datasheet HTML 6Page - Actel Corporation EX64-PCSG100I Datasheet HTML 7Page - Actel Corporation EX64-PCSG100I Datasheet HTML 8Page - Actel Corporation EX64-PCSG100I Datasheet HTML 9Page - Actel Corporation EX64-PCSG100I Datasheet HTML 10Page - Actel Corporation EX64-PCSG100I Datasheet HTML 11Page - Actel Corporation EX64-PCSG100I Datasheet HTML 12Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 49 page
background image
eX Family FPGAs
1- 4
v4.3
Clock Resources
eX’s high-drive routing structure provides three clock
networks. The first clock, called HCLK, is hardwired from
the HCLK buffer to the clock select MUX in each R-Cell.
HCLK cannot be connected to combinational logic. This
provides a fast propagation path for the clock signal,
enabling
the
3.9
ns
clock-to-out
(pad-to-pad)
performance of the eX devices. The hard-wired clock is
tuned to provide a clock skew of less than 0.1 ns worst
case. If not used, the HCLK pin must be tied LOW or HIGH
and must not be left floating. Figure 1-5 describes the
clock circuit used for the constant load HCLK.
HCLK does not function until the fourth clock cycle each
time the device is powered up to prevent false output
levels due to any possible slow power-on-reset signal and
fast start-up clock circuit. To activate HCLK from the first
cycle, the TRST pin must be reserved in the Design
software and the pin must be tied to GND on the board.
(See the "TRST, I/O Boundary Scan Reset Pin" on page 1-
26).
The remaining two clocks (CLKA, CLKB) are global routed
clock networks that can be sourced from external pins or
from internal logic signals (via the CLKINT routed clock
buffer) within the eX device. CLKA and CLKB may be
connected to sequential cells or to combinational logic. If
CLKA or CLKB is sourced from internal logic signals, the
external clock pin cannot be used for any other input
and must be tied LOW or HIGH and must not float.
Figure 1-6 describes the CLKA and CLKB circuit used in eX
devices.
Table 1-1 describes the possible connections of the
routed clock networks, CLKA and CLKB.
Unused clock pins must not be left floating and must be
tied to HIGH or LOW.
Figure 1-5 • eX HCLK Clock Pad
Constant Load
Clock Network
HCLKBUF
Figure 1-6 • eX Routed Clock Buffer
Clock Network
From Internal Logic
CLKBUF
CLKBUFI
CLKINT
CLKINTI
Table 1-1 • Connections of Routed Clock Networks, CLKA
and CLKB
Module
Pins
C-Cell
A0, A1, B0 and B1
R-Cell
CLKA, CLKB, S0, S1, PSET, and CLR
I/O-Cell
EN


Similar Part No. - EX64-PCSG100I

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
EX64-PCSG100I ACTEL-EX64-PCSG100I Datasheet
404Kb / 44P
   eX Automotive Family FPGAs
More results

Similar Description - EX64-PCSG100I

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EX128 ETC1-EX128 Datasheet
307Kb / 36P
   eX Family FPGAs
logo
Actel Corporation
EX128-TQG100A ACTEL-EX128-TQG100A Datasheet
404Kb / 44P
   eX Automotive Family FPGAs
logo
List of Unclassifed Man...
A54SX16 ETC1-A54SX16 Datasheet
415Kb / 57P
   54SX Family FPGAs
logo
Actel Corporation
A54SX08 ACTEL-A54SX08 Datasheet
503Kb / 64P
   SX Family FPGAs
logo
Microsemi Corporation
AX250-PQ208I MICROSEMI-AX250-PQ208I Datasheet
13Mb / 262P
   Axcelerator Family FPGAs
AX500-PQ208I MICROSEMI-AX500-PQ208I Datasheet
13Mb / 262P
   Axcelerator Family FPGAs
logo
Actel Corporation
A1280A-1PG176C ACTEL-A1280A-1PG176C Datasheet
605Kb / 38P
   ACT2 Family FPGAs
A54SX32-TQ144 ACTEL-A54SX32-TQ144 Datasheet
504Kb / 64P
   SX Family FPGAs
A54SX08-TQ176 ACTEL-A54SX08-TQ176 Datasheet
504Kb / 64P
   SX Family FPGAs
AX1000-1FGG896I ACTEL-AX1000-1FGG896I Datasheet
2Mb / 226P
   Axcelerator Family FPGAs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com