Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT3781IG Datasheet(PDF) 7 Page - Linear Technology

Part # LT3781IG
Description  ?쏝ootstrap??Start Dual Transistor Synchronous Forward Controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3781IG Datasheet(HTML) 7 Page - Linear Technology

Back Button LT3781IG Datasheet HTML 3Page - Linear Technology LT3781IG Datasheet HTML 4Page - Linear Technology LT3781IG Datasheet HTML 5Page - Linear Technology LT3781IG Datasheet HTML 6Page - Linear Technology LT3781IG Datasheet HTML 7Page - Linear Technology LT3781IG Datasheet HTML 8Page - Linear Technology LT3781IG Datasheet HTML 9Page - Linear Technology LT3781IG Datasheet HTML 10Page - Linear Technology LT3781IG Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
7
LT3781
3781f
PI FU CTIO S
The LT3781 oscillator operates by monitoring the voltage
on CFSET as it is charged via RFSET. When the voltage on the
FSET pin reaches 2.5V, the oscillator rapidly discharges
the capacitor with an average current of about 0.8mA.
Once the voltage on the pin is reduced to 1.5V, the pin
becomes high-impedance and the charging cycle repeats.
The oscillator operates at twice the switching frequency of
the controller.
Oscillator frequency fOSC can be approximated by the
relation:
fC
R
R
OSC
FSET
FSET
FSET
≅+
+
+




05 10
3
810
2
64
1
1
.•
––
SYNC (Pin 7): Oscillator Synchronization Input Pin with
TTL-Level Compatible Input. The SYNC input signal (at the
desired synchronized operating frequency) controls both
the internal oscillator (running at twice the SYNC fre-
quency) and the output switch phase. If synchronization
function is not desired, this pin may be floated or shorted
to ground.
The LT3781 internal oscillator drives a toggle flip-flop that
assures a
≤50% duty-cycle condition during oscillator
free-run. The oscillator, therefore, runs at twice the oper-
ating frequency of the controller. The SYNC input decoder
incorporates a frequency doubling circuit for oscillator
synchronization, resetting the internal oscillator on both
the rising and falling edges of the input signal.
The SYNC input decoder also differentiates transition
phase and forces the toggle flip-flop to phase-lock with the
SYNC input. A transition to logic high on the SYNC input
signal corresponds to the initiation of a new switching
cycle (primary switches turning on pending current con-
trol) and a transition to logic low forces a primary switch
off state. As such, the maximum operating duty cycle is
equal to the duty cycle of the SYNC signal. The SYNC input
can therefore be used to reduce the maximum duty cycle
of the controller by reducing the duty cycle of the SYNC
input.
SS (Pin 8): Soft-Start. Connect a capacitor (CSS) from this
pin to ground.
The output voltage of the LT3781 error amplifier corre-
sponds to the peak current sense amplifier output de-
tected before resetting the switch outputs. The soft-start
circuit forces the error amplifier output to a zero sense
current for start-up. A 10
µA current is forced from this pin
onto an external capacitor. As the SS pin voltage ramps up,
so does the LT3781 internally sensed current limit. This
effectively forces the internal current limit to ramp from
zero, allowing overall converter current to slowly increase
until normal output regulation is achieved. This function
reduces output overshoot on converter start-up. The soft-
start functions incorporate a 1VBE “dead zone” such that
a zero-current condition is maintained on the VC pin until
the SS pin rises to 1VBE above ground.
The SS pin voltage is reset to start-up condition during
shutdown, undervoltage lockout, and overvoltage or
overcurrent events, yielding a graceful converter output
recovery from these events.
VFB (Pin 9): Error Amplifier Inverting Input. Typically
connected to a resistor divider from the output and com-
pensation components to the VC pin.
The VFB pin is the converter output voltage feedback node.
Input bias current of ~50nA forces pin high in the event of
an open feedback path condition. The error amplifier is
internally referenced to 1.25V.
Values for the VOUT to VFB feedback resistor (RFB1) and
the VFB to ground resistor (RFB2) can be calculated to
program converter output voltage (VOUT) via the following
relation:
VOUT = 1.25 • (RFB1 + RFB2)/RFB2
VC (Pin 10): Error Amplifier Output. The LT3781 error
amplifier is a low impedance output inverting gain stage.
The amplifier has ample current source capability to allow
easy integration of isolation optocouplers that require bias
currents up to 10mA. External DC loading of the VC pin
reduces the external current sourcing capacity of the
5VREF pin by the same amount as the load on the VC pin.


Similar Part No. - LT3781IG

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3781IG LINER-LT3781IG Datasheet
267Kb / 20P
   Bootstrap Start Dual Transistor Synchronous Forward Controller
More results

Similar Description - LT3781IG

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3781 LINER-LT3781 Datasheet
267Kb / 20P
   Bootstrap Start Dual Transistor Synchronous Forward Controller
LT1681 LINER-LT1681 Datasheet
308Kb / 20P
   Dual Transistor Synchronous Forward Controller
LT1681 LINER-LT1681_15 Datasheet
280Kb / 20P
   Dual Transistor Synchronous Forward Controller
LT3781 LINER-LT3781_15 Datasheet
259Kb / 20P
   Transistor Synchronous Forward Controller
logo
Semtech Corporation
SC416 SEMTECH-SC416 Datasheet
1Mb / 34P
   Dual Synchronous Buck Controller with Tracking Start-up/Shutdown
logo
Linear Technology
LT3753 LINER-LT3753_15 Datasheet
437Kb / 36P
   Active Clamp Synchronous Forward Controller
LT1952-1 LINER-LT1952-1_15 Datasheet
367Kb / 28P
   Single Switch Synchronous Forward Controller
LT1952 LINER-LT1952 Datasheet
252Kb / 24P
   Single Switch Synchronous Forward Controller
LTC3726 LINER-LTC3726 Datasheet
225Kb / 16P
   Secondary-Side Synchronous Forward Controller
LTC3726 LINER-LTC3726_15 Datasheet
214Kb / 16P
   Secondary-Side Synchronous Forward Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com