Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT3781 Datasheet(PDF) 3 Page - Linear Technology

Part # LT3781
Description  ?쏝ootstrap??Start Dual Transistor Synchronous Forward Controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3781 Datasheet(HTML) 3 Page - Linear Technology

  LT3781_09 Datasheet HTML 1Page - Linear Technology LT3781_09 Datasheet HTML 2Page - Linear Technology LT3781_09 Datasheet HTML 3Page - Linear Technology LT3781_09 Datasheet HTML 4Page - Linear Technology LT3781_09 Datasheet HTML 5Page - Linear Technology LT3781_09 Datasheet HTML 6Page - Linear Technology LT3781_09 Datasheet HTML 7Page - Linear Technology LT3781_09 Datasheet HTML 8Page - Linear Technology LT3781_09 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
3
LT3781
3781f
The q denotes specifications which apply over the full operating temperature range, otherwise specifications are TA = 25°C.
VCC = VBST = 12V, VBSTREF = 0V, VVC = 2V, VTS = 0V, VFB = VREF = 1.25V, CTG = CBG = CSG = 1000pF.
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Error Amp
VFB
Error Amplifier Reference Voltage
Measured at Feedback Pin
1.242
1.250
1.258
V
q
1.225
1.265
V
IFB
Feedback Input Current
VFB = VREF
–50
nA
AV
Error Amplifier Voltage Gain
72
dB
IVC
Error Amplifier Current Limit
Source
q
10
25
mA
Sink
q
0.5
1
mA
VVC
Zero Current Output Voltage
1.4
V
Maximum Output Voltage
3.2
V
GBW
Gain Bandwidth Product
(Note 3)
1
MHz
Current Sense
AV
Amplifier DC Gain
12
V/V
ISENSE
Input Bias Current
– 275
µA
VSENSE
Current Limit Threshold
Measured at SENSE Pin
135
150
165
mV
q
130
170
mV
tD
Current Sense to Switch Delay
175
ns
tMIN
Switch Minimum On Time
Measured at BG Output
250
ns
THERM and OVLO Fault Detectors
VTHERM/
Threshold (Rising Edge)
q
1.2
1.25
1.3
V
VOVLO
Threshold Hysteresis
q
20
40
60
mV
tD
Fault Delay to Output Disable
>50mV Overdrive
650
ns
Oscillator and Synchronization Decoder
fOSC
Oscillator Frequency, Free Run
Measured at FSET Pin
700
kHz
Frequency Programming Error
fOSC ≤ 500kHz (Note 3)
q
–10
5
%
IFSET
FSET Input Bias Current
FSET Charging, VFSET = 2V
50
nA
VSYNC
SYNC Logic High Input Threshold
Positive-Going Edge
q
1.4
2
V
SYNC Logic Low Input Threshold
Negative-Going Edge
q
0.8
1.4
V
fSYNC
SYNC Frequency
q
fOSC/2
350
kHz
tH, L
Maximum SYNC Pulse Width
fOSC = Oscillator Free-Run Frequency
1/fOSC
s
(Logic High or Logic Low)
Output Drivers
VTG
TG On Voltage
q
11
11.5
V
TG Off Voltage
q
0.1
0.5
V
tTGr/f
TG Rise/Fall Time
10% to 90%/90% to 10%
35
ns
VBG
BG On Voltage
q
11
11.5
12
V
BG Off Voltage
q
0.1
0.5
V
tBGr/f
BG Rise/Fall Time
10% to 90%/90% to 10%
35
ns
VSG
SG On Voltage
q
11
11.5
12
V
SG Off Voltage
q
0.1
0.5
V
tSGr/f
SG Rise/Fall Time
10% to 90%/90% to 10%
35
ns
tSG-BG
SG to BG Enable Lag Time
4V On/Off Thresholds
q
80
150
300
ns
tTG-BG
TG to BG Enable Lag Time
4V On/Off Thresholds
100
ns


Similar Part No. - LT3781_09

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3781EG LINER-LT3781EG Datasheet
267Kb / 20P
   Bootstrap Start Dual Transistor Synchronous Forward Controller
LT3781IG LINER-LT3781IG Datasheet
267Kb / 20P
   Bootstrap Start Dual Transistor Synchronous Forward Controller
LT3781 LINER-LT3781_15 Datasheet
259Kb / 20P
   Transistor Synchronous Forward Controller
More results

Similar Description - LT3781_09

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3781 LINER-LT3781 Datasheet
267Kb / 20P
   Bootstrap Start Dual Transistor Synchronous Forward Controller
LT1681 LINER-LT1681 Datasheet
308Kb / 20P
   Dual Transistor Synchronous Forward Controller
LT1681 LINER-LT1681_15 Datasheet
280Kb / 20P
   Dual Transistor Synchronous Forward Controller
LT3781 LINER-LT3781_15 Datasheet
259Kb / 20P
   Transistor Synchronous Forward Controller
logo
Semtech Corporation
SC416 SEMTECH-SC416 Datasheet
1Mb / 34P
   Dual Synchronous Buck Controller with Tracking Start-up/Shutdown
logo
Linear Technology
LT3753 LINER-LT3753_15 Datasheet
437Kb / 36P
   Active Clamp Synchronous Forward Controller
LT1952-1 LINER-LT1952-1_15 Datasheet
367Kb / 28P
   Single Switch Synchronous Forward Controller
LT1952 LINER-LT1952 Datasheet
252Kb / 24P
   Single Switch Synchronous Forward Controller
LTC3726 LINER-LTC3726 Datasheet
225Kb / 16P
   Secondary-Side Synchronous Forward Controller
LTC3726 LINER-LTC3726_15 Datasheet
214Kb / 16P
   Secondary-Side Synchronous Forward Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com