Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

COREFIR-EV Datasheet(PDF) 11 Page - Actel Corporation

Part # COREFIR-EV
Description  CoreFIR Finite Impulse Response (FIR) Filter Generator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

COREFIR-EV Datasheet(HTML) 11 Page - Actel Corporation

Back Button COREFIR-EV Datasheet HTML 6Page - Actel Corporation COREFIR-EV Datasheet HTML 7Page - Actel Corporation COREFIR-EV Datasheet HTML 8Page - Actel Corporation COREFIR-EV Datasheet HTML 9Page - Actel Corporation COREFIR-EV Datasheet HTML 10Page - Actel Corporation COREFIR-EV Datasheet HTML 11Page - Actel Corporation COREFIR-EV Datasheet HTML 12Page - Actel Corporation COREFIR-EV Datasheet HTML 13Page - Actel Corporation COREFIR-EV Datasheet HTML 14Page - Actel Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
CoreFIR
v3.0
11
Clock and Reset
Clock
The CoreFIR generates a FIR filter design that uses only
positive-edge-triggered registers. The entire design is
fully synchronized using the positive edge of the input
clock clk, including the embedded RAM blocks (when
available).
Reset
The CoreFIR generates a design that uses only one active
low
asynchronous
reset.
The
entire
design
is
asynchronously reset by the input rstn.
Input and Output Timing
I/O Timing Diagram of Normal FIR
Operation
The I/O timing under normal FIR operation is illustrated
in Figure 6. The labels s0 and s2 refer to the data
sampling point for input data, while s1 is the sampling
point for output data. Due to variations of the
configuration, you should refer to comments in the
generated module for t0 and t1. These parameters are
given in the number of the clock cycles of the input
clock, clk.
I/O Timing Diagram of LUT Initialization
The I/O timing for LUT initialization is illustrated in
Figure 7. In this figure, s0 and s1 are the starting and
ending points for feeding coefficients, while s2 is the
sampling point for output ready. Due to the variation of
the configuration, refer to the comments inside the
generated module for t2, which are given in the number
of the clock cycles of the input clock clk.
Figure 6 • I/O Timing Diagram of Normal FIR Operation
1
0
clk
datai_en
datai
0
datao
datao_valid
s0
s2
s1
t0
t1
Figure 7 • I/O Timing Diagram for LUT Initialization
clk
coefi_en
datai
ready
s0
s2
t 2
s1
0
12
ntaps-1


Similar Part No. - COREFIR-EV

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
CORE1553BRT MICROSEMI-CORE1553BRT Datasheet
1Mb / 65P
   HB0093 Handbook Core1553BRT v4.2
logo
Actel Corporation
CORE429-AN ACTEL-CORE429-AN Datasheet
258Kb / 22P
   ARINC 429 Bus Interface
CORE429-AR ACTEL-CORE429-AR Datasheet
258Kb / 22P
   ARINC 429 Bus Interface
CORE429-EV ACTEL-CORE429-EV Datasheet
258Kb / 22P
   ARINC 429 Bus Interface
CORE429-SN ACTEL-CORE429-SN Datasheet
258Kb / 22P
   ARINC 429 Bus Interface
More results

Similar Description - COREFIR-EV

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
PDSP16256 MITEL-PDSP16256 Datasheet
423Kb / 28P
   Programmable FIR Filter
logo
Renesas Technology Corp
HSP43168 RENESAS-HSP43168 Datasheet
851Kb / 25P
   Dual FIR Filter
July 27, 2009
logo
Intersil Corporation
HSP43168 INTERSIL-HSP43168 Datasheet
915Kb / 25P
   Dual FIR Filter
logo
Zarlink Semiconductor I...
PDSP16256 ZARLINK-PDSP16256 Datasheet
205Kb / 25P
   Programmable FIR Filter
logo
Intersil Corporation
HSP43168 INTERSIL-HSP43168_07 Datasheet
929Kb / 25P
   Dual FIR Filter
logo
Mitel Networks Corporat...
PDSP16256 MITEL-PDSP16256_98 Datasheet
268Kb / 24P
   Programmable FIR Filter
logo
Intersil Corporation
HSP43168883 INTERSIL-HSP43168883 Datasheet
180Kb / 10P
   Dual FIR Filter
logo
Zarlink Semiconductor I...
VP16256 ZARLINK-VP16256 Datasheet
459Kb / 19P
   Programmable FIR FIlter
logo
Mitel Networks Corporat...
VP16256 MITEL-VP16256 Datasheet
228Kb / 20P
   Programmable FIR Filter
logo
ATMEL Corporation
AT76C002 ATMEL-AT76C002 Datasheet
38Kb / 4P
   Programmable FIR Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com