Electronic Components Datasheet Search |
|
CORESDLC-SR Datasheet(PDF) 9 Page - Actel Corporation |
|
CORESDLC-SR Datasheet(HTML) 9 Page - Actel Corporation |
9 / 21 page CoreSDLC v4.0 9 Power Control Register (pcon) GSC Mode Register (gmod) Table 8 • pcon Register MSB LSB – – – garen xrclk gfien – – Table 9 • pcon Register Bit Functions Bit Symbol Function 7:5 – Not used 4 garen Auxiliary receive enable 1– The reception of back-to-back frames is enabled. The receiver is not disabled after receiving the EOF flag when this bit is set. 0 – Prevents reception of back-to-back frames. The receiver is disabled after receiving the EOF flag. 3 xrclk External receive clock 1 – External clock and NRZ encoding scheme used by receiver 0 – Internal clock generator and NRZI encoding used by receiver 2 gfien Flag idle enable 1 – Idle flags (01111110) are generated between transmitted frames representing the sequence 01111110 01111110. . . 0 – No idle flag generation 1:0 – Not used Note: This register has unimplemented bits (–). Unless otherwise noted, if these bits are read they will return '0'. Writing to these bits has no effect. Table 10 • gmod Register MSB LSB xtclk m1 m0 a1 ct pl1 pl0 – Table 11 • gmod Register Bit Functions Bit Symbol Function 7 xtclk External transmit clock 1 – External clock and NRZ encoding used by transmitter 0 – Internal clock generator and NRZI encoding used by transmitter 6:5 m1 m0 Mode select 00 – normal 01 – raw transmit 10 – raw receive 11 – not allowed 4 a1 Address length 1 – 16-bit addressing is used 0 – 8-bit addressing is used 3 ct The CRC type 1 – 32-bit CRC is used 0 – 16-bit CRC (CRC-CCITT) is used |
Similar Part No. - CORESDLC-SR |