Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

COREPCI-XX Datasheet(PDF) 3 Page - Actel Corporation

Part # COREPCI-XX
Description  CorePCI v5.41
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

COREPCI-XX Datasheet(HTML) 3 Page - Actel Corporation

  COREPCI-XX Datasheet HTML 1Page - Actel Corporation COREPCI-XX Datasheet HTML 2Page - Actel Corporation COREPCI-XX Datasheet HTML 3Page - Actel Corporation COREPCI-XX Datasheet HTML 4Page - Actel Corporation COREPCI-XX Datasheet HTML 5Page - Actel Corporation COREPCI-XX Datasheet HTML 6Page - Actel Corporation COREPCI-XX Datasheet HTML 7Page - Actel Corporation COREPCI-XX Datasheet HTML 8Page - Actel Corporation COREPCI-XX Datasheet HTML 9Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 42 page
background image
CorePCI v5.41
v4.0
3
CorePCI Device Requirements
Performance requirements and bus size both drive device
selection. Table 1 summarizes the device requirements. A
typical 64-bit PCI system requires at least 200 I/Os. Table 4
on page 5 shows typical pin counts. The actual number
of I/O pins depends on the user backend interface. The
table assumes the complete backend interface is
connected to I/O pins rather than internal logic. Some
applications such as PCI-UART target could only require
one backend I/O pin. Table 1 and Table 2 on page 4 are
summaries of the minimum device requirements for
various PCI size/performance options. In order to meet
the PCI timing requirements for output valid (6 ns for 66
MHz, 11 ns for 33 MHz) and input setup (3 ns for 66 MHz,
7 ns for 33 MHz) times, the speed grades shown in
Table 1 must be used. The RTSX-S, ProASIC, and
ProASICPLUS families should only be employed for 32-bit/
33 MHz PCI applications.
Table 1 • Supported Devices
Family
PCI Voltage
Smallest Device
Commercial
Industrial
Military
33 MHz 32-bit
SXA
3.3 & 5.0
A54SX16A
STD
STD
STD
RTSX-S
3.3 & 5.0
RT54SX32S
–1
–1
–1
AX
3.3
AX125
STD
STD
STD
RTAX-S
3.3
RTAX250S
STD
–1
–1
APA
3.3
APA075
STD
STD
STD
ProASIC3/E
3.3
A3P125
STD
STD
STD
33 MHz 64-Bit
SXA
3.3 & 5.0
A54SX16A
STD
STD
STD
RTSX-S
3.3 & 5.0
RT54SX32S
N/A
N/A
N/A
AX
3.3
AX125
STD
STD
STD
RTAX-S
3.3
RTAX 250S
–1
–1
–1
APA
3.3
APA075
N/A
N/A
N/A
ProASIC3/E
3.3
A3P125
STD
STD
STD
66 MHz 32-Bit
SXA
3.3 & 5.0
A54SX16A
–3
–3
N/A
RTSX-S
3.3 & 5.0
RT54SX32S
N/A
N/A
N/A
AX
3.3
AX125
–1
–1
O/R
RTAX-S
3.3
RTAX1000S
N/A
N/A
O/R
APA
3.3
APA075
N/A
N/A
N/A
ProASIC3/E
3.3
A3P125
-2
-2
N/A
66 MHz 64-Bit
SXA
3.3 & 5.0
A54SX16A
–3
–3
N/A
RTSX-S
3.3 & 5.0
RT54SX32S
N/A
N/A
N/A
AX
3.3
AX125
–1
–1
O/R
RTAX-S
3.3
RTAX1000S
N/A
N/A
O/R
APA
3.3
APA075
N/A
N/A
N/A
ProASIC3/E
3.3
A3P125
-2
-2
N/A
Notes:
1. Required speed grades based on Libero design flows.
2. N/A indicates device not supported.
3. All packages are supported.
4. O/R indicates on request.


Similar Part No. - COREPCI-XX

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
CORE1553BRT MICROSEMI-CORE1553BRT Datasheet
1Mb / 65P
   HB0093 Handbook Core1553BRT v4.2
logo
Actel Corporation
CORE429-AN ACTEL-CORE429-AN Datasheet
258Kb / 22P
   ARINC 429 Bus Interface
CORE429-AR ACTEL-CORE429-AR Datasheet
258Kb / 22P
   ARINC 429 Bus Interface
CORE429-EV ACTEL-CORE429-EV Datasheet
258Kb / 22P
   ARINC 429 Bus Interface
CORE429-SN ACTEL-CORE429-SN Datasheet
258Kb / 22P
   ARINC 429 Bus Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com