Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT3751EUFD-TR Datasheet(PDF) 11 Page - Linear Technology

Part # LT3751EUFD-TR
Description  Capacitor Charger Controller with Regulation
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3751EUFD-TR Datasheet(HTML) 11 Page - Linear Technology

Back Button LT3751EUFD-TR Datasheet HTML 7Page - Linear Technology LT3751EUFD-TR Datasheet HTML 8Page - Linear Technology LT3751EUFD-TR Datasheet HTML 9Page - Linear Technology LT3751EUFD-TR Datasheet HTML 10Page - Linear Technology LT3751EUFD-TR Datasheet HTML 11Page - Linear Technology LT3751EUFD-TR Datasheet HTML 12Page - Linear Technology LT3751EUFD-TR Datasheet HTML 13Page - Linear Technology LT3751EUFD-TR Datasheet HTML 14Page - Linear Technology LT3751EUFD-TR Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
LT3751
11
3751f
Information section for proper use of LVGATE). With the
gate driver output high, the external NMOS turns on,
forcing VTRANS – VDS(ON) across the primary winding.
Consequently, current in the primary coil rises linearly at
a rate (VTRANS – VDS(ON))/LPRI. The input voltage is mir-
rored on the secondary winding –N • (VTRANS – VDS(ON))
which reverse-biases the diode and prevents current flow
in the secondary winding. Thus, energy is stored in the
core of the transformer.
3. Secondary Energy Transfer
When current limit is reached, the current limit comparator
resets the NMOS switch latch and the device enters the
third phase of operation, secondary energy transfer. The
energy stored in the transformer core forward-biases the
diode and current flows into the output capacitor. During
this time, the output voltage (neglecting the diode drop)
is reflected back to the primary coil. If the target output
voltage is reached, the VOUT comparator resets the master
latch and the DONE pin goes low. Otherwise, the device
enters the next phase of operation.
4. Discontinuous Mode Detection
During secondary energy transfer to the output capacitor,
(VOUT + VDIODE)/N will appear across the primary wind-
ing. A transformer with no energy cannot support a DC
voltage, so the voltage across the primary will decay to
zero. In other words, the drain of the NMOS will ring
down from VTRANS + (VOUT + VDIODE)/N to VTRANS. When
the drain voltage falls to VTRANS + 20μA • RDCM, the DCM
OPERATION
Figure 3. Start-Up Protection Circuitry
Figure 4. DCM Comparator Thresholds
comparator sets the NMOS switch latch and a new charge
cycle begins. Steps 2-4 continue until the target output
voltage is reached.
Start-Up Protection
The LT3751 at start-up, when the output voltage is very low
(or shorted), usually does not have enough VDRAIN node
voltage to trip the DCM comparator. The part in start-up
mode uses the internal 26kHz clock and an auxiliary current
comparator. Figure 3 shows a simplified block diagram of
the start-up circuitry.
FROM AUXILIARY
CURRENT
COMPARATOR
3751 F03
FROM CLK
FROM GATE
DRIVER ON
FROM DCM
COMPARATOR
RESET
INCREMENT
COUNTER 2
RESET
INCREMENT
COUNTER 1
SWITCH
LATCH
START-UP
(DCM THRESHOLD = VTH1)
BELOW VTH2
(WAIT FOR TIME-OUT)
VDRAIN
3751 F04
VOUT
DCM
1-SHOT
VTH1
VTH2
V
BOUNDARY-MODE
(DCM THRESHOLD = VTH2)
t
Toggling the CHARGE pin always generates a start-up
one-shot to turn on the external switch, initiating the charg-
ing process. After the start-up one-shot, the LT3751 waits
for either the DCM comparator to generate a one-shot or
the output of the start-up protection circuitry going high,
which ever comes first. If the switch drain node, VDRAIN,
is below the DCM comparator threshold (see Entering
Normal Boundary Mode), the DCM comparator will never
fire and the start-up circuitry is dominant.


Similar Part No. - LT3751EUFD-TR

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3751 LINER-LT3751 Datasheet
233Kb / 16P
   2-Cell Supercapacitor Charger
logo
Analog Devices
LT3751 AD-LT3751 Datasheet
898Kb / 18P
   20V 1A Buck DC/DC with Integrated SCAP Charger and Backup Regulator
LT3751 AD-LT3751 Datasheet
1Mb / 16P
   Capacitor Charger Controller
logo
Linear Technology
LT3751 LINER-LT3751_15 Datasheet
527Kb / 34P
   High Voltage Capacitor Charger Controller with Regulation
More results

Similar Description - LT3751EUFD-TR

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3751 LINER-LT3751_15 Datasheet
527Kb / 34P
   High Voltage Capacitor Charger Controller with Regulation
LT3750 LINER-LT3750 Datasheet
223Kb / 16P
   Capacitor Charger Controller
logo
Analog Devices
LT3750A AD-LT3750A Datasheet
1Mb / 16P
   Capacitor Charger Controller
logo
Linear Technology
LT3750 LINER-LT3750_15 Datasheet
228Kb / 16P
   Capacitor Charger Controller
logo
Anpec Electronics Corop...
APL3202 ANPEC-APL3202 Datasheet
275Kb / 18P
   Li Battery Charger with Thermal Regulation
logo
STMicroelectronics
STBC21 STMICROELECTRONICS-STBC21 Datasheet
1Mb / 54P
   LI battery charger with thermal regulation
logo
Anpec Electronics Corop...
APL3201 ANPEC-APL3201 Datasheet
255Kb / 16P
   Li Battery Charger with Thermal Regulation
logo
FOSLINK SEMICONDUCTOR C...
FSP4054 FOSLINK-FSP4054 Datasheet
445Kb / 15P
   Standalone Linear Li-ion Battery Charger with Thermal Regulation
logo
SHOUDING Shouding Semic...
SD8003 SHOUDING-SD8003 Datasheet
1Mb / 7P
   Standalone Linear Li-Lon Battery Charger with Thermal Regulation
logo
Shenzhen Huazhimei Semi...
HM4057C HMSEMI-HM4057C Datasheet
577Kb / 10P
   Standalone Linear Li-Ion Battery Charger with Thermal Regulation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com