Electronic Components Datasheet Search |
|
2033-C0420W-61K Datasheet(PDF) 5 Page - Allen-Bradley |
|
2033-C0420W-61K Datasheet(HTML) 5 Page - Allen-Bradley |
5 / 20 page Safety Isolation System 12-5 ElectroGuard Non Combination Systems Product Selection: Remote Lockout Station ➊ Product Selection: For Outside of North America (see page 12-19 for Ordering Instructions) To order the Time Delay feature, add the following Cat. String to the end of the Cat. No. shown in the table: Example: Catalogue Number 2031-C0180H ⊗becomes Catalogue Number 2031-C0180H⊗-1TD to include the time delay feature. * Input Power Feed Catalogue Number Code The Catalogue Number as listed is incomplete. Select an Input Power Feed Code from the table below. Example: Catalogue Number 2031*-C0630H ⊗ becomes Catalogue Number 2031T-C0630H⊗ for a “Top Feed” input power requirement. ! Bussing Designation The Catalogue Number as listed is incomplete. Select a Bussing Designation Code from the table. Example: Catalogue Number 2031-!0085H ⊗ becomes Catalogue Number 2031-E0085H⊗ for “600A Line Side Incoming Bus and Outgoing Power Cables” bussing designation. ⊗ Input Line Voltage Code The Catalogue Number as listed is incomplete. Select an Input Line Voltage Code from the table below. Example: Catalogue Number 2031-C0085P ⊗ becomes Catalogue Number 2031-C0085PN for a 380V 50Hz Input Line Voltage application. Product Selection: Remote Lockout Station ➊ ➊ Safety Isolation Systems rated up through 85A can support a maximum of four (4) Remote Lockout Stations (RLS). Systems rated from 110A - 1200A can support a maximum of six (6) RLS. If additional RLS are required, order the optional Expansion Module(s) (see page 12-16). ➋ Optional Time Delay Feature. The Safety Isolation System may be ordered with a factory set time delay feature (30 seconds) in order to allow time for the machine operator to shut-down drives or other equipment that requires a controlled stop, after the operating handle on a Remote Lockout Station has been moved to the “Off” position. Consult your local Rockwell Automation sales office for other time settings. ➌ Bus Type: Copper with tin plating. Consult factory for other types of bussing. “System Isolated” Light Colour Catalogue Number Type 1 General Purpose Enclosure Type 12 Dust tight Enclosure Type 4 Watertight Painted Steel Enclosure Type 4X Watertight Stainless Steel Enclosure White 2030-RLSAW 2030-RLSJW 2030-RLSFW 2030-RLSCW Ampere Rating (AC-3) 3-Phase Max. kW Rating (50Hz) Catalogue Number ➋ 230V 400V 500V 600V IP 30 Enclosure IP 54 Enclosure IP 54 Motor Control Centre Type Enclosure (w/bussing) IP 65 Enclosure 23 7.5 11 11 11 2031-C0023P ⊗ 2031-C0023H ⊗ 2031-!0023H ⊗ 2031-C0023W ⊗ 43 13 22 22 22 2031-C0043P ⊗ 2031-C0043H ⊗ 2031-!0043H ⊗ 2031-C0043W ⊗ 85 25 45 45 45 2031-C0085P ⊗ 2031-C0085H ⊗ 2031-!0085H ⊗ 2031-C0085W ⊗ 110 32 55 63 100 2031-C0110P ⊗ 2031-C0110H ⊗ 2031-!0110H ⊗ 2031-C0110W ⊗ 180 55 90 110 160 2031-C0180P ⊗ 2031-C0180H ⊗ 2031-!0180H ⊗ 2031-C0180W ⊗ 210 63 110 150 200 2031-C0210P ⊗ 2031-C0210H ⊗ 2031-!0210H ⊗ 2031-C0210W ⊗ 300 90 160 200 300 2031-C0300P ⊗ 2031-C0300H ⊗ 2031-!0300H ⊗ 2031-C0300W ⊗ 420 132 220 300 425 2031-C0420P ⊗ 2031-C0420H ⊗ 2031-!0420H ⊗ 2031-C0420W ⊗ 630 200 355 450 500 2031*-C0630P ⊗ 2031*-C0630H ⊗ 2031-!0630H ⊗ 2031*-C0630W ⊗ 860 250 500 560 600 2031*-C0860P ⊗ 2031*-C0860H ⊗ 2031-!0860H ⊗ 2031*-C0860W ⊗ 1200 391 710 888 1043 2031*-C1200P ⊗ 2031*-C1200H ⊗ 2031-!1200H ⊗ 2031*-C1200W ⊗ Factory set 30 second time delay feature: -1TD Input Power Feed Catalogue Number Code Top Feed T Bottom Feed B Type of Bussing ➌ Catalogue Number Code 600A Line Side Incoming Bus and Outgoing Power Cables E 1200A Line Side Incoming Bus and Outgoing Power Cables D Line Side Incoming Power Cables and 600A Load Side Outgoing Bus H Line Side Incoming Power Cables and 1200A Load Side Outgoing Bus R Input Line Voltage 220V 50HZ 380-400V 50Hz 400-415V 50Hz 440V 50Hz 500V 50Hz 550V 50Hz Voltage Code for Catalogue Number A N G B M C “System Isolated” Light Colour Catalogue Number IP 30 Enclosure IP 54 Enclosure IP 65 Enclosure Green 2030-RLSPG 2030-RLSHG 2030-RLSWG |
Similar Part No. - 2033-C0420W-61K |
|
Similar Description - 2033-C0420W-61K |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |