Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

COREU1LL-SN Datasheet(PDF) 4 Page - Actel Corporation

Part # COREU1LL-SN
Description  CoreU1LL UTOPIA Level 1 Link-Layer Interface
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

COREU1LL-SN Datasheet(HTML) 4 Page - Actel Corporation

  COREU1LL-SN Datasheet HTML 1Page - Actel Corporation COREU1LL-SN Datasheet HTML 2Page - Actel Corporation COREU1LL-SN Datasheet HTML 3Page - Actel Corporation COREU1LL-SN Datasheet HTML 4Page - Actel Corporation COREU1LL-SN Datasheet HTML 5Page - Actel Corporation COREU1LL-SN Datasheet HTML 6Page - Actel Corporation COREU1LL-SN Datasheet HTML 7Page - Actel Corporation COREU1LL-SN Datasheet HTML 8Page - Actel Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
CoreU1LL UTOPIA Level 1 Link-Layer Interface
4
v4.0
"write" interface. Conversely, the CoreU1LL accepts a
standard 54-byte cell at the user "read" interface and
drops the sixth byte during the transfer to the egress (Tx)
interface. If xlate is high, no translation is performed; 54-
byte cells are transferred on all interfaces.
The user interface is divided into write (Rx) and read (Tx)
interfaces. The control signals and data for the write
interface are associated with the u1_rx_clk, while control
signals and data for the read interface are associated
with the u1_tx_clk.
Each interface is controlled from the user logic by the
w_avail and r_avail signals, respectively.
When the cell buffer or user logic is ready to receive or
send a cell on either interface, the user must assert
x_avail high. In turn, this causes the CoreU1LL to assert
u1_x_en to the PHY-Layer device provided that u1_x_clav
is asserted (high).
Write Interface
Whenever the CoreU1LL asserts u1_rx_en low, the
w_phy_act signal is asserted high to indicate that the
ingress user interface is active. The w_enable signal will
remain low until the link-layer begins to transfer a cell.
Since the CoreU1LL translates from 8-bit data at the
UTOPIA interface to 16-bit data at the user interface,
w_enable is asserted for one clock cycle while a data
word is valid. W_adr is incremented on the next rising-
edge of u1_rx_clk, and then w_enable is deasserted for
one clock cycle (except during insertion of the UDF2
byte, as shown in Figure 8). W_adr increments from 00 to
1B hex (27 words).
Once a complete 54-byte cell has been written to the
user interface (w_adr = 1B hex and w_enable high),
w_adr will reset to 00 hex, and w_enable will be
deasserted. If either u1_rx_clav or w_avail are deasserted
(low), then the CoreU1LL deselects the PHY-Layer device
and w_phy_act returns low (inactive). On the other hand,
if the PHY-Layer device is prepared to send another cell
(u1_rx_clav is high) and user logic is able to accept
another cell (w_avail remains high), the w_phy_act signal
remains active (high), and the CoreU1LL block accepts a
back-to-back cell from the PHY-Layer device. The
CoreU1LL will wait for the PHY-Layer to assert u1_rx_soc
and then begins asserting w_enable during each valid
data word and incrementing w_adr (Figure 8).
Read Interface (Egress)
When r_avail is asserted high at the user interface and
the u1_tx_en signal is asserted low by the CoreU1LL, the
CoreU1LL begins accepting data on the user interface.
Once a cell transfer has begun, the CoreU1LL transfers 27
words of data regardless of the state of r_avail. The
CoreU1LL asserts r_buf_en high, expecting to accept data
at the r_data inputs on the next rising-edge of u1_tx_clk,
as illustrated in Figure 9 on page 4.
The CoreU1LL provides r_adr as a word count (00 to 1B
hex) and increments whenever the core accepts data at
the r_data pins. Since the CoreU1LL translates from 16-
bit data at the user interface to 8-bit data at the UTOPIA
interface, r_buf_en is asserted for one clock cycle. Data is
accepted on the following rising edge of u1_tx_clk, and
the r_adr is incremented.
Then r_buf_en is deasserted for one clock cycle, except
after the third data word when xlate is low (53-byte
mode), or when a back-to-back read operation is needed
in order to get the first payload byte in time.
The cycle is repeated until r_adr reaches 1B hex and the
last two bytes of the ATM cell are sent. At this point
r_adr is reset to 00 hex. If r_avail indicates that another
cell is immediately available, and u1_tx_clav remains
high, the CoreU1LL will immediately begin sending the
next cell (Figure 10 on page 5). Otherwise r_buf_en
remains low until the CoreU1LL begins to transmit
another cell.
Figure 8 • Write Interface Cell Transfer
u1_rx_clk
u1_rx_clav
u1_rx_en
w_enable
w_data
u1_rx_soc
u1_rx_data
w_phy_act
XX
H1
H2
H3 H4
H5
P1
P2
P3
XX
XX
XX
H1H2
H3H4 H5H5
P1P2
w_adr
00
02
01
03
Figure 9 • Read Interface Cell Transfer
u1_tx_cl
u1_tx_cla
u1_tx_en
r_buf_en
r_data
u1_tx_soc
u1_tx_data
XX
H1
H2
H3
H4
H5
P1
P2
00
01
02
03
04
H1H2
H3H4
XX
H5H6
P1P2
r_adr


Similar Part No. - COREU1LL-SN

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
COREU1PHY-AN ACTEL-COREU1PHY-AN Datasheet
100Kb / 8P
   CoreU1PHY - UTOPIA Level 1 PHY Interface
COREU1PHY-AR ACTEL-COREU1PHY-AR Datasheet
100Kb / 8P
   CoreU1PHY - UTOPIA Level 1 PHY Interface
COREU1PHY-EV ACTEL-COREU1PHY-EV Datasheet
100Kb / 8P
   CoreU1PHY - UTOPIA Level 1 PHY Interface
COREU1PHY-SN ACTEL-COREU1PHY-SN Datasheet
100Kb / 8P
   CoreU1PHY - UTOPIA Level 1 PHY Interface
COREU1PHY-SR ACTEL-COREU1PHY-SR Datasheet
100Kb / 8P
   CoreU1PHY - UTOPIA Level 1 PHY Interface
More results

Similar Description - COREU1LL-SN

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
COREU1PHY-XX ACTEL-COREU1PHY-XX Datasheet
100Kb / 8P
   CoreU1PHY - UTOPIA Level 1 PHY Interface
logo
List of Unclassifed Man...
IDT77010 ETC1-IDT77010 Datasheet
141Kb / 21P
   Data Path Interface to Utopia Level 1 Translation Device
logo
Renesas Technology Corp
IDT77010 RENESAS-IDT77010 Datasheet
301Kb / 22P
   Data Path Interface (DPI) to Utopia Level 1 Translation Device
June 24, 2002
logo
List of Unclassifed Man...
IDT77V012 ETC1-IDT77V012 Datasheet
677Kb / 46P
   Data Path Interface to UTOPIA Level 1 Header Translation Device
logo
Renesas Technology Corp
IDT77V012 RENESAS-IDT77V012 Datasheet
887Kb / 47P
   Data Path Interface (DPI) to UTOPIA Level 1 Header Translation Device
March 26, 2001
logo
List of Unclassifed Man...
IDT77V011 ETC1-IDT77V011 Datasheet
742Kb / 43P
   Data Path Interface to Utopia Level 2 Translation Device
logo
Actel Corporation
MC-ACT-HDLC-NET ACTEL-MC-ACT-HDLC-NET Datasheet
276Kb / 5P
   UTOPIA Level 3 PHY
logo
Renesas Technology Corp
IDT77V011 RENESAS-IDT77V011 Datasheet
950Kb / 44P
   Data Path Interface (DPI) to Utopia Level 2 Translation Device
March 15, 2001
logo
Synaptics Incorporated.
CN8223 CONEXANT-CN8223 Datasheet
1Mb / 161P
   ATM Transmitter/Receiver with UTOPIA Interface
logo
NXP Semiconductors
PDI1394P25 PHILIPS-PDI1394P25 Datasheet
232Kb / 44P
   1-port 400 Mbps physical layer interface
2001 Sep 06
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com