Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT3742 Datasheet(PDF) 2 Page - Linear Technology

Part # LT3742
Description  Dual, 2-Phase Step-Down Switching Controller
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3742 Datasheet(HTML) 2 Page - Linear Technology

  LT3742 Datasheet HTML 1Page - Linear Technology LT3742 Datasheet HTML 2Page - Linear Technology LT3742 Datasheet HTML 3Page - Linear Technology LT3742 Datasheet HTML 4Page - Linear Technology LT3742 Datasheet HTML 5Page - Linear Technology LT3742 Datasheet HTML 6Page - Linear Technology LT3742 Datasheet HTML 7Page - Linear Technology LT3742 Datasheet HTML 8Page - Linear Technology LT3742 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
LT3742
2
3742f
ABSOLUTE MAXIMUM RATINGS
VIN Voltage................................................................30V
UVLO Voltage............................................................30V
PG1, PG2 Voltage .....................................................30V
SWB, BIAS Voltage ...................................................40V
SENSE1+, SENSE2+ Voltage......................................30V
SENSE1, SENSE2Voltage......................................30V
RUN/SS1, RUN/SS2 Voltage .......................................6V
FB1, FB2 Voltage.........................................................6V
VC1, VC2 Voltage..........................................................6V
Junction Temperature ........................................... 125°C
Operating Junction Temperature Range
(Note 2).................................................. –40°C to 125°C
Storage Temperature Range................... –65°C to 125°C
(Note 1)
ELECTRICAL CHARACTERISTICS The denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 5V unless otherwise specified.
PIN CONFIGURATION
24 23 22 21 20 19
7
8
9
TOP VIEW
25
UF PACKAGE
24-LEAD (4mm
× 4mm) PLASTIC QFN
10 11 12
6
5
4
3
2
1
13
14
15
16
17
18
G1
VIN
UVLO
BIAS
SWB
G2
VC1
PG1
RUN/SS1
RUN/SS2
PG2
VC2
TJMAX = 125°C, θJA = 36°C/W
EXPOSED PAD (PIN 25) IS GND, MUST BE SOLDERED TO PCB
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT3742EUF#PBF
LT3742EUF#TRPBF
3742
24-Lead (4mm
× 4mm) Plastic QFN
–40°C to 125°C (Note 2)
Consult LTC Marketing for parts specified with wider operating temperature ranges.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Minimum Operating Input Voltage
VUVLO = 1.5V
3.5
4.0
V
Quiescent Current
VRUN/SS1 = VRUN/SS2 = VFB1 = VFB2 = 1V
5.0
7.0
mA
Shutdown Current
VRUN/SS1 = VRUN/SS2 = 0V
20
35
μA
UVLO Pin Threshold
UVLO Pin Voltage Rising
1.20
1.24
1.28
V
UVLO Pin Hysteresis Current
VUVLO = 1V, Current Flows Into Pin
1.8
2.7
4
μA
RUN/SS Pin Threshold
0.2
0.6
V
RUN/SS Pin Charge Current
VRUN/SS = 0V
0.5
0.9
1.5
μA
FB Pin Voltage
0.788
0.800
0.812
V
FB Pin Voltage Line Regulation
VIN = 5V to 30V
0.01
%/V


Similar Part No. - LT3742

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3742 LINER-LT3742 Datasheet
312Kb / 26P
   Dual, 2-Phase Step-Down Switching Controller Programmable Soft-Start
LT3742 LINER-LT3742_1 Datasheet
312Kb / 26P
   Dual, 2-Phase Step-Down Switching Controller Programmable Soft-Start
LT3742 LINER-LT3742_15 Datasheet
317Kb / 26P
   Dual, 2-Phase Step-Down Switching Controller
More results

Similar Description - LT3742

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3742 LINER-LT3742_15 Datasheet
317Kb / 26P
   Dual, 2-Phase Step-Down Switching Controller
LTC3850 LINER-LTC3850_15 Datasheet
595Kb / 38P
   Dual, 2-Phase Synchronous Step-Down Switching Controller
LTC3850-2 LINER-LTC3850-2 Datasheet
401Kb / 36P
   Dual, 2-Phase Synchronous Step-Down Switching Controller
LTC3850 LINER-LTC3850 Datasheet
522Kb / 36P
   Dual, 2-Phase Synchronous Step-Down Switching Controller
LTC3850EUFDTRPBF LINER-LTC3850EUFDTRPBF Datasheet
595Kb / 38P
   Dual, 2-Phase Synchronous Step-Down Switching Controller
LTC3850-2 LINER-LTC3850-2_15 Datasheet
413Kb / 36P
   Dual, 2-Phase Synchronous Step-Down Switching Controller
LTC3850-1 LINER-LTC3850-1_15 Datasheet
595Kb / 38P
   Dual, 2-Phase Synchronous Step-Down Switching Controller
LT3742 LINER-LT3742_1 Datasheet
312Kb / 26P
   Dual, 2-Phase Step-Down Switching Controller Programmable Soft-Start
LTC3828 LINER-LTC3828 Datasheet
396Kb / 32P
   Dual 2-Phase Step-Down Controller with Tracking
LTC3828 LINER-LTC3828_15 Datasheet
384Kb / 32P
   Dual, 2-Phase Step-Down Controller with Tracking
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com