Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A1240A-1PQ176I Datasheet(PDF) 8 Page - Actel Corporation

Part # A1240A-1PQ176I
Description  ACT2 Family FPGAs
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

A1240A-1PQ176I Datasheet(HTML) 8 Page - Actel Corporation

Back Button A1240A-1PQ176I Datasheet HTML 4Page - Actel Corporation A1240A-1PQ176I Datasheet HTML 5Page - Actel Corporation A1240A-1PQ176I Datasheet HTML 6Page - Actel Corporation A1240A-1PQ176I Datasheet HTML 7Page - Actel Corporation A1240A-1PQ176I Datasheet HTML 8Page - Actel Corporation A1240A-1PQ176I Datasheet HTML 9Page - Actel Corporation A1240A-1PQ176I Datasheet HTML 10Page - Actel Corporation A1240A-1PQ176I Datasheet HTML 11Page - Actel Corporation A1240A-1PQ176I Datasheet HTML 12Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
ACT 2 Fam i l y FP G A s
8v4.0
Pa ra m e t e r Me asu r em en t
O u t put Buf f e r De lay s
A C T e s t Lo ads
Inp u t B u ffer D e l a y s
Modu l e D e l a y s
To AC test loads (shown below)
D
E
TRIBUFF
In
VCC
GND
50%
PAD
VOL
VOH
1.5 V
tDLH
50%
1.5 V
tDHL
E
VCC
GND
50%
PAD
VOL
1.5 V
tENZL
50%
10%
tENLZ
E
VCC
GND
50%
PAD
GND
VOH
1.5 V
tENZH
50%
90%
tENHZ
VCC
PAD
Load 1
(Used to measure propagation delay)
Load 2
(Used to measure rising/falling edges)
50 pF
To the output under test
VCC
GND
50 pF
To the output under test
R to VCC for tPLZ/tPZL
R to GND for tPHZ/tPZH
R = 1 k
Y
INBUF
PAD
3 V
0 V
1.5 V
Y
GND
VCC
50%
tINYH
1.5 V
50%
tINYL
PAD
S
A
B
Y
S, A or B
Y
GND
VCC
50%
tPLH
Y
GND
GND
VCC
50%
50%
50%
VCC
50%
50%
tPHL
tPHL
tPLH


Similar Part No. - A1240A-1PQ176I

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
A1240A-1PQ176I MICROSEMI-A1240A-1PQ176I Datasheet
2Mb / 54P
   ACT 2 Family FPGAs
More results

Similar Description - A1240A-1PQ176I

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A54SX16 ETC1-A54SX16 Datasheet
415Kb / 57P
   54SX Family FPGAs
logo
Actel Corporation
A54SX08 ACTEL-A54SX08 Datasheet
503Kb / 64P
   SX Family FPGAs
EX128-PTQG100 ACTEL-EX128-PTQG100 Datasheet
433Kb / 49P
   eX Family FPGAs
logo
List of Unclassifed Man...
EX128 ETC1-EX128 Datasheet
307Kb / 36P
   eX Family FPGAs
logo
Microsemi Corporation
AX250-PQ208I MICROSEMI-AX250-PQ208I Datasheet
13Mb / 262P
   Axcelerator Family FPGAs
AX500-PQ208I MICROSEMI-AX500-PQ208I Datasheet
13Mb / 262P
   Axcelerator Family FPGAs
logo
Actel Corporation
A54SX32-TQ144 ACTEL-A54SX32-TQ144 Datasheet
504Kb / 64P
   SX Family FPGAs
A54SX08-TQ176 ACTEL-A54SX08-TQ176 Datasheet
504Kb / 64P
   SX Family FPGAs
AX1000-1FGG896I ACTEL-AX1000-1FGG896I Datasheet
2Mb / 226P
   Axcelerator Family FPGAs
A54SX16-P2PQG208 ACTEL-A54SX16-P2PQG208 Datasheet
504Kb / 64P
   SX Family FPGAs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com