Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A1010B-1CQ84B Datasheet(PDF) 9 Page - Actel Corporation

Part # A1010B-1CQ84B
Description  ACT 1 Series FPGAs
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

A1010B-1CQ84B Datasheet(HTML) 9 Page - Actel Corporation

Back Button A1010B-1CQ84B Datasheet HTML 5Page - Actel Corporation A1010B-1CQ84B Datasheet HTML 6Page - Actel Corporation A1010B-1CQ84B Datasheet HTML 7Page - Actel Corporation A1010B-1CQ84B Datasheet HTML 8Page - Actel Corporation A1010B-1CQ84B Datasheet HTML 9Page - Actel Corporation A1010B-1CQ84B Datasheet HTML 10Page - Actel Corporation A1010B-1CQ84B Datasheet HTML 11Page - Actel Corporation A1010B-1CQ84B Datasheet HTML 12Page - Actel Corporation A1010B-1CQ84B Datasheet HTML 13Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
1-291
ACT 1 Series FPGAs
Functional Timing Tests
AC timing for logic module internal delays is determined
after place and route. The DirectTime Analyzer utility
displays actual timing parameters for circuit delays. ACT 1
devices are AC tested to a “binning” circuit specification.
The circuit consists of one input buffer + n logic modules +
one output buffer (n = 16 for A1010B; n = 28 for A1020B). The
logic modules are distributed along two sides of the device, as
inverting or non-inverting buffers. The modules are
connected through programmed antifuses with typical
capacitive loading.
Propagation delay [tPD = (tPLH + tPHL)/2] is tested to the
following AC test specifications.
Output Buffer Performance Derating (5V)
Note:
The above curves are based on characterizations of sample devices and are not completely tested on all devices.
Output Buffer Performance Derating (3.3V)
Note:
The above curves are based on characterizations of sample devices and are not completely tested on all devices.
Sink
12
10
8
6
4
0.2
0.3
0.4
0.5
0.6
VOL (Volts)
Source
–4
–6
–8
–10
–12
4.0
3.6
3.2
2.8
2.4
VOH (Volts)
2.0
Military, worst-case values at 125
°C, 4.5 V.
Commercial, worst-case values at 70
°C, 4.75 V.
Sink
12
10
8
6
4
0.0
0.1
0.2
0.3
0.4
VOL (Volts)
Source
–4
–6
–8
–10
–12
0
0.5
1.0
1.5
2.0
VOH (Volts)
2.5
Commercial, worst-case values at 70
°C, 4.75 V.


Similar Part No. - A1010B-1CQ84B

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
A1010B-1PG84B ACTEL-A1010B-1PG84B Datasheet
1Mb / 98P
   HiRel FPGAs
A1010B-1PG84B ACTEL-A1010B-1PG84B Datasheet
1Mb / 98P
   Highly Predictable Performance with 100% Automatic Placement and Routing
A1010B-1PL68C ACTEL-A1010B-1PL68C Datasheet
1Mb / 98P
   HiRel FPGAs
More results

Similar Description - A1010B-1CQ84B

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
A1020B-PL84C ACTEL-A1020B-PL84C Datasheet
172Kb / 24P
   ACT??1 Series FPGAs
logo
Microsemi Corporation
A1020B-PL68I MICROSEMI-A1020B-PL68I Datasheet
172Kb / 24P
   ACT 1 Series FPGAs
logo
Actel Corporation
A1010B-2PL44I ACTEL-A1010B-2PL44I Datasheet
172Kb / 24P
   ACT 1 Series FPGAs
A1020B-CQ84M ACTEL-A1020B-CQ84M Datasheet
172Kb / 24P
   ACT 1 Series FPGAs
A1010B-2PLG6 ACTEL-A1010B-2PLG6 Datasheet
172Kb / 24P
   ACT 1 Series FPGAs
A1010B-PL68C ACTEL-A1010B-PL68C Datasheet
172Kb / 24P
   ACT??1 Series FPGAs
A14100A-RQ208C ACTEL-A14100A-RQ208C Datasheet
479Kb / 68P
   Accelerator Series FPGAs - ACT 3Family
logo
Microsemi Corporation
A1280A-PL84C MICROSEMI-A1280A-PL84C Datasheet
2Mb / 54P
   ACT 2 Family FPGAs
A1240A-1PG132C MICROSEMI-A1240A-1PG132C Datasheet
2Mb / 54P
   ACT 2 Family FPGAs
A1280A-1PQ160I MICROSEMI-A1280A-1PQ160I Datasheet
2Mb / 54P
   ACT 2 Family FPGAs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com