Electronic Components Datasheet Search |
|
A54SX08P-2TQ208I Datasheet(PDF) 6 Page - Actel Corporation |
|
A54SX08P-2TQ208I Datasheet(HTML) 6 Page - Actel Corporation |
6 / 64 page SX Family FPGAs 1- 2 v3.2 The R-cell contains a flip-flop featuring asynchronous clear, asynchronous preset, and clock enable (using the S0 and S1 lines) control signals (Figure 1-2). The R-cell registers feature programmable clock polarity selectable on a register-by-register basis. This provides additional flexibility while allowing mapping of synthesized functions into the SX FPGA. The clock source for the R-cell can be chosen from either the hardwired clock or the routed clock. The C-cell implements a range of combinatorial functions up to 5-inputs (Figure 1-3 on page 1-3). Inclusion of the DB input and its associated inverter function dramatically increases the number of combinatorial functions that can be implemented in a single module from 800 options in previous architectures to more than 4,000 in the SX architecture. An example of the improved flexibility enabled by the inversion capability is the ability to integrate a 3-input exclusive-OR function into a single C-cell. This facilitates construction of 9-bit parity-tree functions with 2 ns propagation delays. At the same time, the C-cell structure is extremely synthesis friendly, simplifying the overall design and reducing synthesis time. Figure 1-1 • SX Family Interconnect Elements Figure 1-2 • R-Cell Silicon Substrate Tungsten Plug Contact Metal 1 Metal 2 Metal 3 Routing Tracks Amorphous Silicon/ Dielectric Antifuse Tungsten Plug Via Tungsten Plug Via Direct Connect Input CLKA, CLKB, Internal Logic HCLK CKS CKP CLRB PSETB Y DQ Routed Data Input S0 S1 |
Similar Part No. - A54SX08P-2TQ208I |
|
Similar Description - A54SX08P-2TQ208I |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |