Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT3685IDD-PBF Datasheet(PDF) 8 Page - Linear Technology

Part # LT3685IDD-PBF
Description  36V, 2A, 2.4MHz Step-Down Switching Regulator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3685IDD-PBF Datasheet(HTML) 8 Page - Linear Technology

Back Button LT3685IDD-PBF Datasheet HTML 4Page - Linear Technology LT3685IDD-PBF Datasheet HTML 5Page - Linear Technology LT3685IDD-PBF Datasheet HTML 6Page - Linear Technology LT3685IDD-PBF Datasheet HTML 7Page - Linear Technology LT3685IDD-PBF Datasheet HTML 8Page - Linear Technology LT3685IDD-PBF Datasheet HTML 9Page - Linear Technology LT3685IDD-PBF Datasheet HTML 10Page - Linear Technology LT3685IDD-PBF Datasheet HTML 11Page - Linear Technology LT3685IDD-PBF Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
LT3505
8
3505fc
BLOCK DIAGRAM
7
Σ
R
DRIVER
Q1
S
OSC
SLOPE
COMP
FREQUENCY
FOLDBACK
INT REG
AND
UVLO
VC
gm
780mV
3505 BD
5
3
4
Q
Q
1
2
BOOST
SW
FB
R2
R1
VOUT
L1
D2
C3
C1
D1
VIN
C2
VIN
ON OFF
GND
6
RT
8
VC
C4
R3
SHDN
OPERATION (Refer to Block Diagram)
The LT3505 is a constant frequency, current mode step-
downregulator.Aresistor-programmedoscillatorenables
an RS flip-flop, turning on the internal 1.4A power switch
Q1. An amplifier and comparator monitor the current
flowing between the VIN and SW pins, turning the switch
off when this current reaches a level determined by the
voltage at the VC pin. An error amplifier measures the
output voltage through an external resistor divider tied to
the FB pin and servos the VC node. If the error amplifier’s
output increases, more current is delivered to the output;
if it decreases, less current is delivered. An active clamp
(not shown) on the VC node provides current limit. The
VC node is also clamped to the voltage on the SHDN pin;
soft-start is implemented by generating a voltage ramp at
the SHDN pin using an external resistor and capacitor.
Aninternalregulatorprovidespowertothecontrolcircuitry.
This regulator includes an undervoltage lockout to prevent
switching when VIN is less than ~3.4V. The SHDN pin is
used to place the LT3505 in shutdown, disconnecting the
output and reducing the input current to less than 2µA.
The switch driver operates from either the input or from
the BOOST pin. An external capacitor and diode are used
to generate a voltage at the BOOST pin that is higher than
the input supply. This allows the driver to fully saturate
the internal bipolar NPN power switch for efficient opera-
tion.
When the FB pin is low, the voltage at the RT pin decreases
toreducetheoscillatorfrequency.Thisfrequencyfoldback
helps to control the output current during start-up and
overload.


Similar Part No. - LT3685IDD-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3685 LINER-LT3685 Datasheet
2Mb / 28P
   36V, 4A, 1.5MHz Synchronous Step-Down Switching Regulator
LT3685 LINER-LT3685 Datasheet
301Kb / 24P
   36V 500mA Step-Down Regulator and 200mA LDO
LT3685EMSE LINER-LT3685EMSE Datasheet
281Kb / 24P
   36V, 2A, 2.4MHz Step-Down Switching Regulator
LT3685 LINER-LT3685_15 Datasheet
281Kb / 24P
   36V, 2A, 2.4MHz Step-Down Switching Regulator
More results

Similar Description - LT3685IDD-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3685 LINER-LT3685_15 Datasheet
281Kb / 24P
   36V, 2A, 2.4MHz Step-Down Switching Regulator
LT3685EMSE LINER-LT3685EMSE Datasheet
281Kb / 24P
   36V, 2A, 2.4MHz Step-Down Switching Regulator
LT3693 LINER-LT3693_15 Datasheet
313Kb / 24P
   36V, 3.5A, 2.4MHz Step-Down Switching Regulator
LT3693 LINER-LT3693 Datasheet
310Kb / 24P
   36V, 3.5A, 2.4MHz Step-Down Switching Regulator
LT3480 LINER-LT3480_15 Datasheet
384Kb / 24P
   36V, 2A, 2.4MHz Step-Down Switching Regulator with 70A Quiescent Current
LT3480 LINER-LT3480 Datasheet
298Kb / 24P
   36V, 2A, 2.4MHz Step-Down Switching Regulator with 70關A Quiescent Current
LT3684 LINER-LT3684_15 Datasheet
336Kb / 24P
   36V, 2A, 2.8MHz Step-Down Switching Regulator
LT1912 LINER-LT1912 Datasheet
310Kb / 24P
   36V, 2A, 500kHz Step-Down Switching Regulator
LT3684 LINER-LT3684 Datasheet
330Kb / 24P
   36V, 2A, 2.8MHz Step-Down Switching Regulator
LT1912 LINER-LT1912_15 Datasheet
375Kb / 24P
   36V, 2A, 500kHz Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com