Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U1AFS600-FG256 Datasheet(PDF) 8 Page - Actel Corporation

Part # U1AFS600-FG256
Description  Actel Fusion Mixed-Signal FPGA
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

U1AFS600-FG256 Datasheet(HTML) 8 Page - Actel Corporation

Back Button U1AFS600-FG256 Datasheet HTML 4Page - Actel Corporation U1AFS600-FG256 Datasheet HTML 5Page - Actel Corporation U1AFS600-FG256 Datasheet HTML 6Page - Actel Corporation U1AFS600-FG256 Datasheet HTML 7Page - Actel Corporation U1AFS600-FG256 Datasheet HTML 8Page - Actel Corporation U1AFS600-FG256 Datasheet HTML 9Page - Actel Corporation U1AFS600-FG256 Datasheet HTML 10Page - Actel Corporation U1AFS600-FG256 Datasheet HTML 11Page - Actel Corporation U1AFS600-FG256 Datasheet HTML 12Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
Fusion Device Family Overview
1- 4
Prel i minary v0 .4
Advanced Flash Technology
The Fusion family offers many benefits, including nonvolatility and reprogrammability through an
advanced flash-based, 130-nm LVCMOS process with seven layers of metal. Standard CMOS design
techniques are used to implement logic and control functions. The combination of fine granularity,
enhanced flexible routing resources, and abundant flash switches allows very high logic utilization
(much higher than competing SRAM technologies) without compromising device routability or
performance. Logic functions within the device are interconnected through a four-level routing
hierarchy.
Advanced Architecture
The proprietary Fusion architecture provides granularity comparable to standard-cell ASICs. The
Fusion device consists of several distinct and programmable architectural features, including the
following (Figure 1-1 on page 1-6):
Embedded memories
Flash memory blocks
–FlashROM
SRAM and FIFO
Clocking resources
PLL and CCC
RC oscillator
Crystal oscillator
No-Glitch MUX (NGMUX)
Digital I/Os with advanced I/O standards
FPGA VersaTiles
Analog components
ADC
Analog I/Os supporting voltage, current, and temperature monitoring
1.5 V on-board voltage regulator
Real-time counter
The FPGA core consists of a sea of VersaTiles. Each VersaTile can be configured as a three-input
logic lookup table (LUT) equivalent or a D-flip-flop or latch (with or without enable) by
programming the appropriate flash switch interconnections. This versatility allows efficient use of
the FPGA fabric. The VersaTile capability is unique to the Actel families of flash-based FPGAs.
VersaTiles and larger functions are connected with any of the four levels of routing hierarchy. Flash
switches are distributed throughout the device to provide nonvolatile, reconfigurable interconnect
programming. Maximum core utilization is possible for virtually any design.
In addition, extensive on-chip programming circuitry allows for rapid (3.3 V) single-voltage
programming of Fusion devices via an IEEE 1532 JTAG interface.


Similar Part No. - U1AFS600-FG256

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
U1AFS600-FG256 ACTEL-U1AFS600-FG256 Datasheet
765Kb / 27P
   3 - DC and Power Characteristics
More results

Similar Description - U1AFS600-FG256

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
M7AFS600-1FGG256I ACTEL-M7AFS600-1FGG256I Datasheet
10Mb / 318P
   Actel Fusion Mixed-Signal FPGAs
logo
Microsemi Corporation
M1AFS600-PQ208 MICROSEMI-M1AFS600-PQ208 Datasheet
18Mb / 334P
   Fusion Family of Mixed Signal FPGAs
AFS600-FGG484 MICROSEMI-AFS600-FGG484 Datasheet
18Mb / 334P
   Fusion Family of Mixed Signal FPGAs
AFS1500-FGG484 MICROSEMI-AFS1500-FGG484 Datasheet
18Mb / 334P
   Fusion Family of Mixed Signal FPGAs
AFS090 MICROSEMI-AFS090 Datasheet
17Mb / 334P
   Fusion Family of Mixed Signal FPGAs
logo
Texas Instruments
MSP430F11X TI-MSP430F11X Datasheet
473Kb / 29P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X31X TI-MSP430X31X Datasheet
399Kb / 30P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLERS
MSP430F249-EP TI-MSP430F249-EP Datasheet
1Mb / 81P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F543X TI-MSP430F543X_11 Datasheet
981Kb / 99P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430FE42X TI-MSP430FE42X_10 Datasheet
975Kb / 51P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com