Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT3680 Datasheet(PDF) 10 Page - Linear Technology

Part # LT3680
Description  36V, 3.5A, 2.4MHz Step-Down Switching Regulator with 75關A Quiescent Current
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3680 Datasheet(HTML) 10 Page - Linear Technology

Back Button LT3680 Datasheet HTML 6Page - Linear Technology LT3680 Datasheet HTML 7Page - Linear Technology LT3680 Datasheet HTML 8Page - Linear Technology LT3680 Datasheet HTML 9Page - Linear Technology LT3680 Datasheet HTML 10Page - Linear Technology LT3680 Datasheet HTML 11Page - Linear Technology LT3680 Datasheet HTML 12Page - Linear Technology LT3680 Datasheet HTML 13Page - Linear Technology LT3680 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
LT3680
10
3680fa
operating input voltage. Conversely, a lower switching
frequency will be necessary to achieve safe operation at
high input voltages.
If the output is in regulation and no short-circuit, start-
up, or overload events are expected, then input voltage
transients of up to 36V are acceptable regardless of the
switching frequency. In this mode, the LT3680 may enter
pulse skipping operation where some switching pulses
are skipped to maintain output regulation. In this mode
the output voltage ripple and inductor current ripple will
be higher than in normal operation.
The minimum input voltage is determined by either the
LT3680’s minimum operating voltage of ~3.6V or by its
maximum duty cycle (see equation in previous section).
The minimum input voltage due to duty cycle is:
V
VV
ft
VV
IN MIN
OUT
D
SW OFF MIN
DSW
()
()
=
+
+
1–
where VIN(MIN) is the minimum input voltage, and tOFF(MIN)
is the minimum switch off time (150ns). Note that higher
switching frequency will increase the minimum input
voltage. If a lower dropout voltage is desired, a lower
switching frequency should be used.
Inductor Selection
For a given input and output voltage, the inductor value
and switching frequency will determine the ripple current.
The ripple current
ΔIL increases with higher VIN or VOUT
and decreases with higher inductance and faster switch-
ing frequency. A reasonable starting point for selecting
the ripple current is:
ΔIL = 0.4(IOUT(MAX))
where IOUT(MAX) is the maximum output load current. To
guarantee sufficient output current, peak inductor current
must be lower than the LT3680’s switch current limit (ILIM).
The peak inductor current is:
IL(PEAK) = IOUT(MAX) + ΔIL/2
where IL(PEAK) is the peak inductor current, IOUT(MAX) is
the maximum output load current, and
ΔIL is the inductor
ripple current. The LT3680’s switch current limit (ILIM) is
5.5A at low duty cycles and decreases linearly to 4.5A at
DC = 0.8. The maximum output current is a function of
the inductor ripple current:
IOUT(MAX) = ILIM – ΔIL/2
Be sure to pick an inductor ripple current that provides
sufficient maximum output current (IOUT(MAX)).
The largest inductor ripple current occurs at the highest
VIN. To guarantee that the ripple current stays below the
specified maximum, the inductor value should be chosen
according to the following equation:
L
VV
fI
VV
V
OUT
D
SW
L
OUT
D
IN MAX
=
+
⎝⎜
⎠⎟
+
Δ
1–
()
⎟⎟
where VD is the voltage drop of the catch diode (~0.4V),
VIN(MAX) is the maximum input voltage, VOUT is the output
voltage, fSW is the switching frequency (set by RT), and
L is in the inductor value.
The inductor’s RMS current rating must be greater than the
maximum load current and its saturation current should be
about 30% higher. For robust operation in fault conditions
(start-up or short circuit) and high input voltage (>30V),
the saturation current should be above 5A. To keep the
efficiency high, the series resistance (DCR) should be less
than 0.1 , and the core material should be intended for
high frequency applications. Table 1 lists several vendors
and suitable types.
Table 1. Inductor Vendors
VENDOR
URL
PART SERIES
TYPE
Murata
www.murata.com
LQH55D
Open
TDK
www.componenttdk.com
SLF10145
Shielded
Toko
www.toko.com
D75C
D75F
Shielded
Open
Sumida
www.sumida.com
CDRH74
CR75
CDRH8D43
Shielded
Open
Shielded
NEC
www.nec.com
MPLC073
MPBI0755
Shielded
Shielded
APPLICATIONS INFORMATION


Similar Part No. - LT3680

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3680 LINER-LT3680 Datasheet
2Mb / 28P
   36V, 4A, 1.5MHz Synchronous Step-Down Switching Regulator
LT3680 LINER-LT3680 Datasheet
641Kb / 36P
   Monolithic Dual Tracking 3A Step-Down Switching Regulator
2012
LT3680 LINER-LT3680_15 Datasheet
308Kb / 24P
   36V, 3.5A, 2.4MHz Step-Down Switching Regulator with 75A Quiescent Current
More results

Similar Description - LT3680

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3972 LINER-LT3972 Datasheet
286Kb / 24P
   33V, 3.5A, 2.4MHz Step-Down Switching Regulator with 75關A Quiescent Current
LT3680 LINER-LT3680_15 Datasheet
308Kb / 24P
   36V, 3.5A, 2.4MHz Step-Down Switching Regulator with 75A Quiescent Current
LT3480 LINER-LT3480 Datasheet
298Kb / 24P
   36V, 2A, 2.4MHz Step-Down Switching Regulator with 70關A Quiescent Current
LT3693 LINER-LT3693 Datasheet
310Kb / 24P
   36V, 3.5A, 2.4MHz Step-Down Switching Regulator
LT3693 LINER-LT3693_15 Datasheet
313Kb / 24P
   36V, 3.5A, 2.4MHz Step-Down Switching Regulator
LT3972 LINER-LT3972_15 Datasheet
343Kb / 24P
   33V, 3.5A, 2.4MHz Step-Down Switching Regulator with 75A Quiescent Current
LT3480 LINER-LT3480_15 Datasheet
384Kb / 24P
   36V, 2A, 2.4MHz Step-Down Switching Regulator with 70A Quiescent Current
logo
Maxim Integrated Produc...
MAX16935 MAXIM-MAX16935_V01 Datasheet
1Mb / 17P
   36V, 3.5A, 2.2MHz Step-Down Converters with 28關A Quiescent Current
2018
logo
Linear Technology
LT1913 LINER-LT1913 Datasheet
292Kb / 24P
   25V, 3.5A, 2.4MHz Step-Down Switching Regulator
LT1913 LINER-LT1913_15 Datasheet
290Kb / 24P
   25V, 3.5A, 2.4MHz Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com