Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT3593EDC-TRPBF Datasheet(PDF) 3 Page - Linear Technology

Part # LT3593EDC-TRPBF
Description  1MHz White LED Driver with Output Disconnect and One Pin Current Programming
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3593EDC-TRPBF Datasheet(HTML) 3 Page - Linear Technology

  LT3593EDC-TRPBF Datasheet HTML 1Page - Linear Technology LT3593EDC-TRPBF Datasheet HTML 2Page - Linear Technology LT3593EDC-TRPBF Datasheet HTML 3Page - Linear Technology LT3593EDC-TRPBF Datasheet HTML 4Page - Linear Technology LT3593EDC-TRPBF Datasheet HTML 5Page - Linear Technology LT3593EDC-TRPBF Datasheet HTML 6Page - Linear Technology LT3593EDC-TRPBF Datasheet HTML 7Page - Linear Technology LT3593EDC-TRPBF Datasheet HTML 8Page - Linear Technology LT3593EDC-TRPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
LT3593
3
3593f
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 3.6V, VCTRL = 3.6V, unless otherwise specified.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Switch Leakage Current
VSW = 30V
1
μA
LED Pin Voltage Drop (VCAP – VLED)ILED = 20mA
250
mV
LED Pin Leakage Current
CTRL = 0, VCAP = 35V
1
μA
CTRL High Threshold
1.6
V
CTRL Low Threshold
0.4
V
CTRL tPW
Programming Pulse Width (Note 3)
250
ns
CTRL tSD
Time from CTRL = 0 to Shutdown
95
128
200
μs
CTRL tEN
Time from CTRL = 1 to Enable
95
128
200
μs
Full-Scale LED Current
VCAP = 16V
VCAP = 16V
l
19
18.5
20
20
21
21.5
mA
mA
LED Current Programming Resolution
Linear Increments
625
μA
LED Current Limit
45
mA
CTRL Pin Bias Current
VCTRL = 5.5V
1
μA
Overvoltage Protection
l
36
38
40
V
Note 2: The LTC3593E is guaranteed to meet performance specifications
from 0°C to 85°C operating junction temperature range. Specifications
over the –40°C to 85°C operating junction temperature range are assured
by design, characterization and correlation with statistical process
controls.
Note 3: Guaranteed by design.


Similar Part No. - LT3593EDC-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3593 LINER-LT3593 Datasheet
181Kb / 16P
   1MHz White LED Driver with Output Disconnect and One Pin Current Programming
LT3593 LINER-LT3593_15 Datasheet
181Kb / 16P
   1MHz White LED Driver with Output Disconnect and One Pin Current Programming
More results

Similar Description - LT3593EDC-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3593 LINER-LT3593_15 Datasheet
181Kb / 16P
   1MHz White LED Driver with Output Disconnect and One Pin Current Programming
logo
Monolithic Power System...
MP3412 MPS-MP3412 Datasheet
334Kb / 12P
   1.1A, 1MHz Synchronous Boost WLED Driver with Output Disconnect
logo
Holtek Semiconductor In...
HT7939A HOLTEK-HT7939A_16 Datasheet
3Mb / 12P
   High Current and Performance White LED Driver
HT7938 HOLTEK-HT7938 Datasheet
469Kb / 11P
   High Current and Performance White LED Driver
HT7938A HOLTEK-HT7938A_13 Datasheet
2Mb / 13P
   High Current and Performance White LED Driver
HT7938A HOLTEK-HT7938A_16 Datasheet
1Mb / 12P
   High Current and Performance White LED Driver
HT7938 HOLTEK-HT7938_16 Datasheet
914Kb / 11P
   High Current and Performance White LED Driver
HT7939 HOLTEK-HT7939_16 Datasheet
2Mb / 12P
   High Current and Performance White LED Driver
HT7939 HOLTEK-HT7939_10 Datasheet
320Kb / 13P
   High Current and Performance White LED Driver
HT7939 HOLTEK-HT7939 Datasheet
714Kb / 13P
   High Current and Performance White LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com