Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A1225A-1PQ176B Datasheet(PDF) 1 Page - Actel Corporation

Part # A1225A-1PQ176B
Description  ACT2 Family FPGAs
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

A1225A-1PQ176B Datasheet(HTML) 1 Page - Actel Corporation

  A1225A-1PQ176B Datasheet HTML 1Page - Actel Corporation A1225A-1PQ176B Datasheet HTML 2Page - Actel Corporation A1225A-1PQ176B Datasheet HTML 3Page - Actel Corporation A1225A-1PQ176B Datasheet HTML 4Page - Actel Corporation A1225A-1PQ176B Datasheet HTML 5Page - Actel Corporation A1225A-1PQ176B Datasheet HTML 6Page - Actel Corporation A1225A-1PQ176B Datasheet HTML 7Page - Actel Corporation A1225A-1PQ176B Datasheet HTML 8Page - Actel Corporation A1225A-1PQ176B Datasheet HTML 9Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
D e c e m ber 2000
1
© 2000 Actel Corporation
v 4 .0.1
ACT2 Family FPGAs
Fe a t ur es
• Up to 8000 Gate Array Gates
(20,000 PLD equivalent gates)
• Replaces up to 200 TTL Packages
• Replaces up to eighty 20-Pin PAL® Packages
• Design Library with over 500 Macro Functions
• Single-Module Sequential Functions
• Wide-Input Combinatorial Functions
• Up to 1232 Programmable Logic Modules
• Up to 998 Flip-Flops
• Datapath Performance at 105 MHz
• 16-Bit Accumulator Performance to 39 MHz
• Two In-Circuit Diagnostic Probe Pins Support Speed
Analysis to 50 MHz
• Two High-Speed, Low-Skew Clock Networks
• I/O Drive to 10 mA
• Nonvolatile, User Programmable
• Logic Fully Tested Prior to Shipment
• 1.0-micron CMOS Technology
P r o d u c t F a m ily P r o f ile
Device
A1225A
A1240A
A1280A
Capacity
Gate Array Equivalent Gates
PLD Equivalent Gates
TTL Equivalent Packages
20-Pin PAL Equivalent Packages
2,500
6,250
63
25
4,000
10,000
100
40
8,000
20,000
200
80
Logic Modules
S-Modules
C-Modules
451
231
220
684
348
336
1,232
624
608
Flip-Flops (maximum)
382
568
998
Routing Resources
Horizontal Tracks/Channel
Vertical Tracks/Channel
PLICE Antifuse Elements
36
15
250,000
36
15
400,000
36
15
750,000
User I/Os (maximum)
83
104
140
Packages1
100 CPGA
100 PQFP
100 VQFP
84 PLCC
132 CPGA
144 PQFP
176 TQFP
84 PLCC
176 CPGA
160 PQFP
176 TQFP
84 PLCC
172 CQFP
Performance2
16-Bit Prescaled Counters
16-Bit Loadable Counters
16-Bit Accumulators
105 MHz
70 MHz
39 MHz
100 MHz
69 MHz
38 MHz
85 MHz
67 MHz
36 MHz
Notes:
1.
See the “Product Plan” on page 3 for package availability.
2.
Performance is based on ‘–2’ speed devices at commercial worst-case operating conditions using PREP Benchmarks, Suite #1, Version 1.2,
dated 3-28-93, any analysis is not endorsed by PREP.


Similar Part No. - A1225A-1PQ176B

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
A1225A-1PQ176B MICROSEMI-A1225A-1PQ176B Datasheet
2Mb / 54P
   ACT 2 Family FPGAs
More results

Similar Description - A1225A-1PQ176B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A54SX16 ETC1-A54SX16 Datasheet
415Kb / 57P
   54SX Family FPGAs
logo
Actel Corporation
A54SX08 ACTEL-A54SX08 Datasheet
503Kb / 64P
   SX Family FPGAs
EX128-PTQG100 ACTEL-EX128-PTQG100 Datasheet
433Kb / 49P
   eX Family FPGAs
logo
List of Unclassifed Man...
EX128 ETC1-EX128 Datasheet
307Kb / 36P
   eX Family FPGAs
logo
Microsemi Corporation
AX250-PQ208I MICROSEMI-AX250-PQ208I Datasheet
13Mb / 262P
   Axcelerator Family FPGAs
AX500-PQ208I MICROSEMI-AX500-PQ208I Datasheet
13Mb / 262P
   Axcelerator Family FPGAs
logo
Actel Corporation
A54SX32-TQ144 ACTEL-A54SX32-TQ144 Datasheet
504Kb / 64P
   SX Family FPGAs
A54SX08-TQ176 ACTEL-A54SX08-TQ176 Datasheet
504Kb / 64P
   SX Family FPGAs
AX1000-1FGG896I ACTEL-AX1000-1FGG896I Datasheet
2Mb / 226P
   Axcelerator Family FPGAs
A54SX16-P2PQG208 ACTEL-A54SX16-P2PQG208 Datasheet
504Kb / 64P
   SX Family FPGAs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com