Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A1010B-1PL84M Datasheet(PDF) 8 Page - Actel Corporation

Part # A1010B-1PL84M
Description  ACT 1 Series FPGAs
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

A1010B-1PL84M Datasheet(HTML) 8 Page - Actel Corporation

Back Button A1010B-1PL84M Datasheet HTML 4Page - Actel Corporation A1010B-1PL84M Datasheet HTML 5Page - Actel Corporation A1010B-1PL84M Datasheet HTML 6Page - Actel Corporation A1010B-1PL84M Datasheet HTML 7Page - Actel Corporation A1010B-1PL84M Datasheet HTML 8Page - Actel Corporation A1010B-1PL84M Datasheet HTML 9Page - Actel Corporation A1010B-1PL84M Datasheet HTML 10Page - Actel Corporation A1010B-1PL84M Datasheet HTML 11Page - Actel Corporation A1010B-1PL84M Datasheet HTML 12Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
1-290
Equivalent Capacitance
The power dissipated by a CMOS circuit can be expressed by
the Equation 1.
Power (uW) = CEQ * VCC2 * F
(1)
Where:
CEQ is the equivalent capacitance expressed in pF.
VCC is the power supply in volts.
F is the switching frequency in MHz.
Equivalent capacitance is calculated by measuring ICCactive
at a specified frequency and voltage for each circuit
component of interest. Measurements have been made over a
range of frequencies at a fixed value of VCC. Equivalent
capacitance is frequency independent so that the results may
be used over a wide range of operating conditions. Equivalent
capacitance values are shown below.
CEQ Values for Actel FPGAs
To calculate the active power dissipated from the complete
design, the switching frequency of each part of the logic must
be known. Equation 2 shows a piece-wise linear summation
over all components.
Power = VCC
2 * [(m * C
EQM * fm)modules +
(n * CEQI* fn)inputs + (p * (CEQO+ CL) * fp)outputs +
0.5 * (q1 * CEQCR * fq1)routed_Clk1 +
(r1 * fq1)routed_Clk1]
(2)
Where:
Fixed Capacitance Values for Actel FPGAs
(pF)
r1
Device Type
routed_Clk1
A1010B
41.4
A1020B
68.6
A10V10B
40
A10V20B
65
Determining Average Switching Frequency
To determine the switching frequency for a design, you must
have a detailed understanding of the data input values to the
circuit. The following guidelines are meant to represent
worst-case scenarios so that they can be generally used to
predict the upper limits of power dissipation. These
guidelines are as follows:
A10V10B
A10V20B
A1010B
A1020B
Modules (CEQM)
3.2
3.7
Input Buffers (CEQI)
10.9
22.1
Output Buffers (CEQO)
11.6
31.2
Routed Array Clock Buffer
Loads (CEQCR)
4.1
4.6
m
= Number of logic modules switching at fm
n
= Number of input buffers switching at fn
p
= Number of output buffers switching at fp
q1
= Number of clock loads on the first routed array
clock (All families)
r1
= Fixed capacitance due to first routed array
clock (All families)
CEQM
= Equivalent capacitance of logic modules in pF
CEQI
= Equivalent capacitance of input buffers in pF
CEQO
= Equivalent capacitance of output buffers in pF
CEQCR = Equivalent capacitance of routed array clock in
pF
CL
= Output lead capacitance in pF
fm
= Average logic module switching rate in MHz
fn
= Average input buffer switching rate in MHz
fp
= Average output buffer switching rate in MHz
fq1
= Average first routed array clock rate in MHz (All
families)
Logic Modules (m)
90% of modules
Inputs switching (n)
#inputs/4
Outputs switching (p)
#outputs/4
First routed array clock loads (q1)
40% of modules
Load capacitance (CL)
35 pF
Average logic module switching rate (fm) F/10
Average input switching rate (fn)
F/5
Average output switching rate (fp)
F/10
Average first routed array clock rate
(fq1)
F


Similar Part No. - A1010B-1PL84M

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
A1010B-1PL68C ACTEL-A1010B-1PL68C Datasheet
1Mb / 98P
   HiRel FPGAs
More results

Similar Description - A1010B-1PL84M

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
A1020B-PL84C ACTEL-A1020B-PL84C Datasheet
172Kb / 24P
   ACT??1 Series FPGAs
logo
Microsemi Corporation
A1020B-PL68I MICROSEMI-A1020B-PL68I Datasheet
172Kb / 24P
   ACT 1 Series FPGAs
logo
Actel Corporation
A1010B-2PL44I ACTEL-A1010B-2PL44I Datasheet
172Kb / 24P
   ACT 1 Series FPGAs
A1020B-CQ84M ACTEL-A1020B-CQ84M Datasheet
172Kb / 24P
   ACT 1 Series FPGAs
A1010B-2PLG6 ACTEL-A1010B-2PLG6 Datasheet
172Kb / 24P
   ACT 1 Series FPGAs
A1010B-PL68C ACTEL-A1010B-PL68C Datasheet
172Kb / 24P
   ACT??1 Series FPGAs
A14100A-RQ208C ACTEL-A14100A-RQ208C Datasheet
479Kb / 68P
   Accelerator Series FPGAs - ACT 3Family
logo
Microsemi Corporation
A1280A-PL84C MICROSEMI-A1280A-PL84C Datasheet
2Mb / 54P
   ACT 2 Family FPGAs
A1240A-1PG132C MICROSEMI-A1240A-1PG132C Datasheet
2Mb / 54P
   ACT 2 Family FPGAs
A1280A-1PQ160I MICROSEMI-A1280A-1PQ160I Datasheet
2Mb / 54P
   ACT 2 Family FPGAs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com