Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A54SX08P-1PLG208 Datasheet(PDF) 1 Page - Actel Corporation

Part # A54SX08P-1PLG208
Description  SX Family FPGAs
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

A54SX08P-1PLG208 Datasheet(HTML) 1 Page - Actel Corporation

  A54SX08P-1PLG208 Datasheet HTML 1Page - Actel Corporation A54SX08P-1PLG208 Datasheet HTML 2Page - Actel Corporation A54SX08P-1PLG208 Datasheet HTML 3Page - Actel Corporation A54SX08P-1PLG208 Datasheet HTML 4Page - Actel Corporation A54SX08P-1PLG208 Datasheet HTML 5Page - Actel Corporation A54SX08P-1PLG208 Datasheet HTML 6Page - Actel Corporation A54SX08P-1PLG208 Datasheet HTML 7Page - Actel Corporation A54SX08P-1PLG208 Datasheet HTML 8Page - Actel Corporation A54SX08P-1PLG208 Datasheet HTML 9Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 64 page
background image
June 2006
i
© 2006 Actel Corporation
See the Actel website for the latest version of the datasheet.
SX Family FPGAs
Leading Edge Performance
320 MHz Internal Performance
3.7 ns Clock-to-Out (Pin-to-Pin)
0.1 ns Input Setup
0.25 ns Clock Skew
Specifications
12,000 to 48,000 System Gates
Up to 249 User-Programmable I/O Pins
Up to 1,080 Flip-Flops
0.35 µ CMOS
Features
66 MHz PCI
CPLD and FPGA Integration
Single-Chip Solution
100% Resource Utilization with 100% Pin Locking
3.3 V and 5.0 V Operation with 5.0 V Input Tolerance
Very Low Power Consumption
Deterministic, User-Controllable Timing
Unique In-System Diagnostic and Debug Capability
with Silicon Explorer II
Boundary Scan Testing in Compliance with IEEE
Standard 1149.1 (JTAG)
Secure Programming Technology Prevents Reverse
Engineering and Design Theft
e
u
SX Product Profile
Device
A54SX08
A54SX16
A54SX16P
A54SX32
Capacity
Typical Gates
System Gates
8,000
12,000
16,000
24,000
16,000
24,000
32,000
48,000
Logic Modules
Combinatorial Cells
768
512
1,452
924
1,452
924
2,880
1,800
Register Cells (Dedicated Flip-Flops)
256
528
528
1,080
Maximum User I/Os
130
175
175
249
Clocks
333
3
JTAG
Yes
Yes
Yes
Yes
PCI
––
Yes
Clock-to-Out
3.7 ns
3.9 ns
4.4 ns
4.6 ns
Input Setup (external)
0.8 ns
0.5 ns
0.5 ns
0.1 ns
Speed Grades
Std, –1, –2, –3
Std, –1, –2, –3
Std, –1, –2, –3
Std, –1, –2, –3
Temperature Grades
C, I, M
C, I, M
C, I, M
C, I, M
Packages (by pin count)
PLCC
PQFP
VQFP
TQFP
PBGA
FBGA
84
208
100
144, 176
144
208
100
176
208
100
144, 176
208
144, 176
313, 329
v3.2


Similar Part No. - A54SX08P-1PLG208

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A54SX08P-1PL208 ETC1-A54SX08P-1PL208 Datasheet
415Kb / 57P
   54SX Family FPGAs
A54SX08P-1PL208I ETC1-A54SX08P-1PL208I Datasheet
415Kb / 57P
   54SX Family FPGAs
A54SX08P-1PL208M ETC1-A54SX08P-1PL208M Datasheet
415Kb / 57P
   54SX Family FPGAs
A54SX08P-1PL208PP ETC1-A54SX08P-1PL208PP Datasheet
415Kb / 57P
   54SX Family FPGAs
More results

Similar Description - A54SX08P-1PLG208

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
A54SX32-TQ144 ACTEL-A54SX32-TQ144 Datasheet
504Kb / 64P
   SX Family FPGAs
A54SX08-TQ176 ACTEL-A54SX08-TQ176 Datasheet
504Kb / 64P
   SX Family FPGAs
A54SX16-P2PQG208 ACTEL-A54SX16-P2PQG208 Datasheet
504Kb / 64P
   SX Family FPGAs
A54SX08A-FTQG144 ACTEL-A54SX08A-FTQG144 Datasheet
823Kb / 108P
   SX-A Family FPGAs
A54SX08A-FTQ144 ACTEL-A54SX08A-FTQ144 Datasheet
828Kb / 108P
   SX-A Family FPGAs
logo
List of Unclassifed Man...
A54SX08A ETC1-A54SX08A Datasheet
720Kb / 108P
   SX-A Family FPGAs
logo
Actel Corporation
A54SX72A-CQ256 ACTEL-A54SX72A-CQ256 Datasheet
823Kb / 108P
   SX-A Family FPGAs
A54SX16A2PQG208 ACTEL-A54SX16A2PQG208 Datasheet
818Kb / 108P
   SX-A Family FPGAs
A54SX16A-TQ100 ACTEL-A54SX16A-TQ100 Datasheet
824Kb / 108P
   SX-A Family FPGAs
A54SX32A-1CQ208M ACTEL-A54SX32A-1CQ208M Datasheet
455Kb / 50P
   HiRel SX-A Family FPGAs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com