Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2033-C0043W-43K Datasheet(PDF) 5 Page - Allen-Bradley

Part # 2033-C0043W-43K
Description  Safety Isolation System
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEN-BRADLEY [Allen-Bradley]
Direct Link  http://www.ab.com
Logo ALLEN-BRADLEY - Allen-Bradley

2033-C0043W-43K Datasheet(HTML) 5 Page - Allen-Bradley

  2033-C0043W-43K Datasheet HTML 1Page - Allen-Bradley 2033-C0043W-43K Datasheet HTML 2Page - Allen-Bradley 2033-C0043W-43K Datasheet HTML 3Page - Allen-Bradley 2033-C0043W-43K Datasheet HTML 4Page - Allen-Bradley 2033-C0043W-43K Datasheet HTML 5Page - Allen-Bradley 2033-C0043W-43K Datasheet HTML 6Page - Allen-Bradley 2033-C0043W-43K Datasheet HTML 7Page - Allen-Bradley 2033-C0043W-43K Datasheet HTML 8Page - Allen-Bradley 2033-C0043W-43K Datasheet HTML 9Page - Allen-Bradley Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Safety Isolation System
12-5
ElectroGuard
Non Combination Systems
Product Selection: Remote Lockout Station ➊
Product Selection: For Outside of North America (see page 12-19 for Ordering Instructions)
To order the Time Delay feature, add the following Cat. String to the end of the Cat. No. shown in the table:
Example: Catalogue Number 2031-C0180H
⊗becomes Catalogue Number 2031-C0180H⊗-1TD to include the time delay feature.
* Input Power Feed Catalogue Number Code
The Catalogue Number as listed is incomplete. Select an Input Power Feed Code from the table below.
Example: Catalogue Number 2031*-C0630H
⊗ becomes Catalogue Number 2031T-C0630H⊗ for a “Top Feed” input power requirement.
! Bussing Designation
The Catalogue Number as listed is incomplete. Select a Bussing Designation Code from the table.
Example: Catalogue Number 2031-!0085H
⊗ becomes Catalogue Number 2031-E0085H⊗ for “600A Line Side Incoming Bus and Outgoing Power Cables”
bussing designation.
Input Line Voltage Code
The Catalogue Number as listed is incomplete. Select an Input Line Voltage Code from the table below.
Example: Catalogue Number 2031-C0085P
⊗ becomes Catalogue Number 2031-C0085PN for a 380V 50Hz Input Line Voltage application.
Product Selection: Remote Lockout Station ➊
➊ Safety Isolation Systems rated up through 85A can support a maximum of four (4) Remote Lockout Stations (RLS).
Systems rated from 110A - 1200A can support a maximum of six (6) RLS. If additional RLS are required, order the optional Expansion Module(s) (see page 12-16).
➋ Optional Time Delay Feature. The Safety Isolation System may be ordered with a factory set time delay feature (30 seconds) in order to allow time for the machine
operator to shut-down drives or other equipment that requires a controlled stop, after the operating handle on a Remote Lockout Station has been moved to the “Off”
position. Consult your local Rockwell Automation sales office for other time settings.
➌ Bus Type: Copper with tin plating. Consult factory for other types of bussing.
“System Isolated”
Light Colour
Catalogue Number
Type 1 General
Purpose Enclosure
Type 12 Dust tight
Enclosure
Type 4 Watertight Painted
Steel Enclosure
Type 4X Watertight Stainless
Steel Enclosure
White
2030-RLSAW
2030-RLSJW
2030-RLSFW
2030-RLSCW
Ampere
Rating
(AC-3)
3-Phase Max. kW Rating (50Hz)
Catalogue Number
230V
400V
500V
600V
IP 30 Enclosure
IP 54 Enclosure
IP 54 Motor Control
Centre Type Enclosure
(w/bussing)
IP 65 Enclosure
23
7.5
11
11
11
2031-C0023P
2031-C0023H
2031-!0023H
2031-C0023W
43
13
22
22
22
2031-C0043P
2031-C0043H
2031-!0043H
2031-C0043W
85
25
45
45
45
2031-C0085P
2031-C0085H
2031-!0085H
2031-C0085W
110
32
55
63
100
2031-C0110P
2031-C0110H
2031-!0110H
2031-C0110W
180
55
90
110
160
2031-C0180P
2031-C0180H
2031-!0180H
2031-C0180W
210
63
110
150
200
2031-C0210P
2031-C0210H
2031-!0210H
2031-C0210W
300
90
160
200
300
2031-C0300P
2031-C0300H
2031-!0300H
2031-C0300W
420
132
220
300
425
2031-C0420P
2031-C0420H
2031-!0420H
2031-C0420W
630
200
355
450
500
2031*-C0630P
2031*-C0630H
2031-!0630H
2031*-C0630W
860
250
500
560
600
2031*-C0860P
2031*-C0860H
2031-!0860H
2031*-C0860W
1200
391
710
888
1043
2031*-C1200P
2031*-C1200H
2031-!1200H
2031*-C1200W
Factory set 30 second time delay feature:
-1TD
Input Power Feed
Catalogue Number Code
Top Feed
T
Bottom Feed
B
Type of Bussing ➌
Catalogue Number Code
600A Line Side Incoming Bus and Outgoing Power Cables
E
1200A Line Side Incoming Bus and Outgoing Power Cables
D
Line Side Incoming Power Cables and 600A Load Side Outgoing Bus
H
Line Side Incoming Power Cables and 1200A Load Side Outgoing Bus
R
Input Line Voltage
220V 50HZ
380-400V 50Hz
400-415V 50Hz
440V 50Hz
500V 50Hz
550V 50Hz
Voltage Code for Catalogue Number
A
N
G
B
M
C
“System Isolated” Light Colour
Catalogue Number
IP 30 Enclosure
IP 54 Enclosure
IP 65 Enclosure
Green
2030-RLSPG
2030-RLSHG
2030-RLSWG


Similar Part No. - 2033-C0043W-43K

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
2033-C0023PX-39K ALLEN-BRADLEY-2033-C0023PX-39K Datasheet
175Kb / 10P
   ElectroGuard
More results

Similar Description - 2033-C0043W-43K

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
TR100PW-EX MORNSUN-TR100PW-EX Datasheet
675Kb / 4P
   ISOLATION SAFETY Barrier
TR100PI-EX MORNSUN-TR100PI-EX Datasheet
527Kb / 4P
   Thermoresistor Isolation Safety Barrier
TC100PI MORNSUN-TC100PI Datasheet
516Kb / 4P
   Thermocouples Isolation Safety Barrier
TC100PI-EX MORNSUN-TC100PI-EX Datasheet
380Kb / 4P
   Thermocouples Isolation Safety Barrier
TC100PI-EX-SP MORNSUN-TC100PI-EX-SP Datasheet
390Kb / 4P
   Thermocouples Isolation Safety Barrier
logo
Banner Engineering Corp...
SGS BANNER-SGS Datasheet
112Kb / 2P
   Safety Grid System
logo
Silicon Laboratories
SI8285 SILABS-SI8285 Datasheet
845Kb / 32P
   System Safety Features
logo
MORNSUN Science& Techno...
TC100PW-EX MORNSUN-TC100PW-EX Datasheet
684Kb / 4P
   PROGRAMMABLE THERMOCOUPIES ISOLATION SAFETY BARRIER
TSF202-EX MORNSUN-TSF202-EX Datasheet
464Kb / 3P
   Switch Output isolation safety barrier
logo
Intersil Corporation
ISL9212A INTERSIL-ISL9212A Datasheet
489Kb / 11P
   Charging System Safety Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com