Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT3585EDDB-0 Datasheet(PDF) 5 Page - Linear Technology

Part # LT3585EDDB-0
Description  Photofl ash Chargers with Adjustable Input Current and IGBT Drivers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3585EDDB-0 Datasheet(HTML) 5 Page - Linear Technology

  LT3585EDDB-0 Datasheet HTML 1Page - Linear Technology LT3585EDDB-0 Datasheet HTML 2Page - Linear Technology LT3585EDDB-0 Datasheet HTML 3Page - Linear Technology LT3585EDDB-0 Datasheet HTML 4Page - Linear Technology LT3585EDDB-0 Datasheet HTML 5Page - Linear Technology LT3585EDDB-0 Datasheet HTML 6Page - Linear Technology LT3585EDDB-0 Datasheet HTML 7Page - Linear Technology LT3585EDDB-0 Datasheet HTML 8Page - Linear Technology LT3585EDDB-0 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
LT3585-0/LT3585-1
LT3585-2/LT3585-3
5
3585f
TYPICAL PERFOR A CE CHARACTERISTICS LT3585-0 curves use Figure 11, LT3585-1 curves
use Figure 12, LT3585-2 curves use Figure 13 and LT3585-3 curves use Figure 14 unless otherwise noted.
Charge Time*
Reduced Input Current Mode
LT3585-0 Input Current
Normal Input Current Mode
LT3585-1 Input Current
Normal Input Current Mode
LT3585-2 Input Current
Normal Input Current Mode
LT3585-3 Input Current
Normal Input Current Mode
LT3585-0 Input Current
Reduced Input Current Mode
LT3585-1 Input Current
Reduced Input Current Mode
LT3585-2 Input Current
Reduced Input Current Mode
LT3585-3 Input Current
Reduced Input Current Mode
VBAT (V)
2
15
20
25
57
10
3585 G10
10
5
0
34
6
89
*USING RUBYCON 330V, 50
µF PHOTOFLASH
OUTPUT CAPACITOR (FW SERIES)
LT3585-0
LT3585-1
LT3585-2
LT3585-3
VOUT (V)
0
400
500
700
3585 G11
300
200
100
200
300
100
0
600
VBAT = 4.2V
VBAT = 3.6V
VBAT = 2.5V
VOUT (V)
0
200
250
300
3585 G12
150
100
100
200
300
50
0
VBAT = 4.2V
VBAT = 3.6V
VBAT = 2.5V
VOUT (V)
0
200
250
450
3585 G13
150
100
100
200
300
50
0
350
400
300
VBAT = 4.2V
VBAT = 3.6V
VBAT = 2.5V
VOUT (V)
0
400
500
900
3585 G14
300
200
100
200
300
100
0
700
800
600
VBAT = 4.2V
VBAT = 3.6V
VBAT = 2.5V
VOUT (V)
0
200
250
350
3585 G15
150
100
100
200
300
50
0
300
VBAT = 4.2V
VBAT = 3.6V
VBAT = 2.5V
VOUT (V)
0
80
100
120
3585 G16
60
40
100
200
300
20
0
VBAT = 4.2V
VBAT = 3.6V
VBAT = 2.5V
VOUT (V)
0
200
250
3585 G17
150
100
100
200
300
50
0
VBAT = 4.2V
VBAT = 3.6V
VBAT = 2.5V
VOUT (V)
0
200
250
500
450
3585 G18
150
100
100
200
300
50
0
350
400
300
VBAT = 4.2V
VBAT = 3.6V
VBAT = 2.5V


Similar Part No. - LT3585EDDB-0

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3585-0 LINER-LT3585-0_15 Datasheet
433Kb / 20P
   Photofl ash Chargers with Adjustable Input Current and IGBT Drivers
LT3585-1 LINER-LT3585-1_15 Datasheet
433Kb / 20P
   Photofl ash Chargers with Adjustable Input Current and IGBT Drivers
LT3585-2 LINER-LT3585-2_15 Datasheet
433Kb / 20P
   Photofl ash Chargers with Adjustable Input Current and IGBT Drivers
LT3585-3 LINER-LT3585-3_15 Datasheet
433Kb / 20P
   Photofl ash Chargers with Adjustable Input Current and IGBT Drivers
More results

Similar Description - LT3585EDDB-0

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3585-3 LINER-LT3585-3_15 Datasheet
433Kb / 20P
   Photofl ash Chargers with Adjustable Input Current and IGBT Drivers
LT3585-2 LINER-LT3585-2_15 Datasheet
433Kb / 20P
   Photofl ash Chargers with Adjustable Input Current and IGBT Drivers
LT3585-1 LINER-LT3585-1_15 Datasheet
433Kb / 20P
   Photofl ash Chargers with Adjustable Input Current and IGBT Drivers
LT3585-0 LINER-LT3585-0_15 Datasheet
433Kb / 20P
   Photofl ash Chargers with Adjustable Input Current and IGBT Drivers
logo
ON Semiconductor
NCV47711 ONSEMI-NCV47711_17 Datasheet
128Kb / 12P
   Adjustable LDO with Adjustable Current Limit and 3.3 V Logic Compatible Enable Input
July, 2017 ??Rev. 2
logo
Vishay Siliconix
VOD3120AG VISHAY-VOD3120AG_V01 Datasheet
223Kb / 13P
   2.5 A Output Current IGBT and MOSFET DriverS
01-Jan-2022
logo
ON Semiconductor
NCV5701A ONSEMI-NCV5701A Datasheet
336Kb / 20P
   High Current IGBT Gate Drivers
October, 2017 ??Rev. 0
NCV5703A ONSEMI-NCV5703A Datasheet
672Kb / 20P
   High Current IGBT Gate Drivers
August, 2019 ??Rev. 1
NCD5703A ONSEMI-NCD5703A Datasheet
451Kb / 20P
   High Current IGBT Gate Drivers
January, 2018 ??Rev. 0
NCD5701 ONSEMI-NCD5701 Datasheet
465Kb / 20P
   High Current IGBT Gate Drivers
August, 2016 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com