Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3508FE Datasheet(PDF) 10 Page - Linear Technology

Part # 3508FE
Description  Dual Monolithic 1.4A Step-Down Switching Regulator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

3508FE Datasheet(HTML) 10 Page - Linear Technology

Back Button 3508FE Datasheet HTML 6Page - Linear Technology 3508FE Datasheet HTML 7Page - Linear Technology 3508FE Datasheet HTML 8Page - Linear Technology 3508FE Datasheet HTML 9Page - Linear Technology 3508FE Datasheet HTML 10Page - Linear Technology 3508FE Datasheet HTML 11Page - Linear Technology 3508FE Datasheet HTML 12Page - Linear Technology 3508FE Datasheet HTML 13Page - Linear Technology 3508FE Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
LT3508
10
3508fb
Table 1. Programming the Switching Frequency
SWITCHING FREQUENCY (MHz)
RT (kΩ)
2.5
7.50
2.2
9.76
2
11.5
1.8
14
1.6
16.9
1.4
20.5
1.2
26.1
1
33.2
0.9
38.3
0.8
44.2
0.7
52.3
0.6
61.9
0.5
76.8
0.45
88.7
0.4
100
0.35
115
0.3
140
0.25
169
Inductor Selection and Maximum Output Current
A good first choice for the inductor value is:
LV
V
MHz
f
OUT
F
=+
()
.
12
where VFisthevoltagedropofthecatchdiode(~0.4V)andL
is in μH. The inductor’s RMS current rating must be greater
than the maximum load current and its saturation current
should be at least 30% higher. For highest efficiency, the
series resistance (DCR) should be less than 0.1
Ω. Table 2
lists several vendors and types that are suitable.
Table 2. Inductor Vendors
VENDOR
URL
PART SERIES
TYPE
Coilcraft
www.coilcraft
MSS7341
Shielded
Murata
www.murata.com
LQH55D
Open
TDK
www.component.tdk.com
SLF7045
SLF10145
Shielded
Shielded
Toko
www.toko.com
DC62CB
D63CB
D75C
D75F
Shielded
Shielded
Shielded
Open
Sumida
www.sumida.com
CR54
CDRH74
CDRH6D38
CR75
Open
Shielded
Shielded
Open
Figure 2. Operation Below VIN(PS). VIN = 10V, VOUT = 1.8V and
fSW = 1.5MHz
Figure 3. Operation Above VIN(PS). VIN = 18V, VOUT = 1.8V
and fSW = 1.5MHz. Output Ripple and Peak Inductor Current
Increase
APPLICATIONS INFORMATION
VOUT
100mV/DIV
(AC)
IL
500mA/DIV
2μs/DIV
3508 F02
VOUT
100mV/DIV
(AC)
IL
500mA/DIV
2μs/DIV
3508 F03
Setting the Switching Frequency
The switching frequency is programmed either by driving
the RT/SYNC pin with a logic level SYNC signal or by tying
a resistor from the RT/SYNC pin to ground. A graph for
selecting the value of RT for a given operating frequency
is shown in the Typical Application section. Suggested
programming resistors for various switching frequencies
are shown in Table 1.
Choosing a high switching frequency will allow the smallest
overall solution size. However, at high input voltages the
efficiency can drop significantly with increasing switching
frequency. The choice of switching frequency will also
impact the input voltage range, inductor and capacitor
selection, and compensation. See the related sections
for details.


Similar Part No. - 3508FE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
3508-0000PR ETC2-3508-0000PR Datasheet
282Kb / 9P
   designed for IDC (Insulation Displacement Connector) connection with 1.27mm pitch flat cable
3508-0000S ETC2-3508-0000S Datasheet
282Kb / 9P
   designed for IDC (Insulation Displacement Connector) connection with 1.27mm pitch flat cable
3508-0000SC ETC2-3508-0000SC Datasheet
282Kb / 9P
   designed for IDC (Insulation Displacement Connector) connection with 1.27mm pitch flat cable
3508-0100PR ETC2-3508-0100PR Datasheet
282Kb / 9P
   designed for IDC (Insulation Displacement Connector) connection with 1.27mm pitch flat cable
3508-0100S ETC2-3508-0100S Datasheet
282Kb / 9P
   designed for IDC (Insulation Displacement Connector) connection with 1.27mm pitch flat cable
More results

Similar Description - 3508FE

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3508 LINER-LT3508_15 Datasheet
320Kb / 26P
   Dual Monolithic 1.4A Step-Down Switching Regulator
LT1940 LINER-LT1940 Datasheet
256Kb / 20P
   Dual Monolithic 1.4A, 1.1MHz Step-Down Switching Regulator
LT1940 LINER-LT1940_15 Datasheet
286Kb / 20P
   Dual Monolithic 1.4A, 1.1MHz Step-Down Switching Regulator
logo
Linear Dimensions Semic...
LT1940LEFE LINEAR_DIMENSIONS-LT1940LEFE Datasheet
286Kb / 20P
   Dual Monolithic 1.4A, 1.1MHz Step-Down Switching Regulator
logo
Linear Technology
LT1940L LINER-LT1940L_15 Datasheet
286Kb / 20P
   Dual Monolithic 1.4A, 1.1MHz Step-Down Switching Regulator
LT1936 LINER-LT1936_15 Datasheet
304Kb / 20P
   1.4A, 500kHz Step-Down Switching Regulator
LT1936 LINER-LT1936 Datasheet
298Kb / 20P
   1.4A, 500kHz Step-Down Switching Regulator
LT3506 LINER-LT3506_15 Datasheet
221Kb / 24P
   Dual Monolithic 1.6A Step-Down Switching Regulator
LT3506 LINER-LT3506 Datasheet
679Kb / 24P
   Dual Monolithic 1.6A Step-Down Switching Regulator
LT3506A LINER-LT3506A_15 Datasheet
221Kb / 24P
   Dual Monolithic 1.6A Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com