Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3508FE Datasheet(PDF) 9 Page - Linear Technology

Part # 3508FE
Description  Dual Monolithic 1.4A Step-Down Switching Regulator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

3508FE Datasheet(HTML) 9 Page - Linear Technology

Back Button 3508FE Datasheet HTML 5Page - Linear Technology 3508FE Datasheet HTML 6Page - Linear Technology 3508FE Datasheet HTML 7Page - Linear Technology 3508FE Datasheet HTML 8Page - Linear Technology 3508FE Datasheet HTML 9Page - Linear Technology 3508FE Datasheet HTML 10Page - Linear Technology 3508FE Datasheet HTML 11Page - Linear Technology 3508FE Datasheet HTML 12Page - Linear Technology 3508FE Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
LT3508
9
3508fb
APPLICATIONS INFORMATION
Setting the Output Voltage
The output voltage is programmed with a resistor divider
between the output and the FB pin. Choose the 1% resis-
tors according to:
RR
V
V
OUT
12
08
1
=
⎝⎜
⎠⎟
.
R2 should be 20k or less to avoid bias current errors.
Reference designators refer to the Block Diagram.
Minimum Operating Voltage
The minimum operating voltage is determined either by
the LT3508’s undervoltage lockout or by its maximum duty
cycle. If VIN1 and VIN2 are tied together, the undervoltage
lockout is at 3.7V or below. If the two inputs are used
separately, then VIN1 has an undervoltage lockout of 3.7V
or below and VIN2 has an undervoltage lockout of 3V or
below. Because the internal supply runs off VIN1, chan-
nel 2 will not operate unless VIN1 > 3.7V. The duty cycle
is the fraction of time that the internal switch is on and is
determined by the input and output voltages:
DC
VV
VV
V
OUT
F
IN
SW
F
=
+
+
Unlike many fixed frequency regulators, the LT3508 can
extend its duty cycle by turning on for multiple cycles. The
LT3508 will not switch off at the end of each clock cycle if
there is sufficient voltage across the boost capacitor (C3
in Figure 1). Eventually, the voltage on the boost capacitor
falls and requires refreshing. Circuitry detects this condi-
tion and forces the switch to turn off, allowing the inductor
current to charge up the boost capacitor. This places a
limitation on the maximum duty cycle as follows:
DCMAX
SW
=
+
1
1
1
β
where
βSW is equal to the SW pin current divided by the
BOOST pin current as shown in the Typical Performance
Characteristics section. This leads to a minimum input
voltage of:
V
VV
DC
VV
IN MIN
OUT
F
MAX
FSW
()
=
+
+
where VF is the forward voltage drop of the catch diode
(~0.4V) and VSW is the voltage drop of the internal switch
(~0.4V at maximum load).
Example: ISW = 1.5A and IBOOST = 50mA, VOUT = 3.3V,
βSW = 1.5A/50mA = 30, DCMAX = 1/(1+1/30) = 96%:
V
VV
VV
V
IN MIN
()
..
%
–.
.
.
=
+
+=
33
04
96
04
04
38
Maximum Operating Voltage
The maximum operating voltage is determined by the
Absolute Maximum Ratings of the VIN and BOOST pins,
and by the minimum duty cycle:
DCMIN = tON(MIN) • f
where tON(MIN) is equal to 130ns (for TJ > 125°C tON(MIN)
is equal to 150ns) and f is the switching frequency.
Running at a lower switching frequency allows a lower
minimum duty cycle. The maximum input voltage before
pulse skipping occurs depends on the output voltage and
the minimum duty cycle:
V
VV
DC
VV
IN PS
OUT
F
MIN
FSW
()
=
+
+
Example: f = 790kHz, VOUT = 3.3V, DCMIN = 130ns • 790kHz
= 0.103:
V
VV
VV
V
IN PS
()
..
.
–.
.
=
+
+=
33
04
0 103
04
04
36
The LT3508 will regulate the output current at input voltages
greater than VIN(PS). For example, an application with an
output voltage of 1.8V and switching frequency of 1.5MHz
has a VIN(PS) of 11.3V, as shown in Figure 2. Figure 3 shows
operation at 18V. Output ripple and peak inductor current
have significantly increased. Exceeding VIN(PS) is safe if
the output is in regulation, if the external components have
adequate ratings to handle the peak conditions and if the
peak inductor current does not exceed 3.2A. A saturating
inductor may further reduce performance. Do not exceed
VIN(PS) during start-up or overload conditions (for outputs
greater than 5V, use VOUT = 5V to calculate VIN(PS)). For
operation above 20V in pulse skipping mode, program
the switching frequency to 1.1MHz or less.


Similar Part No. - 3508FE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
3508-0000PR ETC2-3508-0000PR Datasheet
282Kb / 9P
   designed for IDC (Insulation Displacement Connector) connection with 1.27mm pitch flat cable
3508-0000S ETC2-3508-0000S Datasheet
282Kb / 9P
   designed for IDC (Insulation Displacement Connector) connection with 1.27mm pitch flat cable
3508-0000SC ETC2-3508-0000SC Datasheet
282Kb / 9P
   designed for IDC (Insulation Displacement Connector) connection with 1.27mm pitch flat cable
3508-0100PR ETC2-3508-0100PR Datasheet
282Kb / 9P
   designed for IDC (Insulation Displacement Connector) connection with 1.27mm pitch flat cable
3508-0100S ETC2-3508-0100S Datasheet
282Kb / 9P
   designed for IDC (Insulation Displacement Connector) connection with 1.27mm pitch flat cable
More results

Similar Description - 3508FE

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3508 LINER-LT3508_15 Datasheet
320Kb / 26P
   Dual Monolithic 1.4A Step-Down Switching Regulator
LT1940 LINER-LT1940 Datasheet
256Kb / 20P
   Dual Monolithic 1.4A, 1.1MHz Step-Down Switching Regulator
LT1940 LINER-LT1940_15 Datasheet
286Kb / 20P
   Dual Monolithic 1.4A, 1.1MHz Step-Down Switching Regulator
logo
Linear Dimensions Semic...
LT1940LEFE LINEAR_DIMENSIONS-LT1940LEFE Datasheet
286Kb / 20P
   Dual Monolithic 1.4A, 1.1MHz Step-Down Switching Regulator
logo
Linear Technology
LT1940L LINER-LT1940L_15 Datasheet
286Kb / 20P
   Dual Monolithic 1.4A, 1.1MHz Step-Down Switching Regulator
LT1936 LINER-LT1936_15 Datasheet
304Kb / 20P
   1.4A, 500kHz Step-Down Switching Regulator
LT1936 LINER-LT1936 Datasheet
298Kb / 20P
   1.4A, 500kHz Step-Down Switching Regulator
LT3506 LINER-LT3506_15 Datasheet
221Kb / 24P
   Dual Monolithic 1.6A Step-Down Switching Regulator
LT3506 LINER-LT3506 Datasheet
679Kb / 24P
   Dual Monolithic 1.6A Step-Down Switching Regulator
LT3506A LINER-LT3506A_15 Datasheet
221Kb / 24P
   Dual Monolithic 1.6A Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com