Part Name
         Description
BPW180-0830-14CB95

 SE-CSG180, E-Tec lead free prototype socket drawing for CSG180 and CSG180 packages ( 8 Page)


ACTEL
100% 
Zoom Out Zoom In
   
 6 page
background image
Socket Mounting Recommendations and Reflow Profile
E-tec Interconnect Ltd, Industrial Zone C, CH-1072 Forel (Lavaux), Switzerland
Phone +41-21-781 08 10 · www.e-tec.com · info@e-tec.com
E-tec Socket Mounting Recommendations
PRELIMINARY
4
Verifying the Assembly
After the socket has been reflowed to the PCB, open and short testing should be partaken to
ensure proper assembly. The assembly house typically performs x-ray inspection to verify non-
shorting of pins. However, as this is only a visual inspection, we recommend using a continuity
tester or ohmmeter and simply sweeping random rows and columns of pins to ensure no shorting
of pins. No damage to the springs will occur if very slight pressure from the meter’s tips is
applied (just touch the probes to the springs). For fine pitch sockets, a microscope would be
helpful in placing the meter’s tips appropriately.
After verifying the absence of shorts, open testing should be performed. The most direct, yet
tedious, method is to use the continuity tester to directly probe each pin to a breakout or test
point on the board. Again no damage will occur if the probes are touched to the springs. If heavy
pressure is required to push the socket body towards the PCB to achieve continuity, this means a
poor solder joint. If no such test points exist, then the BGA’s via field on the backside of the
PCB should be kept solder-mask free to allow for such probing. If the via field is kept open, a
simpler open testing method can be performed. Simply use a wet sponge (or some other
conductive material) and hold it onto the via field. This shorts all the pins together on the PCB.
Insert one probe of the continuity tester into the sponge. Now sweep the pins of the socket with
the other probe and check for continuity.
If the above procedures show any shorts or opens, then it is advisable to have the assembly house
re-evaluate the assembly method used. An incorrect stencil can lead to too much or too little
solder paste, easily leading short or open conditions and a solder paste with Ag contents
(>=0.5%) may also result in solder joint failures. These are the primary reasons for socket
mounting failures.
Important Notes:
a) Screw/Twist Lock Socket
When tightening the lid of a Screw or Twist Lock socket, it is imperative to not over-tighten the
retention screws, otherwise irreparable damage may occur. Such damage is not covered by
warranty and will be solely the end user’s responsibility. The maximum allowed torque on these
retention screws is 7cN-m (10oz-in) for sockets up to 800 pins and for sockets as of 800 pins the
torque value needs to be increased but should not exceed a maximum of 10cN-m (14oz-in). E-tec
sells the torque screwdriver TOL-7CN-TORQUE which is preset to 7cN-m, but which can be
adjusted to higher torque values for the high pin count sockets.



Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BPW324-1028-18AB95LSE-FGG324-H E-Tec lead free prototype socket drawing for FGG324 and FGG324 packages 1 2 3 4 5 MoreActel Corporation
BPW484-1028-26AB95LSE-FGG484-H E-Tec lead free prototype socket drawing for FGG484 and FGG484 packages 1 2 3 4 5 MoreActel Corporation
BPW329-1270-23AB55SE-BGG329-A E-Tec lead free prototype socket drawing for BGG329 and BGG329 packages 1 Actel Corporation
BPW272-1270-20AC55SE-BGG272-A E-Tec lead free prototype socket drawing for BGG272 and BGG272 packages 1 Actel Corporation
BUW256-1028-16AA95LSE-FGG256-HU E-Tec lead free prototype socket drawing for FGG256 and FGG256 packages 1 2 3 4 5 MoreActel Corporation
BPW729-1230-27AB95LSE-BGG729 E-Tec lead free prototype socket drawing for BGG729 and BGG729 packages 1 2 3 4 5 MoreActel Corporation
BPW676-1030-26AB95LSE-FGG676 E-Tec lead free prototype socket drawing for FGG676 and FGG676 packages 1 2 3 4 5 MoreActel Corporation

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl