Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BPW180-0830-14CB95 Datasheet(PDF) 4 Page - Actel Corporation

Part # BPW180-0830-14CB95
Description  SE-CSG180, E-Tec lead free prototype socket drawing for CSG180 and CSG180 packages
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

BPW180-0830-14CB95 Datasheet(HTML) 4 Page - Actel Corporation

  BPW180-0830-14CB95 Datasheet HTML 1Page - Actel Corporation BPW180-0830-14CB95 Datasheet HTML 2Page - Actel Corporation BPW180-0830-14CB95 Datasheet HTML 3Page - Actel Corporation BPW180-0830-14CB95 Datasheet HTML 4Page - Actel Corporation BPW180-0830-14CB95 Datasheet HTML 5Page - Actel Corporation BPW180-0830-14CB95 Datasheet HTML 6Page - Actel Corporation BPW180-0830-14CB95 Datasheet HTML 7Page - Actel Corporation BPW180-0830-14CB95 Datasheet HTML 8Page - Actel Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Socket Mounting Recommendations and Reflow Profile
E-tec Interconnect Ltd, Industrial Zone C, CH-1072 Forel (Lavaux), Switzerland
Phone +41-21-781 08 10 · www.e-tec.com · info@e-tec.com
E-tec Socket Mounting Recommendations
PRELIMINARY
2
Stencil
Table 1 shows the recommended stencil dimensions. A laser-cut, electro-polished and Ni-plated
stainless steel stencil is recommended to give the most consistent paste release. The apertures
can be made round except for smaller pitches, where square apertures are recommended.
Remember to keep the stencil small enough to fit within the keep-out area of the socket, but yet
have provisions to remove it from the PCB once the paste has been applied.
Table 1: Recommended stencil dimensions.
Device Pitch
(mm)
PCB Pad Diameter
(mm / in)
Stencil Thickness
(mm/in)
Stencil Aperture
(mm/in)
1.27
min. 0.60 / 0.023
0.15 / 0.006
round 0.66 / 0.026
1.00
min. 0.50 / 0.019
0.15 / 0.006
round 0.55 / 0.022
0.80
min. 0.40 / 0.016
0.13 / 0.005
round 0.44 / 0.017
0.75
min. 0.35 / 0.014
0.13 / 0.005
square 0.39 / 0.015
0.65
min. 0.35 / 0.014
0.13 / 0.005
square 0.39 / 0.015
0.50
min. 0.30 / 0.012
0.13 / 0.005
square 0.33 / 0.013
Solder Paste
E-tec recommends using solder paste without ( or <0.5%) silver (Ag) to reduce the solder’s
wetting ability and prevent the paste from running up the pins, thus maximizing the volume of
solder left on the pads. Brands such as Qualitek (www.qualitek.com) or Alpha Metals
(www.alphametals.com) produce such solder paste on customer request. For Sn/Pb solder paste
we recommend Ecorel 803S offered by Avantec (www.avantec.dehon.com).
Reflow Profile
Both standard Sn-Pb eutectic and Pb-free reflow profiles are shown below.


Similar Part No. - BPW180-0830-14CB95

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
BPW180-0828-14CB95 ACTEL-BPW180-0828-14CB95 Datasheet
1Mb / 8P
   SE-CSG180-H, E-Tec lead free prototype socket drawing for CSG180 and CSG180 packages
More results

Similar Description - BPW180-0830-14CB95

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
BPW180-0828-14CB95 ACTEL-BPW180-0828-14CB95 Datasheet
1Mb / 8P
   SE-CSG180-H, E-Tec lead free prototype socket drawing for CSG180 and CSG180 packages
BPW676-1030-26AB95L ACTEL-BPW676-1030-26AB95L Datasheet
1Mb / 8P
   SE-FGG676, E-Tec lead free prototype socket drawing for FGG676 and FGG676 packages
BPW456-1270-26AB55 ACTEL-BPW456-1270-26AB55 Datasheet
448Kb / 1P
   SE-BGG456, E-Tec lead free prototype socket drawing for BGG456 and BGG456 packages
BPW729-1230-27AB95L ACTEL-BPW729-1230-27AB95L Datasheet
1Mb / 8P
   SE-BGG729, E-Tec lead free prototype socket drawing for BGG729 and BGG729 packages
BPW049-0830-07CB95 ACTEL-BPW049-0830-07CB95 Datasheet
1Mb / 8P
   SE-CSG49, E-Tec lead free prototype socket drawing for CSG49 and CSG49 packages
BUW256-1028-16AA95L ACTEL-BUW256-1028-16AA95L Datasheet
1Mb / 8P
   SE-FGG256-HU, E-Tec lead free prototype socket drawing for FGG256 and FGG256 packages
BPW049-0828-07CB95 ACTEL-BPW049-0828-07CB95 Datasheet
1Mb / 8P
   SE-CSG49-H, E-Tec lead free prototype socket drawing for CSG49 and CSG49 packages
BPW128-0830-12CB95 ACTEL-BPW128-0830-12CB95 Datasheet
1Mb / 8P
   SE-CSG128-H, E-Tec lead free prototype socket drawing for CSG128 and CSG128 packages
BPW272-1270-20AC55 ACTEL-BPW272-1270-20AC55 Datasheet
397Kb / 1P
   SE-BGG272-A, E-Tec lead free prototype socket drawing for BGG272 and BGG272 packages
BPW324-1028-18AB95L ACTEL-BPW324-1028-18AB95L Datasheet
1Mb / 8P
   SE-FGG324-H, E-Tec lead free prototype socket drawing for FGG324 and FGG324 packages
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com