Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT3507HUHF-PBF Datasheet(PDF) 5 Page - Linear Technology

Part # LT3507HUHF-PBF
Description  Triple Monolithic Step-Down Regulator with LDO
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3507HUHF-PBF Datasheet(HTML) 5 Page - Linear Technology

  LT3507HUHF-PBF Datasheet HTML 1Page - Linear Technology LT3507HUHF-PBF Datasheet HTML 2Page - Linear Technology LT3507HUHF-PBF Datasheet HTML 3Page - Linear Technology LT3507HUHF-PBF Datasheet HTML 4Page - Linear Technology LT3507HUHF-PBF Datasheet HTML 5Page - Linear Technology LT3507HUHF-PBF Datasheet HTML 6Page - Linear Technology LT3507HUHF-PBF Datasheet HTML 7Page - Linear Technology LT3507HUHF-PBF Datasheet HTML 8Page - Linear Technology LT3507HUHF-PBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
LT3507
5
3507f
TYPICAL PERFORMANCE CHARACTERISTICS
VFB vs Temperature
Frequency vs RT
Frequency vs Temperature
Frequency vs VFB (Foldback)
ITRK/SS vs Temperature
Efficiency vs Load Current,
Channel 1, VOUT = 1.8V
Switch VCESAT vs Switch Current,
Channels 1, 2 and 3
BOOST Pin Current vs Switch
Current, Channels 1, 2 and 3
Efficiency vs Load Current,
Channels 2 and 3, VOUT = 3.3V
IOUT (A)
0
90
80
60
70
50
40
2
1
3507 G01
2.5
1.5
0.5
VIN = 6V
VIN = 12V
VIN = 36V
TA = 25°C
fSW = 450kHz
IOUT (A)
0
100
80
90
60
70
50
40
1.2
0.6
3507 G02
1.5
0.9
0.3
VIN = 6V
VIN = 12V
VIN = 36V
TA = 25°C
fSW = 450kHz
ISW (A)
0
0.6
0.4
0.5
0.2
0.3
0.1
0
2.5
1
3507 G03
3
1.5
2
0.5
CHANNELS 2 & 3
CHANNEL 1
TA = 25°C
ISW (A)
0
100
80
70
60
50
40
90
20
30
10
0
2.5
1
3507 G04
3
1.5
2
0.5
CHANNELS 2 & 3
CHANNEL 1
TA = 25°C
TEMPERATURE (°C)
–50
805
803
802
801
800
799
804
797
798
796
795
130
–10
3507 G05
150
90
70
50
30
110
–30
RT (kΩ)
3507 G06
2.5
0.25
10
100
TA = 25°C
TEMPERATURE (°C)
–50
0.5
–0.5
–1.0
–1.5
0.0
–2.0
130
–10
3507 G07
150
90
70
50
30
110
–30
VFB (V)
0
1200
800
600
400
200
1000
0
0.8
0.4
3507 G08
1
0.6
0.2
RT = 40.2k
TA = 25°C
TEMPERATURE (°C)
–50
1.30
1.26
1.24
1.22
1.28
1.20
130
–10
3507 G09
150
90
70
50
30
110
–30


Similar Part No. - LT3507HUHF-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LT3507HUHF LINEAR-LT3507HUHF Datasheet
280Kb / 28P
   Triple Monolithic Step-Down Regulator with LDO
More results

Similar Description - LT3507HUHF-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3507A LINER-LT3507A Datasheet
384Kb / 8P
   Triple Monolithic Step-Down Regulator with LDO
logo
Linear Dimensions Semic...
LT3507EUHFTRPBF LINEAR_DIMENSIONS-LT3507EUHFTRPBF Datasheet
307Kb / 28P
   Triple Monolithic Step-Down Regulator with LDO
logo
Linear Technology
LT3507 LINER-LT3507_15 Datasheet
307Kb / 28P
   Triple Monolithic Step-Down Regulator with LDO
LT3507A LINER-LT3507A_15 Datasheet
381Kb / 28P
   Triple Monolithic Step-Down Regulator with LDO
logo
Linear Integrated Syste...
LT3507EUHF LINEAR-LT3507EUHF Datasheet
280Kb / 28P
   Triple Monolithic Step-Down Regulator with LDO
logo
STMicroelectronics
L5964 STMICROELECTRONICS-L5964 Datasheet
369Kb / 16P
   Automotive monolithic dual step-down switching regulator with LDO
February 2022 Rev 1
logo
Linear Technology
LT8601 LINER-LT8601 Datasheet
1Mb / 26P
   42V Triple Monolithic Synchronous Step-Down Regulator
logo
Intersil Corporation
EL7536 INTERSIL-EL7536 Datasheet
430Kb / 8P
   Monolithic 1A Step-Down Regulator
logo
Renesas Technology Corp
EL7535 RENESAS-EL7535 Datasheet
505Kb / 10P
   Monolithic 350mA Step-Down Regulator
logo
Intersil Corporation
EL7536 INTERSIL-EL7536_06 Datasheet
186Kb / 9P
   Monolithic 1A Step-Down Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com