Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

194E-A32-3753 Datasheet(PDF) 6 Page - Allen-Bradley

Part # 194E-A32-3753
Description  Bulletin 194E
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEN-BRADLEY [Allen-Bradley]
Direct Link  http://www.ab.com
Logo ALLEN-BRADLEY - Allen-Bradley

194E-A32-3753 Datasheet(HTML) 6 Page - Allen-Bradley

Back Button 194E-A32-3753 Datasheet HTML 2Page - Allen-Bradley 194E-A32-3753 Datasheet HTML 3Page - Allen-Bradley 194E-A32-3753 Datasheet HTML 4Page - Allen-Bradley 194E-A32-3753 Datasheet HTML 5Page - Allen-Bradley 194E-A32-3753 Datasheet HTML 6Page - Allen-Bradley 194E-A32-3753 Datasheet HTML 7Page - Allen-Bradley 194E-A32-3753 Datasheet HTML 8Page - Allen-Bradley 194E-A32-3753 Datasheet HTML 9Page - Allen-Bradley 194E-A32-3753 Datasheet HTML 10Page - Allen-Bradley Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
IEC Load Switches
10-7
Bulletin 194E
25 Amps to 100 Amps
Product Selection
OFF-ON Front-Mounted 3- and 6-Pole Switches (continued) (Switch Body listed on page 10-3)
3-Position Change over Switch, Door Mount (includes operating shaft
)
Actuators for Change over Switches
Base-Mounting Distribution Switches
Switch Body
(Includes Shaft)
Function
Switching
Angle
Contact Target Configuration
X=Contact Closed
O=Contact Open
Maximum
Load
Rating (A)
AC23A
Rated
Power
[kW] at
690V AC 50
Hz.
HP @
480V AC
60 Hz,
3
Catalogue
Number
No. of
Cir-
cuits
Handle Position
10
2
1X
O
O
25
11
10
194E-E25-3753
2X
O
O
32
15
15
194E-E32-3753
3X
O
O
40
18.5
20
194E-E40-3753
4O
O
X
63
22
25
194E-E63-3753
5O
O
X
80
37
50
194E-E80-3753
6O
O
X
100
45
50
194E-E100-3753
Actuators with Screw
Fixing (Includes Legend
Plate & Control Knob)
Rating
Colour
Legend Plate Size
Use with
Catalogue Number
Legend
Marking
Catalogue
Number
IP65
Black/Gray
48 mm x 48 mm
(1-57/64in x 1-57/64in)
194E-25…63-3753
I - O - 2
194L-HE4A-375
64 mm x 64 mm
(2-33/64in x 2-33/64in)
194E-25…100-3753
I - O - 2
194L-HE6A-375
Function
Switching
Angle
No. of
Cir-
cuits
Contact
Target
Colour
Marking
Lockable
(one
padlock)
Imax
[A]
AC23A
Rated
Power
[kW] at
690V
AC
HP @
480V
AC
60 Hz,
3
Catalogue Number
OFF/0
ON/
1
1O
X
Red/
Yellow
O-1
No
25
11
10
194E-A25-1753-R
2O
X
Black/Gray
O-1
Yes
194E-A25-1753-Q
3O
X
Red/
Yellow
O-1
No
32
15
15
194E-A32-1753-R
Black/Gray
O-1
Yes
194E-A32-1753-Q
90
0
2
1
O
90
ON
OFF
O
1
0


Similar Part No. - 194E-A32-3753

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
194E-A315-1753 ALLEN-BRADLEY-194E-A315-1753 Datasheet
196Kb / 12P
   Bulletin 194E
194E-A315-1754 ALLEN-BRADLEY-194E-A315-1754 Datasheet
196Kb / 12P
   Bulletin 194E
More results

Similar Description - 194E-A32-3753

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
194E-A125-1753 ALLEN-BRADLEY-194E-A125-1753 Datasheet
196Kb / 12P
   Bulletin 194E
194L-A4-000 ALLEN-BRADLEY-194L-A4-000 Datasheet
28Kb / 1P
   Bulletin 194E
logo
United Chemi-Con, Inc.
APSE6R3ELL471 CHEMI-CON-APSE6R3ELL471 Datasheet
47Kb / 2P
   Engineering Bulletin
logo
Motorola, Inc
EB622 MOTOROLA-EB622 Datasheet
132Kb / 4P
   Engineering Bulletin
logo
M/A-COM Technology Solu...
28330-PBD-001-A MA-COM-28330-PBD-001-A_15 Datasheet
23Kb / 1P
   product bulletin
28953-PBD-001-A MA-COM-28953-PBD-001-A_15 Datasheet
29Kb / 2P
   product bulletin
28500-PBD-001-B MA-COM-28500-PBD-001-B_15 Datasheet
47Kb / 2P
   Product Bulletin
logo
United Chemi-Con, Inc.
APSE4R0ELL561 CHEMI-CON-APSE4R0ELL561 Datasheet
47Kb / 2P
   Engineering Bulletin
logo
Nippon Precision Circui...
LZASERIES NPC-LZASERIES Datasheet
57Kb / 2P
   Engineering Bulletin
logo
API Technologies Corp
MR25566 APITECH-MR25566 Datasheet
80Kb / 1P
   SPECIFICATION BULLETIN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com