Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

194L-HCDH-001 Datasheet(PDF) 2 Page - Allen-Bradley

Part # 194L-HCDH-001
Description  Bulletin 194E
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEN-BRADLEY [Allen-Bradley]
Direct Link  http://www.ab.com
Logo ALLEN-BRADLEY - Allen-Bradley

194L-HCDH-001 Datasheet(HTML) 2 Page - Allen-Bradley

  194L-HCDH-001 Datasheet HTML 1Page - Allen-Bradley 194L-HCDH-001 Datasheet HTML 2Page - Allen-Bradley 194L-HCDH-001 Datasheet HTML 3Page - Allen-Bradley 194L-HCDH-001 Datasheet HTML 4Page - Allen-Bradley 194L-HCDH-001 Datasheet HTML 5Page - Allen-Bradley 194L-HCDH-001 Datasheet HTML 6Page - Allen-Bradley 194L-HCDH-001 Datasheet HTML 7Page - Allen-Bradley 194L-HCDH-001 Datasheet HTML 8Page - Allen-Bradley 194L-HCDH-001 Datasheet HTML 9Page - Allen-Bradley Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
IEC Load Switches
10-3
Bulletin 194E
25 Amps to 100 Amps
Product Selection
OFF-ON Base-Mounted 3-Pole Switch (includes operating shaft) (Actuators listed on pages 10-4 and 10-5)
OFF-ON Front-Mounted 3-Pole Switch (includes operating shaft) (Actuators listed on pages 10-4 and 10-5)
OFF-ON Base-Mounted 6-Pole Switch (includes operating shaft) (Actuators listed on pages 10-4 and 10-5)
OFF-ON Front-Mounted 6-Pole Switch (includes operating shaft) (Actuators listed on pages 10-4 and 10-5)
Switch Body
(Includes Shaft)
Function
Switching
Angle
Contact Target
Configuration
X = Contact Closed
O = Contact Open
Maximum
Load
Rating (A)
AC23A
Rated
Power
[kW] at
690V AC
50 Hz
HP @ 480V
AC
60 Hz 3
Catalogue Number
No. of
Circuits
Handle Position
OFF/0
ON/1
1
2
3
O
O
O
X
X
X
25
11
10
194E-A25-1753
32
15
15
194E-A32-1753
40
18.5
20
194E-A40-1753
63
22
25
194E-A63-1753
80
37
50
194E-A80-1753
100
45
50
194E-A100-1753
1
2
3
O
O
O
X
X
X
25
11
10
194E-E25-1753
32
15
15
194E-E32-1753
40
18.5
20
194E-E40-1753
63
22
25
194E-E63-1753
80
37
50
194E-E80-1753
100
45
50
194E-E100-1753
1
2
3
4
5
6
O
O
O
O
O
O
X
X
X
X
X
X
25
11
10
194E-A25-1756
32
15
15
194E-A32-1756
40
18.5
20
194E-A40-1756
63
22
25
194E-A63-1756
80
37
50
194E-A80-1756
100
45
50
194E-A100-1756
1
2
3
4
5
6
O
O
O
O
O
O
X
X
X
X
X
X
25
11
10
194E-E25-1756
32
15
15
194E-E32-1756
40
18.5
20
194E-E40-1756
63
22
25
194E-E63-1756
80
37
50
194E-E80-1756
100
45
50
194E-E100-1756
90
ON
OFF
O
1
0
90
ON
OFF
O
1
0
90
ON
OFF
O
1
0
90
ON
OFF
O
1
0


Similar Part No. - 194L-HCDH-001

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
194L-A4-000 ALLEN-BRADLEY-194L-A4-000 Datasheet
28Kb / 1P
   Bulletin 194E
194L-A4-175 ALLEN-BRADLEY-194L-A4-175 Datasheet
28Kb / 1P
   Bulletin 194E
194L-A4-175I ALLEN-BRADLEY-194L-A4-175I Datasheet
28Kb / 1P
   Bulletin 194E
194L-A6-000 ALLEN-BRADLEY-194L-A6-000 Datasheet
28Kb / 1P
   Bulletin 194E
194L-A6-175 ALLEN-BRADLEY-194L-A6-175 Datasheet
28Kb / 1P
   Bulletin 194E
More results

Similar Description - 194L-HCDH-001

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
194E-A125-1753 ALLEN-BRADLEY-194E-A125-1753 Datasheet
196Kb / 12P
   Bulletin 194E
194L-A4-000 ALLEN-BRADLEY-194L-A4-000 Datasheet
28Kb / 1P
   Bulletin 194E
logo
United Chemi-Con, Inc.
APSE6R3ELL471 CHEMI-CON-APSE6R3ELL471 Datasheet
47Kb / 2P
   Engineering Bulletin
logo
Motorola, Inc
EB622 MOTOROLA-EB622 Datasheet
132Kb / 4P
   Engineering Bulletin
logo
M/A-COM Technology Solu...
28330-PBD-001-A MA-COM-28330-PBD-001-A_15 Datasheet
23Kb / 1P
   product bulletin
28953-PBD-001-A MA-COM-28953-PBD-001-A_15 Datasheet
29Kb / 2P
   product bulletin
28500-PBD-001-B MA-COM-28500-PBD-001-B_15 Datasheet
47Kb / 2P
   Product Bulletin
logo
United Chemi-Con, Inc.
APSE4R0ELL561 CHEMI-CON-APSE4R0ELL561 Datasheet
47Kb / 2P
   Engineering Bulletin
logo
Nippon Precision Circui...
LZASERIES NPC-LZASERIES Datasheet
57Kb / 2P
   Engineering Bulletin
logo
API Technologies Corp
MR25566 APITECH-MR25566 Datasheet
80Kb / 1P
   SPECIFICATION BULLETIN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com