Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BPW729-1230-27AB95L Datasheet(PDF) 3 Page - Actel Corporation

Part # BPW729-1230-27AB95L
Description  SE-BGG729, E-Tec lead free prototype socket drawing for BGG729 and BGG729 packages
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

BPW729-1230-27AB95L Datasheet(HTML) 3 Page - Actel Corporation

  BPW729-1230-27AB95L Datasheet HTML 1Page - Actel Corporation BPW729-1230-27AB95L Datasheet HTML 2Page - Actel Corporation BPW729-1230-27AB95L Datasheet HTML 3Page - Actel Corporation BPW729-1230-27AB95L Datasheet HTML 4Page - Actel Corporation BPW729-1230-27AB95L Datasheet HTML 5Page - Actel Corporation BPW729-1230-27AB95L Datasheet HTML 6Page - Actel Corporation BPW729-1230-27AB95L Datasheet HTML 7Page - Actel Corporation BPW729-1230-27AB95L Datasheet HTML 8Page - Actel Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Socket Mounting Recommendations and Reflow Profile
E-tec Interconnect Ltd, Industrial Zone C, CH-1072 Forel (Lavaux), Switzerland
Phone +41-21-781 08 10 · www.e-tec.com · info@e-tec.com
E-tec Socket Mounting Recommendations
PRELIMINARY
1
Purpose
This document is meant to serve as a guide for mounting E-tec surface mount device (SMD)
sockets to the printed circuit board (PCB). The recommendations described here are guidelines
only, and modifications may be needed for your particular socket, PCB, and process.
Application
The sockets this document applies to are as follows: Clam Shell, Knob Lock, Screw Lock, Twist
Lock, Quick Lock and Lever Lock in SMD style. These sockets utilize the E-tec patented spring-
pin technology. This technology allows the pins to be soldered to the PCB while still providing
compliance to the device under test (DUT) via springs located at the other end of the pin. The
pins themselves do not have solder pre-forms as a BGA would with its solder balls. However, the
sockets are designed to mount to the same PCB footprint and pads as required by the BGA, or
any other IC package the socket was designed for (except if locating pegs are used; see ‘Locating
Pegs’ section of this document). When compared to mounting a BGA, an extra volume of solder
paste is required to mount the sockets to the PCB. To effect this, a properly dimensioned stencil
is required. Once the paste has been applied, a standard reflow process is then used to solder the
socket to the PCB. After the socket is verified to have proper electrical connection to the PCB,
the system is then ready to be used.
Locating Pegs
Although designed to mount to the same footprint as the IC, with just a small amount of
additional keep-out area, E-tec sockets can also be offered with locating pegs. The sockets are
typically mounted with two locating pegs, which require two thru-holes drilled into the PCB.
These pegs help to align the socket on the PCB, and hence align the socket’s pins to the PCB’s
pads, during the soldering process. Furthermore, plating the thru-holes allows the locating pegs
to be soldered to the PCB for better mechanical stability during everyday use and handling of the
socket. If the PCB design permits, E-tec recommends the use of these locating pegs. For fine-
pitch, low pin-count sockets without locating pegs, the mechanical strength of the solder joints
may be insufficient. In these cases, it is recommended to epoxy the socket body to the PCB. 3M
Scotch-Weld 2216 B/A is a suitable epoxy. In any case, the proper volume of solder paste is
required to ensure mechanical and electrical integrity. Recommended stencil dimensions are
given in the next section of this document.


Similar Part No. - BPW729-1230-27AB95L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BPW76 VISHAY-BPW76 Datasheet
82Kb / 6P
   Silicon NPN Phototransistor
Rev. 2, 20-May-99
BPW76 VISHAY-BPW76 Datasheet
177Kb / 6P
   Silicon NPN Phototransistor
Rev. 1.3, 08-Mar-05
BPW76A VISHAY-BPW76A Datasheet
82Kb / 6P
   Silicon NPN Phototransistor
Rev. 2, 20-May-99
BPW76A VISHAY-BPW76A Datasheet
177Kb / 6P
   Silicon NPN Phototransistor
Rev. 1.3, 08-Mar-05
BPW76A VISHAY-BPW76A Datasheet
149Kb / 5P
   Silicon NPN Phototransistor
Rev. 1.4, 08-Sep-08
More results

Similar Description - BPW729-1230-27AB95L

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
BPW676-1030-26AB95L ACTEL-BPW676-1030-26AB95L Datasheet
1Mb / 8P
   SE-FGG676, E-Tec lead free prototype socket drawing for FGG676 and FGG676 packages
BPW456-1270-26AB55 ACTEL-BPW456-1270-26AB55 Datasheet
448Kb / 1P
   SE-BGG456, E-Tec lead free prototype socket drawing for BGG456 and BGG456 packages
BPW180-0830-14CB95 ACTEL-BPW180-0830-14CB95 Datasheet
1Mb / 8P
   SE-CSG180, E-Tec lead free prototype socket drawing for CSG180 and CSG180 packages
BPW049-0830-07CB95 ACTEL-BPW049-0830-07CB95 Datasheet
1Mb / 8P
   SE-CSG49, E-Tec lead free prototype socket drawing for CSG49 and CSG49 packages
BUW256-1028-16AA95L ACTEL-BUW256-1028-16AA95L Datasheet
1Mb / 8P
   SE-FGG256-HU, E-Tec lead free prototype socket drawing for FGG256 and FGG256 packages
BPW049-0828-07CB95 ACTEL-BPW049-0828-07CB95 Datasheet
1Mb / 8P
   SE-CSG49-H, E-Tec lead free prototype socket drawing for CSG49 and CSG49 packages
BPW128-0830-12CB95 ACTEL-BPW128-0830-12CB95 Datasheet
1Mb / 8P
   SE-CSG128-H, E-Tec lead free prototype socket drawing for CSG128 and CSG128 packages
BPW272-1270-20AC55 ACTEL-BPW272-1270-20AC55 Datasheet
397Kb / 1P
   SE-BGG272-A, E-Tec lead free prototype socket drawing for BGG272 and BGG272 packages
BPW180-0828-14CB95 ACTEL-BPW180-0828-14CB95 Datasheet
1Mb / 8P
   SE-CSG180-H, E-Tec lead free prototype socket drawing for CSG180 and CSG180 packages
BPW324-1028-18AB95L ACTEL-BPW324-1028-18AB95L Datasheet
1Mb / 8P
   SE-FGG324-H, E-Tec lead free prototype socket drawing for FGG324 and FGG324 packages
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com