Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT3502EMS-TRPBF Datasheet(PDF) 5 Page - Linear Technology

Part # LT3502EMS-TRPBF
Description  1.1MHz/2.2MHz, 500mA Step-Down Regulators in 2mm2mm DFN and MS10
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3502EMS-TRPBF Datasheet(HTML) 5 Page - Linear Technology

  LT3502EMS-TRPBF Datasheet HTML 1Page - Linear Technology LT3502EMS-TRPBF Datasheet HTML 2Page - Linear Technology LT3502EMS-TRPBF Datasheet HTML 3Page - Linear Technology LT3502EMS-TRPBF Datasheet HTML 4Page - Linear Technology LT3502EMS-TRPBF Datasheet HTML 5Page - Linear Technology LT3502EMS-TRPBF Datasheet HTML 6Page - Linear Technology LT3502EMS-TRPBF Datasheet HTML 7Page - Linear Technology LT3502EMS-TRPBF Datasheet HTML 8Page - Linear Technology LT3502EMS-TRPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
LT3502/LT3502A
5
3502fc
Switching Frequency
Soft-Start (SHDN)
UVLO
TEMPERATURE (°C)
–50
2.0
2.5
3.5
100
3502 G10
1.5
1.0
0
50
150
0.5
0
3.0
TEMPERATURE (°C)
–50
1.0
1.5
150
3502 G11
0.5
0
0
50
100
2.5
2.0
LT3502A
LT3502
SHDN PIN VOLTAGE (mV)
0
–0.1
0
0.2
0.3
0.4
0.9
0.6
400
800 1000
3502 G12
0.1
0.7
0.8
0.5
200
600
1200 1400 1600
TYPICAL PERFORMANCE CHARACTERISTICS (T
A = 25°C unless otherwise noted)
LT3502A Maximum VIN for Full
Frequency (VOUT = 3.3V)
SHDN Pin Current
SHDN PIN VOLTAGE (V)
0
0
50
150
200
250
10
20
25
45
3502 G13
100
515
30
35
40
300
TEMPERATURE (°C)
–50
0
0.1
0.3
0.4
0.5
1.0
0.7
0
50
3502 G14
0.2
0.8
0.9
0.6
100
150
DA VALLEY CURRENT LIMIT
SW PEAK CURRENT LIMIT
LOAD CURRENT (A)
0
0
5
15
20
25
0.4
45
3502 G16
10
0.2
0.1
0.5
0.6
0.3
0.7
30
35
40
TA = 25°C
TA = 85°C
Switch Current Limit
LT3502A Maximum VIN for Full
Frequency (VOUT = 5V)
LOAD CURRENT (A)
0
0
5
15
20
25
0.4
45
3502 G17
10
0.2
0.1
0.5
0.6
0.3
0.7
30
35
40
TA = 85°C
TA = 25°C
LT3502 Maximum VIN for Full
Frequency (VOUT = 3.3V)
LOAD CURRENT (A)
0
0
5
15
20
25
0.4
45
3502 G18
10
0.2
0.1
0.5
0.6
0.3
0.7
30
35
40
TA = 85°C
TA = 25°C
Switch Current Limit
DUTY CYCLE (%)
0
0
0.2
0.4
0.6
0.8
1.0
1.2
50
100
3502 G15
LT3502A
LT3502


Similar Part No. - LT3502EMS-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3502 LINER-LT3502 Datasheet
441Kb / 34P
   40V 400mA Step-Down Switching Regulator with Dual Fault Protected LDOs
LT3502 LINER-LT3502 Datasheet
382Kb / 28P
   40V 400mA Step-Down Switching Regulator with Dual Fault Protected Tracking LDOs
logo
Analog Devices
LT3502 AD-LT3502 Datasheet
348Kb / 7P
   Circuit Note
Rev. 0
logo
Linear Technology
LT3502A LINER-LT3502A Datasheet
441Kb / 34P
   40V 400mA Step-Down Switching Regulator with Dual Fault Protected LDOs
LT3502A LINER-LT3502A Datasheet
382Kb / 28P
   40V 400mA Step-Down Switching Regulator with Dual Fault Protected Tracking LDOs
More results

Similar Description - LT3502EMS-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3502 LINER-LT3502_15 Datasheet
460Kb / 24P
   1.1MHz/2.2MHz, 500mA Step-Down Regulators
LT3502A LINER-LT3502A_15 Datasheet
460Kb / 24P
   1.1MHz/2.2MHz, 500mA Step-Down Regulators
LT3503 LINER-LT3503 Datasheet
428Kb / 20P
   1A, 2.2MHz Step-Down Switching Regulator in 2mm 횞 3mm DFN
LTC3427 LINER-LTC3427 Datasheet
208Kb / 12P
   500mA, 1.25MHz Synchronous Step-Up DC/DC Converter in 2mm 횞 2mm DFN Package
LT3493-3 LINER-LT3493-3 Datasheet
405Kb / 20P
   1.2A, 750kHz Step-Down Switching Regulator in 2mm 횞 3mm DFN
LT3493 LINER-LT3493 Datasheet
592Kb / 20P
   1.2A, 750kHz Step-Down Switching Regulator in 2mm 횞 3mm DFN
LTC3526-2 LINER-LTC3526-2 Datasheet
269Kb / 16P
   500mA 2MHz Synchronous Step-Up DC/DC Converters in 2mm X 2mm DFN
LTC3526 LINER-LTC3526 Datasheet
257Kb / 16P
   500mA 1MHz Synchronous Step-Up DC/DC Converters in 2mm X 2mm DFN
LTC3526L LINER-LTC3526L Datasheet
271Kb / 16P
   550mA 1MHz Synchronous Step-Up DC/DC Converters in 2mm 횞 2mm DFN
LTC3427 LINER-LTC3427_15 Datasheet
213Kb / 12P
   500mA, 1.25MHz Synchronous Step-Up DC/DC Converter in 2mm 2mm DFN Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com