Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

194L-G3515D Datasheet(PDF) 4 Page - Allen-Bradley

Part # 194L-G3515D
Description  Bulletin 194E
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEN-BRADLEY [Allen-Bradley]
Direct Link  http://www.ab.com
Logo ALLEN-BRADLEY - Allen-Bradley

194L-G3515D Datasheet(HTML) 4 Page - Allen-Bradley

  194L-G3515D Datasheet HTML 1Page - Allen-Bradley 194L-G3515D Datasheet HTML 2Page - Allen-Bradley 194L-G3515D Datasheet HTML 3Page - Allen-Bradley 194L-G3515D Datasheet HTML 4Page - Allen-Bradley 194L-G3515D Datasheet HTML 5Page - Allen-Bradley 194L-G3515D Datasheet HTML 6Page - Allen-Bradley 194L-G3515D Datasheet HTML 7Page - Allen-Bradley 194L-G3515D Datasheet HTML 8Page - Allen-Bradley 194L-G3515D Datasheet HTML 9Page - Allen-Bradley Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
10-28
IEC Load Switches
Bulletin 194E
125 Amps to 315 Amps
Accessories
Handles (continued)
Legend
Additional Name Plate and Frame
Terminal Cover
Use with
Catalogue Number
194E-A125-160
194E-E125-160
2 covers per
pole required
194E-AE125-C1
194E-A250-315
194E-E250-315
2 covers per
pole required
194E-AE250-C1
194E-B125-160
194E-F125-160
2 covers per
pole required
194E-BF125-C1
194E-B250-315
194E-F250-315
2 covers per
pole required
194E-BF250-C1
Colour
Legend Size
Use with
Legend Marking
Catalogue Number
10 per package
Gray/Black
19.2 mm x 49 mm
3/4 in. x 1-59/64 in.
88 mm x 88 mm
90 mm x 90 mm
130 mm x 130 mm
135 mm x 135 mm
legend frames
(Size 8,13)
MAIN SWITCH
194L-G3515A
HAUPTSCHALTER
194L-G3515B
INTERR. PRINCIPALE
194L-G3515C
INTERR. PRINCIPAUX
194L-G3515D
INTERR. PRINCIPAL
194L-G3515E
HUVUDBRYTARE
194L-G3515F
WAHLSCHALTER
194L-G3515G
Red/
Yellow
EMERGENCY OFF
194L-G3515H


Similar Part No. - 194L-G3515D

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
194L-G3515D ALLEN-BRADLEY-194L-G3515D Datasheet
28Kb / 1P
   Bulletin 194E
194L-G3515D ALLEN-BRADLEY-194L-G3515D Datasheet
364Kb / 23P
   Bulletin 194E
More results

Similar Description - 194L-G3515D

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
194E-A25-1753 ALLEN-BRADLEY-194E-A25-1753 Datasheet
364Kb / 23P
   Bulletin 194E
194L-A4-000 ALLEN-BRADLEY-194L-A4-000 Datasheet
28Kb / 1P
   Bulletin 194E
logo
United Chemi-Con, Inc.
APSE6R3ELL471 CHEMI-CON-APSE6R3ELL471 Datasheet
47Kb / 2P
   Engineering Bulletin
logo
Motorola, Inc
EB622 MOTOROLA-EB622 Datasheet
132Kb / 4P
   Engineering Bulletin
logo
M/A-COM Technology Solu...
28330-PBD-001-A MA-COM-28330-PBD-001-A_15 Datasheet
23Kb / 1P
   product bulletin
28953-PBD-001-A MA-COM-28953-PBD-001-A_15 Datasheet
29Kb / 2P
   product bulletin
28500-PBD-001-B MA-COM-28500-PBD-001-B_15 Datasheet
47Kb / 2P
   Product Bulletin
logo
United Chemi-Con, Inc.
APSE4R0ELL561 CHEMI-CON-APSE4R0ELL561 Datasheet
47Kb / 2P
   Engineering Bulletin
logo
Nippon Precision Circui...
LZASERIES NPC-LZASERIES Datasheet
57Kb / 2P
   Engineering Bulletin
logo
API Technologies Corp
MR25566 APITECH-MR25566 Datasheet
80Kb / 1P
   SPECIFICATION BULLETIN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com