Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS80C52X2-VCKR Datasheet(PDF) 4 Page - TEMIC Semiconductors

Part # TS80C52X2-VCKR
Description  8-bit CMOS Microcontroller 0-60 MHz
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

TS80C52X2-VCKR Datasheet(HTML) 4 Page - TEMIC Semiconductors

  TS80C52X2-VCKR Datasheet HTML 1Page - TEMIC Semiconductors TS80C52X2-VCKR Datasheet HTML 2Page - TEMIC Semiconductors TS80C52X2-VCKR Datasheet HTML 3Page - TEMIC Semiconductors TS80C52X2-VCKR Datasheet HTML 4Page - TEMIC Semiconductors TS80C52X2-VCKR Datasheet HTML 5Page - TEMIC Semiconductors TS80C52X2-VCKR Datasheet HTML 6Page - TEMIC Semiconductors TS80C52X2-VCKR Datasheet HTML 7Page - TEMIC Semiconductors TS80C52X2-VCKR Datasheet HTML 8Page - TEMIC Semiconductors TS80C52X2-VCKR Datasheet HTML 9Page - TEMIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 54 page
background image
4
Rev. B - Jan. 25, 1999
Preliminary
TS80C52X2
5. Pin Configuration
P1.7
P1.4
RST
P3.0/RxD
P3.1/TxD
P1.3
1
P1.5
P1.6
P3.2/INT0
P3.3/INT1
P3.4/T0
P3.5/T1
P3.6/WR
P3.7/RD
XTAL2
XTAL1
VSS
P2.0
P2.1
P2.2
P2.3
P2.4
P0.4
P0.6
P0.5
P0.7
ALE/PROG
PSEN
EA/VPP
P2.7
P2.5
P2.6
P1.0
P1.2
P1.1
VCC
P0.0
P0.1
P0.2
P0.3
PDIL/
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
5
4
3
2
1
6
44 43 42 41 40
P0.4/AD4
P0.6/AD6
P0.5/AD5
P0.7/AD7
ALE/PROG
PSEN
EA/VPP
NIC*
P2.7/A15
P2.5/A13
P2.6/A14
43 42 41 40 39
44
38 37 36 35 34
P0.4/AD4
P0.6/AD6
P0.5/AD5
P0.7/AD7
ALE/PROG
PSEN
EA/VPP
NIC*
P2.7/A15
P2.5/A13
P2.6/A14
P1.5
P1.6
P1.7
RST
P3.0/RxD
NIC*
P3.1/TxD
P3.2/INT0
P3.3/INT1
P3.4/T0
P3.5/T1
P1.5
P1.6
P1.7
RST
P3.0/RxD
NIC*
P3.1/TxD
P3.2/INT0
P3.3/INT1
P3.4/T0
P3.5/T1
*NIC: No Internal Connection
7
8
9
10
11
12
13
14
15
16
17
39
38
37
36
35
34
33
32
31
30
29
PLCC/CQPJ 44
33
32
31
30
29
28
27
26
25
24
23
PQFP44
1
2
3
4
5
6
7
8
9
10
11
CDIL40
18 19 20 21 22 23 24 25 26 27 28
12 13 14 15 16 17 18 19 20 21 22
VQFP44


Similar Part No. - TS80C52X2-VCKR

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
TS80C52X2 TEMIC-TS80C52X2 Datasheet
286Kb / 56P
   8-bit CMOS Microcontroller 0-60 MHz
logo
ATMEL Corporation
TS80C52X2 ATMEL-TS80C52X2 Datasheet
603Kb / 55P
   8-bit Microcontroller 8 Kbytes ROM/OTP, ROMless
TS80C52X2ZZZ-LCA ATMEL-TS80C52X2ZZZ-LCA Datasheet
603Kb / 55P
   8-bit Microcontroller 8 Kbytes ROM/OTP, ROMless
TS80C52X2ZZZ-LCB ATMEL-TS80C52X2ZZZ-LCB Datasheet
603Kb / 55P
   8-bit Microcontroller 8 Kbytes ROM/OTP, ROMless
TS80C52X2ZZZ-LCC ATMEL-TS80C52X2ZZZ-LCC Datasheet
603Kb / 55P
   8-bit Microcontroller 8 Kbytes ROM/OTP, ROMless
More results

Similar Description - TS80C52X2-VCKR

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
TS80C32X2 TEMIC-TS80C32X2 Datasheet
286Kb / 56P
   8-bit CMOS Microcontroller 0-60 MHz
TS80C31X2 TEMIC-TS80C31X2 Datasheet
484Kb / 40P
   8-bit CMOS Microcontroller 0-60 MHz
TS80C54X2 TEMIC-TS80C54X2 Datasheet
288Kb / 58P
   8-bit CMOS Microcontroller 0-60 MHz
TS80C51U2 TEMIC-TS80C51U2 Datasheet
316Kb / 67P
   Double UART 8-bit CMOS Microcontroller, 0-60 MHz
TSC87C51 TEMIC-TSC87C51 Datasheet
170Kb / 22P
   CMOS 0 to 25 MHz Programmable 8-bit Microcontroller
TSC87C51 TEMIC-TSC87C51 Datasheet
157Kb / 23P
   CMOS 0 to 33 MHz Programmable 8-bit Microcontroller
TSC87C52 TEMIC-TSC87C52 Datasheet
184Kb / 24P
   CMOS 0 to 33 MHz Programmable 8-bit Microcontroller
80C154 TEMIC-80C154 Datasheet
242Kb / 24P
   CMOS 0 to 36 MHz Single Chip 8-bit Microcontroller
80C32 TEMIC-80C32 Datasheet
229Kb / 20P
   CMOS 0 to 44 MHz Single-chip 8 Bit Microcontroller
TSC80C31 TEMIC-TSC80C31 Datasheet
205Kb / 19P
   CMOS 0 to 44 MHz Single-Chip 8 Bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com