Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT3502IDC-TRPBF Datasheet(PDF) 7 Page - Linear Technology

Part # LT3502IDC-TRPBF
Description  1.1MHz/2.2MHz, 500mA Step-Down Regulators in 2mm2mm DFN and MS10
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3502IDC-TRPBF Datasheet(HTML) 7 Page - Linear Technology

Back Button LT3502IDC-TRPBF Datasheet HTML 3Page - Linear Technology LT3502IDC-TRPBF Datasheet HTML 4Page - Linear Technology LT3502IDC-TRPBF Datasheet HTML 5Page - Linear Technology LT3502IDC-TRPBF Datasheet HTML 6Page - Linear Technology LT3502IDC-TRPBF Datasheet HTML 7Page - Linear Technology LT3502IDC-TRPBF Datasheet HTML 8Page - Linear Technology LT3502IDC-TRPBF Datasheet HTML 9Page - Linear Technology LT3502IDC-TRPBF Datasheet HTML 10Page - Linear Technology LT3502IDC-TRPBF Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
LT3502/LT3502A
7
3502fc
PIN FUNCTIONS
VIN (Pin 1/Pin 10): The VIN pin supplies current to the
LT3502/LT3502A’s internal regulator and to the internal
power switch. This pin must be locally bypassed.
BD (Pin 2/Pin 8): The BD pin is used to provide current
to the internal boost Schottky diode.
FB (Pin 3/Pin 7): The LT3502/LT3502A regulate their
feedback pin to 0.8V. Connect the feedback resistor di-
vider tap to this pin. Set the output voltage according to
VOUT = 0.8(1 + R1/R2). A good value for R2 is 10k.
SHDN (Pin 4/Pin 6): The SHDN pin is used to put the
LT3502 in shutdown mode. Tie to ground to shut down
the LT3502/LT3502A. Tie to 2V or more for normal
operation. If the shutdown feature is not used, tie this pin
to the VIN pin. The SHDN pin also provides soft-start and
frequency foldback. To use the soft-start feature, connect
R3 and C4 to the SHDN pin. SHDN Pin voltage should
not be higher than VIN.
GND (Pin 5/Pin 5): Ground Pin.
DA (Pin 6/Pin 4): Connect the catch diode (D1) anode to
this pin. This pin is used to provide frequency foldback
in extreme situations.
BOOST (Pin 7/Pin 2): The BOOST pin is used to provide a
drive voltage, higher than the input voltage, to the internal
bipolar NPN power switch. Connect a boost capacitor from
this pin to SW Pin.
SW (Pin 8/Pin 1): The SW pin is the output of the internal
power switch. Connect this pin to the inductor, catch diode
and boost capacitor.
(DFN/MS)


Similar Part No. - LT3502IDC-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3502 LINER-LT3502 Datasheet
441Kb / 34P
   40V 400mA Step-Down Switching Regulator with Dual Fault Protected LDOs
LT3502 LINER-LT3502 Datasheet
382Kb / 28P
   40V 400mA Step-Down Switching Regulator with Dual Fault Protected Tracking LDOs
logo
Analog Devices
LT3502 AD-LT3502 Datasheet
348Kb / 7P
   Circuit Note
Rev. 0
logo
Linear Technology
LT3502A LINER-LT3502A Datasheet
441Kb / 34P
   40V 400mA Step-Down Switching Regulator with Dual Fault Protected LDOs
LT3502A LINER-LT3502A Datasheet
382Kb / 28P
   40V 400mA Step-Down Switching Regulator with Dual Fault Protected Tracking LDOs
More results

Similar Description - LT3502IDC-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3502 LINER-LT3502_15 Datasheet
460Kb / 24P
   1.1MHz/2.2MHz, 500mA Step-Down Regulators
LT3502A LINER-LT3502A_15 Datasheet
460Kb / 24P
   1.1MHz/2.2MHz, 500mA Step-Down Regulators
LT3503 LINER-LT3503 Datasheet
428Kb / 20P
   1A, 2.2MHz Step-Down Switching Regulator in 2mm 횞 3mm DFN
LTC3427 LINER-LTC3427 Datasheet
208Kb / 12P
   500mA, 1.25MHz Synchronous Step-Up DC/DC Converter in 2mm 횞 2mm DFN Package
LT3493-3 LINER-LT3493-3 Datasheet
405Kb / 20P
   1.2A, 750kHz Step-Down Switching Regulator in 2mm 횞 3mm DFN
LT3493 LINER-LT3493 Datasheet
592Kb / 20P
   1.2A, 750kHz Step-Down Switching Regulator in 2mm 횞 3mm DFN
LTC3526-2 LINER-LTC3526-2 Datasheet
269Kb / 16P
   500mA 2MHz Synchronous Step-Up DC/DC Converters in 2mm X 2mm DFN
LTC3526 LINER-LTC3526 Datasheet
257Kb / 16P
   500mA 1MHz Synchronous Step-Up DC/DC Converters in 2mm X 2mm DFN
LTC3526L LINER-LTC3526L Datasheet
271Kb / 16P
   550mA 1MHz Synchronous Step-Up DC/DC Converters in 2mm 횞 2mm DFN
LTC3427 LINER-LTC3427_15 Datasheet
213Kb / 12P
   500mA, 1.25MHz Synchronous Step-Up DC/DC Converter in 2mm 2mm DFN Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com