Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

194E-BF160-TN Datasheet(PDF) 3 Page - Allen-Bradley

Part # 194E-BF160-TN
Description  Bulletin 194E
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEN-BRADLEY [Allen-Bradley]
Direct Link  http://www.ab.com
Logo ALLEN-BRADLEY - Allen-Bradley

194E-BF160-TN Datasheet(HTML) 3 Page - Allen-Bradley

  194E-BF160-TN Datasheet HTML 1Page - Allen-Bradley 194E-BF160-TN Datasheet HTML 2Page - Allen-Bradley 194E-BF160-TN Datasheet HTML 3Page - Allen-Bradley 194E-BF160-TN Datasheet HTML 4Page - Allen-Bradley 194E-BF160-TN Datasheet HTML 5Page - Allen-Bradley 194E-BF160-TN Datasheet HTML 6Page - Allen-Bradley 194E-BF160-TN Datasheet HTML 7Page - Allen-Bradley 194E-BF160-TN Datasheet HTML 8Page - Allen-Bradley 194E-BF160-TN Datasheet HTML 9Page - Allen-Bradley Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
IEC Load Switches
10-27
Bulletin 194E
125 Amps to 315 Amps
Accessories
Handles
Actuators 194E — 125…315 A
Actuators with Screw
Fixing (Includes Legend
Plate and Control Knob)
Rating
Colour
Legend Plate Size
Use with
Catalogue
Number
Legend
Marking
Catalogue Number
Type A
IP65
Type 3/3R/12
Black
88 mm x 88 mm
3-15/32 in. x 3-15/32 in.
194E-125…315A
194E-HE8A-175
130 mm x 130 mm
5-1/8 in. x 5-1/8 in.
194E-HE13A-175
Type I
Red/Yellow
88 mm x 88 mm
3-15/32 in. x 3-15/32 in.
194E-HE8I-175
130 mm x 130 mm
5-1/8 in. x 5-1/8 in.
194E-HE13I-175
Type G
Black
90 mm x 90 mm
3-35/64 in. x 3-35/64 in.
194E-125…315A
194E-HE8G-175
135 mm x 135 mm
5-5/16 in. x 5-5/16 in.
194E-HE13G-175
Type N
Red/Yellow
90 mm x 90 mm
3-35/64 in. x 3-35/64 in.
194E-HE8N-175
135 mm x 135 mm
5-5/16 in. x 5-5/16 in.
194E-HE13N-175
Auxiliary Contacts—2 N.O./1 N.C.
Use with
Catalogue Number
194E-A125-160
194E-B125-160
194E-AB-P21-160
194E-A250-315
194E-B250-315
194E-AB-P21-315
194E-E125-160
194E-F125-160
194E-EF-P21-160
194E-E250-315
194E-F250-315
194E-EF-P21-315
Earthing/Grounding Terminal
Use with
Catalogue Number
194E-A135-160
194E-E135-160
194E-AE160-PE
194E-A250-315
194E-E250-315
194E-AE315-PE
194E-B135-160
194E-F135-160
194E-BF160-PE
194E-B250
194E-F250
194E-BF250-PE
194E-B315
194E-F315
194E-BF315-PE
Neutral Terminal
Use with
Catalogue Number
194E-A125-160
194E-E125-160
194E-AE160-TN
194E-A250-315
194E-E250-315
194E-AE315-TN
194E-B125-160
194E-F125-160
194E-BF160-TN
194E-B250
194E-F250
194E-BF250-TN
194E-B315
194E-F315
194E-BF315-TN
90
ON
OFF
O
1
0
PE
PE
N
N


Similar Part No. - 194E-BF160-TN

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
194E-25-C3 ALLEN-BRADLEY-194E-25-C3 Datasheet
364Kb / 23P
   Bulletin 194E
194E-25-C4 ALLEN-BRADLEY-194E-25-C4 Datasheet
364Kb / 23P
   Bulletin 194E
194E-40-C3 ALLEN-BRADLEY-194E-40-C3 Datasheet
364Kb / 23P
   Bulletin 194E
194E-40-C4 ALLEN-BRADLEY-194E-40-C4 Datasheet
364Kb / 23P
   Bulletin 194E
194E-80-C3 ALLEN-BRADLEY-194E-80-C3 Datasheet
364Kb / 23P
   Bulletin 194E
More results

Similar Description - 194E-BF160-TN

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
194E-A25-1753 ALLEN-BRADLEY-194E-A25-1753 Datasheet
364Kb / 23P
   Bulletin 194E
194L-A4-000 ALLEN-BRADLEY-194L-A4-000 Datasheet
28Kb / 1P
   Bulletin 194E
logo
United Chemi-Con, Inc.
APSE6R3ELL471 CHEMI-CON-APSE6R3ELL471 Datasheet
47Kb / 2P
   Engineering Bulletin
logo
Motorola, Inc
EB622 MOTOROLA-EB622 Datasheet
132Kb / 4P
   Engineering Bulletin
logo
M/A-COM Technology Solu...
28330-PBD-001-A MA-COM-28330-PBD-001-A_15 Datasheet
23Kb / 1P
   product bulletin
28953-PBD-001-A MA-COM-28953-PBD-001-A_15 Datasheet
29Kb / 2P
   product bulletin
28500-PBD-001-B MA-COM-28500-PBD-001-B_15 Datasheet
47Kb / 2P
   Product Bulletin
logo
United Chemi-Con, Inc.
APSE4R0ELL561 CHEMI-CON-APSE4R0ELL561 Datasheet
47Kb / 2P
   Engineering Bulletin
logo
Nippon Precision Circui...
LZASERIES NPC-LZASERIES Datasheet
57Kb / 2P
   Engineering Bulletin
logo
API Technologies Corp
MR25566 APITECH-MR25566 Datasheet
80Kb / 1P
   SPECIFICATION BULLETIN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com