Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT3500IMSE-TRPBF Datasheet(PDF) 3 Page - Linear Technology

Part # LT3500IMSE-TRPBF
Description  Monolithic 2A Step-Down Regulator Plus Linear Regulator/Controller
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3500IMSE-TRPBF Datasheet(HTML) 3 Page - Linear Technology

  LT3500IMSE-TRPBF Datasheet HTML 1Page - Linear Technology LT3500IMSE-TRPBF Datasheet HTML 2Page - Linear Technology LT3500IMSE-TRPBF Datasheet HTML 3Page - Linear Technology LT3500IMSE-TRPBF Datasheet HTML 4Page - Linear Technology LT3500IMSE-TRPBF Datasheet HTML 5Page - Linear Technology LT3500IMSE-TRPBF Datasheet HTML 6Page - Linear Technology LT3500IMSE-TRPBF Datasheet HTML 7Page - Linear Technology LT3500IMSE-TRPBF Datasheet HTML 8Page - Linear Technology LT3500IMSE-TRPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
LT3500
3
3500fb
The
l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TJ = 25°C. VVIN = 15V, VRT/SYNC = 2V, unless otherwise specified.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
SHDN Threshold
l
710
760
780
mV
SHDN Source Current
VSHDN = 0.62V
1.5
2.5
3.5
μA
SHDN Current Hysterisis
1.25
2
3.25
μA
Minimum Input Voltage (Note 3)
VFB = 0V
l
2.4
2.8
V
Supply Shutdown Current
VSHDN = 0V
l
12
30
μA
Supply Quiescent Current
VFB = 0.9V
2.5
3.5
mA
FB Voltage
VVC = 1V
VVC = 0.8V to 1.6V, VIN = 3V to 40V
l
l
0.784
0.776
0.8
0.8
0.816
0.824
V
V
FB Bias Current
VFB = 0.8V, VVC = 1V
50
150
nA
Error Amplifier gm
VVC = 1V, IVC = ±10μA
150
250
350
μmho
Error Amplifier Source Current
VFB = 0.6V, VVC = 1V
12
16
20
μA
Error Amplifier Sink Current
VFB = 1V, VVC = 1V
14
18
22
μA
Error Amplifier High Clamp
VFB = 0.6V
1.8
2.0
2.2
V
Error Amplifier Switching Threshold
VFB = 0.6V
0.6
0.8
1.0
V
SS Source Current
VSS = 0.4V, VFB = 0.9V
2.25
2.75
3.75
μA
SS Sink Current
VFB = 0V, VSS = 2V
300
600
900
μA
SS POR Sink Current (Note 4)
VFB = 0V, VSS = 2V, Cycle SHDN
400
600
800
μA
SS POR Threshold
50
100
150
mV
SS to FB Offset (VSS – VFB)VVC = VFS, VSS = 0.4V
70
100
120
mV
PG/PG Leakage
VFB = 0.9V, VPG/VPG = 40V
0.1
1
μA
PG/PG Threshold (Rising)
VPG = 0.4V
0.685
0.708
0.730
V
PG/PG Hysteresis (Falling)
VPG = 0.4V
20
30
40
mV
PG Sink Current
VPG = 0.4V, VFB = 0.7V
250
500
750
μA
PG Sink Current
VPG = 0.4V, VFB = 0.9V
500
800
1100
μA
RT/SYNC Reference Voltage
VFB = 0.9V, RRT/SYNC = 15k
0.75
0.850
0.975
V
Switching Frequency
RRT/SYNC = 90.9k
RRT/SYNC = 90.9k
RRT/SYNC = 15k
l
450
425
2
500
500
2.4
550
625
2.8
kHz
kHz
MHz
SYNC Frequency Range
l
250
2500
kHz
Minimum Switch On Time
VFB = 0.7V, RRT/SYNC = 90.9k
140
ns
Minimum Switch Off Time
VFB = 0.7V, RRT/SYNC = 90.9k
120
ns
Switch Leakage Current
VSW = 0V
1
10
μA
Switch Saturation Voltage
ISW = 2A, VBST = 18V, VFB = 0.7V
450
mV
Switch Peak Current DD Package
VBST = 18V, VFB = 0.7V
l
2.3
2.1
2.8
2.8
3.5
3.5
A
A
Switch Peak Current MSE Package
VBST = 18V, VFB = 0.7V
l
2.3
2.1
2.9
2.9
3.5
3.7
A
A
Boost Current
ISW = 2A, VBST = 20V, VFB = 0.7V
20
30
45
mA
Minimum Boost Voltage (Note 5)
ISW = 2A, VFB = 0.7V
2.2
3
V
ELECTRICAL CHARACTERISTICS


Similar Part No. - LT3500IMSE-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3500 LINER-LT3500 Datasheet
2Mb / 28P
   36V, 4A, 1.5MHz Synchronous Step-Down Switching Regulator
LT3500 LINER-LT3500 Datasheet
441Kb / 34P
   40V 400mA Step-Down Switching Regulator with Dual Fault Protected LDOs
LT3500 LINER-LT3500 Datasheet
382Kb / 28P
   40V 400mA Step-Down Switching Regulator with Dual Fault Protected Tracking LDOs
LT3500 LINER-LT3500_15 Datasheet
328Kb / 28P
   Monolithic 2A Step-Down Regulator Plus Linear Regulator/Controller
More results

Similar Description - LT3500IMSE-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3500 LINER-LT3500_15 Datasheet
328Kb / 28P
   Monolithic 2A Step-Down Regulator Plus Linear Regulator/Controller
LT1939 LINER-LT1939 Datasheet
347Kb / 24P
   Monolithic 2A Step-Down Regulator Plus Linear Regulator/Controller
LT1939EDD LINER-LT1939EDD Datasheet
354Kb / 24P
   Monolithic 2A Step-Down Regulator Plus Linear Regulator/Controller
LT1939 LINER-LT1939_15 Datasheet
354Kb / 24P
   Monolithic 2A Step-Down Regulator Plus Linear Regulator/Controller
logo
Renesas Technology Corp
EL7532 RENESAS-EL7532 Datasheet
506Kb / 9P
   Monolithic 2A Step-Down Regulator
logo
Intersil Corporation
EL7532 INTERSIL-EL7532_06 Datasheet
212Kb / 8P
   Monolithic 2A Step-Down Regulator
EL7532 INTERSIL-EL7532 Datasheet
226Kb / 8P
   Monolithic 2A Step-Down Regulator
logo
Maxim Integrated Produc...
MAX1816 MAXIM-MAX1816 Datasheet
983Kb / 49P
   Dual Step-Down Controllers Plus Linear- Regulator Controller for Notebook Computers
19-2569; Rev 0; 10/02
logo
Linear Technology
LT3510 LINER-LT3510_15 Datasheet
355Kb / 30P
   Monolithic Dual Tracking 2A Step-Down Switching Regulator
LT3510 LINER-LT3510 Datasheet
310Kb / 28P
   Monolithic Dual Tracking 2A Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com