Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT3475IFE Datasheet(PDF) 4 Page - Linear Technology

Part # LT3475IFE
Description  Dual Step-Down l 1.5A LED Driver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3475IFE Datasheet(HTML) 4 Page - Linear Technology

  LT3475IFE Datasheet HTML 1Page - Linear Technology LT3475IFE Datasheet HTML 2Page - Linear Technology LT3475IFE Datasheet HTML 3Page - Linear Technology LT3475IFE Datasheet HTML 4Page - Linear Technology LT3475IFE Datasheet HTML 5Page - Linear Technology LT3475IFE Datasheet HTML 6Page - Linear Technology LT3475IFE Datasheet HTML 7Page - Linear Technology LT3475IFE Datasheet HTML 8Page - Linear Technology LT3475IFE Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
LT3475/LT3475-1
4
3475fb
Switch Current Limit
vs Duty Cycle
Switch Current Limit vs
Temperature
Oscillator Frequency
vs Temperature
Oscillator Frequency Foldback
Oscillator Frequency vs RT
Current Limit vs Output Voltage
TYPICAL PERFOR A CE CHARACTERISTICS
LED Current vs VADJ
LED Current vs Temperature
Switch On Voltage
VADJ (V)
0
0
0.25
0.50
0.75
1.00
1.25
1.50
0.25
0.5
0.75
1
3475 G01
1.25
TA = 25°C
TEMPERATURE (˚C)
–50
0.8
1.0
1.2
25
75
3475 G02
0.6
0.4
–25
0
50
100
125
0.2
0
VADJ = VREF • 7/30
VADJ = VREF • 2/3
SWITCH CURRENT (A)
0
0
100
200
300
400
0.5
1.0
1.5
2.0
3475 G03
500
600
TA = 25°C
DUTY CYCLE (%)
0
0
0.5
1.0
1.5
2.0
2.5
3.0
20
40
60
80
3475 G04
100
MINIMUM
TYPICAL
TA = 25°C
TEMPERATURE (°C)
–50
2.0
2.5
3.5
25
75
3475 G05
1.5
1.0
–25
0
50
100
125
0.5
0
3.0
VOUT (V)
0
0
0.5
1.0
1.5
2.0
0.5
2.5
3.0
3.5
2.0
1.0
1.5
4.0
3475 G06
2.5
3.0
TA = 25°C
TEMPERATURE (˚C)
–50
600
650
700
25
75
3475 G07
550
500
–25
0
50
100
125
450
400
RT = 24.3kΩ
VOUT (V)
0
500
600
700
2.0
3475 G08
400
300
0.5
1.0
1.5
2.5
200
100
0
TA = 25°C
RT = 24.3kΩ
RT (kΩ)
1
10
1000
10
100
3475 G09
TA = 25°C


Similar Part No. - LT3475IFE

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3475 LINER-LT3475 Datasheet
294Kb / 20P
   Full-Featured LED Driver with 1.5A Switch Current
LT3475 LINER-LT3475 Datasheet
425Kb / 32P
   8-Channel 횞 100mA LED Driver
logo
Linear Dimensions Semic...
LT3475 LINEAR_DIMENSIONS-LT3475 Datasheet
404Kb / 20P
   Full-Featured LED Driver with 1.5A Switch Current
logo
Analog Devices
LT3475 AD-LT3475 Datasheet
504Kb / 28P
   40VIN, 75VOUT LED Controllers
LT3475 AD-LT3475 Datasheet
399Kb / 26P
   100VIN, 100VOUT LED Controller
More results

Similar Description - LT3475IFE

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3475-1 LINER-LT3475-1_15 Datasheet
248Kb / 20P
   Dual Step-Down 1.5A LED Driver
LT3475 LINER-LT3475_15 Datasheet
248Kb / 20P
   Dual Step-Down 1.5A LED Driver
logo
Shenzhen Huazhimei Semi...
HM2802 HMSEMI-HM2802 Datasheet
1Mb / 12P
   30V 1.5A 1MHz Sync Step-Down Dimmable LED Driver
HM2801 HMSEMI-HM2801 Datasheet
1Mb / 12P
   30V 1.5A 1MHz Sync Step-Down Dimmable LED Driver
logo
Monolithic Power System...
MP4425M MPS-MP4425M Datasheet
1Mb / 20P
   High Efficiency 1.5A, 36V, 2.2MHz Synchronous Step Down LED Driver
MP28372 MPS-MP28372 Datasheet
274Kb / 12P
   Dual 1.5A, 23V, 1.4MHz Step-Down Converter
MP29373 MPS-MP29373 Datasheet
260Kb / 10P
   Dual 1.5A, 23V, 1.4MHz Step-Down Converter
MP2125 MPS-MP2125 Datasheet
295Kb / 10P
   Dual 1.5A, 1.2MHz Synchronous Step-Down Converter
MP2364 MPS-MP2364 Datasheet
281Kb / 12P
   Dual 1.5A, 23V, 1.4MHz Step-Down Converter
logo
E-CMOS Corporation
EC3221 E-CMOS-EC3221 Datasheet
1Mb / 16P
   1.5MHz, Dual 1.5A, Synchronous Step-Down Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com