Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2033-C1200H-76K Datasheet(PDF) 10 Page - Allen-Bradley

Part # 2033-C1200H-76K
Description  Safety Isolation System
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEN-BRADLEY [Allen-Bradley]
Direct Link  http://www.ab.com
Logo ALLEN-BRADLEY - Allen-Bradley

2033-C1200H-76K Datasheet(HTML) 10 Page - Allen-Bradley

Back Button 2033-C1200H-76K Datasheet HTML 6Page - Allen-Bradley 2033-C1200H-76K Datasheet HTML 7Page - Allen-Bradley 2033-C1200H-76K Datasheet HTML 8Page - Allen-Bradley 2033-C1200H-76K Datasheet HTML 9Page - Allen-Bradley 2033-C1200H-76K Datasheet HTML 10Page - Allen-Bradley 2033-C1200H-76K Datasheet HTML 11Page - Allen-Bradley 2033-C1200H-76K Datasheet HTML 12Page - Allen-Bradley 2033-C1200H-76K Datasheet HTML 13Page - Allen-Bradley 2033-C1200H-76K Datasheet HTML 14Page - Allen-Bradley Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
12-10
Safety Isolation System
ElectroGuard
Combination Systems with Thermal-magnetic Circuit Breaker
Product Selection for North America (see page 12-19 for Ordering Instructions)
➊ Optional Time Delay Feature. The Safety Isolation System may be ordered with a factory set time delay feature (30 seconds) in order to allow time for the machine
operator to shut-down drives or other equipment that requires a controlled stop, after the operating handle on a Remote Lockout Station has been moved to the “Off”
position. See next page for instructions on how to order the optional time delay feature. Consult your local Rockwell Automation sales office for other time settings.
Ampere
Rating
(AC-3)
3-Phase Max. Hp Rating
(60Hz)
Catalogue Number
200V 230V 460V 575V
Type 1 General
Purpose
Enclosure
Type 12
Dust tight
Enclosure
Type 12 Motor
Control Centre
Type Enclosure
(with bussing)
Type 4 Watertight
Painted Steel
Enclosure
Type 4X
Watertight
Stainless Steel
Enclosure
23
55
55
2033-A0023A
⊗-39
2033-A0023J
⊗-39
2033-!0023J
⊗-39
2033-A0023F
⊗-39
2033-A0023C
⊗-39
-7.5
7.5
7.5
2033-A0023A
⊗-40
2033-A0023J
⊗-40
2033-!0023J
⊗-40
2033-A0023F
⊗-40
2033-A0023C
⊗-40
--
10
10
2033-A0023A
⊗-41
2033-A0023J
⊗-41
2033-!0023J
⊗-41
2033-A0023F
⊗-41
2033-A0023C
⊗-41
--
15
15
2033-A0023A
⊗-42
2033-A0023J
⊗-42
2033-!0023J
⊗-42
2033-A0023F
⊗-42
2033-A0023C
⊗-42
43
7.5
-
-
-
2033-A0043A
⊗-40
2033-A0043J
⊗-40
2033-!0043J
⊗-40
2033-A0043F
⊗-40
2033-A0043C
⊗-40
10
10
-
-
2033-A0043A
⊗-41
2033-A0043J
⊗-41
2033-!0043J
⊗-41
2033-A0043F
⊗-41
2033-A0043C
⊗-41
-15-
-
2033-A0043A
⊗-42
2033-A0043J
⊗-42
2033-!0043J
⊗-42
2033-A0043F
⊗-42
2033-A0043C
⊗-42
--
20
20
2033-A0043A
⊗-43
2033-A0043J
⊗-43
2033-!0043J
⊗-43
2033-A0043F
⊗-43
2033-A0043C
⊗-43
--
25
25
2033-A0043A
⊗-44
2033-A0043J
⊗-44
2033-!0043J
⊗-44
2033-A0043F
⊗-44
2033-A0043C
⊗-44
--
30
30
2033-A0043A
⊗-45
2033-A0043J
⊗-45
2033-!0043J
⊗-45
2033-A0043F
⊗-45
2033-A0043C
⊗-45
85
15
-
-
-
2033-A0085A
⊗-42
2033-A0085J
⊗-42
2033-!0085J
⊗-42
2033-A0085F
⊗-42
2033-A0085C
⊗-42
20
20
-
-
2033-A0085A
⊗-43
2033-A0085J
⊗-43
2033-!0085J
⊗-43
2033-A0085F
⊗-43
2033-A0085C
⊗-43
25
25
-
-
2033-A0085A
⊗-44
2033-A0085J
⊗-44
2033-!0085J
⊗-44
2033-A0085F
⊗-44
2033-A0085C
⊗-44
-30-
-
2033-A0085A
⊗-45
2033-A0085J
⊗-45
2033-!0085J
⊗-45
2033-A0085F
⊗-45
2033-A0085C
⊗-45
--
40
40
2033-A0085A
⊗-46
2033-A0085J
⊗-46
2033-!0085J
⊗-46
2033-A0085F
⊗-46
2033-A0085C
⊗-46
--
50
50
2033-A0085A
⊗-47
2033-A0085J
⊗-47
2033-!0085J
⊗-47
2033-A0085F
⊗-47
2033-A0085C
⊗-47
--
60
60
2033-A0085A
⊗-48
2033-A0085J
⊗-48
2033-!0085J
⊗-48
2033-A0085F
⊗-48
2033-A0085C
⊗-48
110
30
-
-
-
2033-A0110A
⊗-45
2033-A0110J
⊗-45
2033-!0110J
⊗-45
2033-A0110F
⊗-45
2033-A0110C
⊗-45
40
40
-
-
2033-A0110A
⊗-46
2033-A0110J
⊗-46
2033-!0110J
⊗-46
2033-A0110F
⊗-46
2033-A0110C
⊗-46
--
75
75
2033-A0110A
⊗-49
2033-A0110J
⊗-49
2033-!0110J
⊗-49
2033-A0110F
⊗-49
2033-A0110C
⊗-49
--
-
100
2033-A0110A
⊗-50
2033-A0110J
⊗-50
2033-!0110J
⊗-50
2033-A0110F
⊗-50
2033-A0110C
⊗-50
180
50
50
-
-
2033-A0180A
⊗-47
2033-A0180J
⊗-47
2033-!0180J
⊗-47
2033-A0180F
⊗-47
2033-A0180C
⊗-47
-60-
-
2033-A0180A
⊗-48
2033-A0180J
⊗-48
2033-!0180J
⊗-48
2033-A0180F
⊗-48
2033-A0180C
⊗-48
-
-
100
-
2033-A0180A
⊗-50
2033-A0180J
⊗-50
2033-!0180J
⊗-50
2033-A0180F
⊗-50
2033-A0180C
⊗-50
-
-
125
125
2033-A0180A
⊗-51
2033-A0180J
⊗-51
2033-!0180J
⊗-51
2033-A0180F
⊗-51
2033-A0180C
⊗-51
-
-
150
150
2033-A0180A
⊗-52
2033-A0180J
⊗-52
2033-!0180J
⊗-52
2033-A0180F
⊗-52
2033-A0180C
⊗-52
210
60
-
-
-
2033-A0210A
⊗-48
2033-A0210J
⊗-48
2033-!0210J
⊗-48
2033-A0210F
⊗-48
2033-A0210C
⊗-48
-75-
-
2033-A0210A
⊗-49
2033-A0210J
⊗-49
2033-!0210J
⊗-49
2033-A0210F
⊗-49
2033-A0210C
⊗-49
--
-
175
2033-A0210A
⊗-53
2033-A0210J
⊗-53
2033-!0210J
⊗-53
2033-A0210F
⊗-53
2033-A0210C
⊗-53
--
-
200
2033-A0210A
⊗-54
2033-A0210J
⊗-54
2033-!0210J
⊗-54
2033-A0210F
⊗-54
2033-A0210C
⊗-54
300
75
-
-
-
2033-A0300A
⊗-49
2033-A0300J
⊗-49
2033-!0300J
⊗-49
2033-A0300F
⊗-49
2033-A0300C
⊗-49
100
100
-
-
2033-A0300A
⊗-50
2033-A0300J
⊗-50
2033-!0300J
⊗-50
2033-A0300F
⊗-50
2033-A0300C
⊗-50
-125
-
-
2033-A0300A
⊗-51
2033-A0300J
⊗-51
2033-!0300J
⊗-51
2033-A0300F
⊗-51
2033-A0300C
⊗-51


Similar Part No. - 2033-C1200H-76K

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
2033-C0023PX-39K ALLEN-BRADLEY-2033-C0023PX-39K Datasheet
175Kb / 10P
   ElectroGuard
More results

Similar Description - 2033-C1200H-76K

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
TR100PW-EX MORNSUN-TR100PW-EX Datasheet
675Kb / 4P
   ISOLATION SAFETY Barrier
TR100PI-EX MORNSUN-TR100PI-EX Datasheet
527Kb / 4P
   Thermoresistor Isolation Safety Barrier
TC100PI MORNSUN-TC100PI Datasheet
516Kb / 4P
   Thermocouples Isolation Safety Barrier
TC100PI-EX MORNSUN-TC100PI-EX Datasheet
380Kb / 4P
   Thermocouples Isolation Safety Barrier
TC100PI-EX-SP MORNSUN-TC100PI-EX-SP Datasheet
390Kb / 4P
   Thermocouples Isolation Safety Barrier
logo
Banner Engineering Corp...
SGS BANNER-SGS Datasheet
112Kb / 2P
   Safety Grid System
logo
Silicon Laboratories
SI8285 SILABS-SI8285 Datasheet
845Kb / 32P
   System Safety Features
logo
MORNSUN Science& Techno...
TC100PW-EX MORNSUN-TC100PW-EX Datasheet
684Kb / 4P
   PROGRAMMABLE THERMOCOUPIES ISOLATION SAFETY BARRIER
TSF202-EX MORNSUN-TSF202-EX Datasheet
464Kb / 3P
   Switch Output isolation safety barrier
logo
Intersil Corporation
ISL9212A INTERSIL-ISL9212A Datasheet
489Kb / 11P
   Charging System Safety Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com