Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK3433 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SK3433
Description  MOS Field Effect Transistor
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SK3433 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  2SK3433 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Type
MOSFET
1
www.kexin.com.cn
1.27+0.1
-0.1
1.27+0.1
-0.1
5.08+0.1
-0.1
0.1max
2.54+0.2
-0.2
2.54
4.57+0.2
-0.2
0.4+0.2
-0.2
0.81+0.1
-0.1
TO-263
Unit: mm
1Gate
2Drain
3 Source
MOS Field Effect Transistor
2SK3433
Features
Super low on-state resistance:
RDS(on)1 = 26m
MAX. (VGS =10V, ID =42A)
RDS(on)2 =41m
MAX. (VGS =4V, ID =42A)
Low Ciss:Ciss =1500 pF TYP.
Built-in gate protection diode
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Rating
Unit
Draintosourcevoltage
VDSS
60
V
Gate to source voltage
VGSS
20
V
ID
40
A
Idp *
160
A
Power dissipation
TC=25
47
TA=25
1.5
Channel temperature
Tch
150
Storage temperature
Tstg
-55to+150
*PW
10
s,Duty Cycle
1%
Drain current
PD
W
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
Drain cut-off current
IDSS
VDS=60V,VGS=0
10
A
Gate leakage current
IGSS
VGS=
20V,VDS=0
10
A
Gat cutoff voltage
VGS(off)
VDS=10V,ID=1mA
1.5
2.0
2.5
V
Forward transfer admittance
Yfs
VDS=10V,ID=20A
11
22
S
RDS(on)1
VGS=10V,ID=20A
22
26
m
RDS(on)2
VGS=4V,ID=20A
29
41
m
Input capacitance
Ciss
1500
pF
Output capacitance
Coss
250
pF
Reverse transfer capacitance
Crss
120
pF
Turn-on delay time
ton
35
ns
Rise time
tr
320
ns
Turn-off delay time
toff
89
ns
Fall time
tf
120
ns
Total Gate Charge
QG
30
nC
Gate to Source Charge
QGS
5nC
Gate to Drain Charge
QGD
8nC
VDS=10V,VGS=0,f=1MHZ
ID=20A,VGS(on)=10V,RG=10
,VDD=30V
Draintosourceon-stateresistance
ID =40A, VDD =48V, VGS =10V


Similar Part No. - 2SK3433

ManufacturerPart #DatasheetDescription
logo
NEC
2SK3433 NEC-2SK3433 Datasheet
48Kb / 4P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
logo
SHENZHEN DOINGTER SEMIC...
2SK3433 DOINGTER-2SK3433 Datasheet
1Mb / 3P
   N-Channel MOSFET uses advanced trench technology
logo
Inchange Semiconductor ...
2SK3433 ISC-2SK3433 Datasheet
332Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Renesas Technology Corp
2SK3433 RENESAS-2SK3433 Datasheet
213Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
2001
logo
NEC
2SK3433-S NEC-2SK3433-S Datasheet
48Kb / 4P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
More results

Similar Description - 2SK3433

ManufacturerPart #DatasheetDescription
logo
NEC
2SK815 NEC-2SK815 Datasheet
176Kb / 4P
   MOS FIELD EFFECT TRANSISTOR
NP36P04KDG NEC-NP36P04KDG Datasheet
189Kb / 7P
   MOS FIELD EFFECT TRANSISTOR
2SJ624 NEC-2SJ624 Datasheet
71Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
2SJ603 NEC-2SJ603 Datasheet
79Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
logo
Renesas Technology Corp
NP180N04TUK RENESAS-NP180N04TUK_15 Datasheet
253Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
2SK3353 RENESAS-2SK3353_15 Datasheet
224Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
NP60N04VUK RENESAS-NP60N04VUK Datasheet
110Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP89N055PUK RENESAS-NP89N055PUK Datasheet
112Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP90N04VUK RENESAS-NP90N04VUK Datasheet
111Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP160N04TUK RENESAS-NP160N04TUK Datasheet
235Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP160N055TUK RENESAS-NP160N055TUK Datasheet
112Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com