Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT3470AEDDB-PBF Datasheet(PDF) 10 Page - Linear Technology

Part # LT3470AEDDB-PBF
Description  Micropower Buck Regulator with Integrated Boost and Catch Diodes
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3470AEDDB-PBF Datasheet(HTML) 10 Page - Linear Technology

Back Button LT3470AEDDB-PBF Datasheet HTML 6Page - Linear Technology LT3470AEDDB-PBF Datasheet HTML 7Page - Linear Technology LT3470AEDDB-PBF Datasheet HTML 8Page - Linear Technology LT3470AEDDB-PBF Datasheet HTML 9Page - Linear Technology LT3470AEDDB-PBF Datasheet HTML 10Page - Linear Technology LT3470AEDDB-PBF Datasheet HTML 11Page - Linear Technology LT3470AEDDB-PBF Datasheet HTML 12Page - Linear Technology LT3470AEDDB-PBF Datasheet HTML 13Page - Linear Technology LT3470AEDDB-PBF Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
LT3470A
10
3470afa
Input Voltage Range
The minimum input voltage required to generate a par-
ticular output voltage in an LT3470A application is limited
by either its 4V undervoltage lockout or by its maximum
duty cycle. The duty cycle is the fraction of time that the
internal switch is on and is determined by the input and
output voltages:
DC
=
VOUT + VD
VIN –VSW + VD
where VD is the forward voltage drop of the catch diode
(~0.6V) and VSW is the voltage drop of the internal switch
at maximum load (~0.4V). Given DCMAX = 0.90, this leads
to a minimum input voltage of:
VIN(MIN) =
VOUT + VD
DCMAX
+ VSW –VD
This analysis assumes the part has started up such that the
capacitor tied between the BOOST and SW pins is charged
to more than 2V. For proper start-up, the minimum input
voltage is limited by the boost circuit as detailed in the
section BOOST Pin Considerations.
The maximum input voltage is limited by the absolute
maximum VIN rating of 40V, provided an inductor of suf-
ficient value is used.
Inductor Selection
The switching action of the LT3470A during continuous
operation produces a square wave at the SW pin that results
in a triangle wave of current in the inductor. The hysteretic
mode control regulates the top and bottom current limits
(see Electrical Characteristics) such that the average induc-
tor current equals the load current. For safe operation, it
must be noted that the LT3470A cannot turn the switch
on for less than ~150ns. If the inductor is small and the
input voltage is high, the current through the switch may
exceed safe operating limit before the LT3470A is able to
turn off. To prevent this from happening, the following
equation provides a minimum inductor value:
LMIN =
VIN(MAX) •tON-TIME(MIN)
IMAX
APPLICATIONS INFORMATION
where VIN(MAX) is the maximum input voltage for the ap-
plication, tON-TIME(MIN)is ~150ns and IMAX is the maximum
allowable increase in switch current during a minimum
switch on-time (150mA). While this equation provides a
safe inductor value, the resulting application circuit may
switch at too high a frequency to yield good efficiency.
It is advised that switching frequency be below 1.2MHz
during normal operation:
f
=
1– DC
() V
D + VOUT
()
L•
ΔIL
where f is the switching frequency,
ΔIL is the ripple cur-
rent in the inductor (~200mA), VD is the forward voltage
drop of the catch diode, and VOUT is the desired output
voltage.
If the application circuit is intended to operate at high duty
cycles (VIN close to VOUT), it is important to look at the
calculated value of the switch off-time:
tOFF-TIME =
1– DC
f
The calculated tOFF-TIME should be more than LT3470A’s
minimum tOFF-TIME (See Electrical Characteristics), so the
application circuit is capable of delivering full rated output
current. If the full output current of 250mA is not required,
the calculated tOFF-TIME can be made less than minimum
tOFF-TIME possibly allowing the use of a smaller inductor.
See Table 1 for an inductor value selection guide.
Table 1. Recommended Inductors for Loads up to 250mA
VOUT
VIN Up to 16V
VIN Up to 40V
2.5V
10μH
33μH
3.3V
10μH
33μH
5V
15μH
33μH
12V
33μH
47μH
Choose an inductor that is intended for power applications.
Table 2 lists several manufacturers and inductor series.
For robust output short-circuit protection at high VIN (up
to 40V) use at least a 33μH inductor with a minimum
450mA saturation current. If short-circuit performance is
not required, inductors with ISAT of 300mA or more may


Similar Part No. - LT3470AEDDB-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3470A LINER-LT3470A Datasheet
208Kb / 20P
   Micropower Buck Regulator with Integrated Boost and Catch Diodes
LT3470A LINER-LT3470A_15 Datasheet
208Kb / 20P
   Micropower Buck Regulator with Integrated Boost and Catch Diodes
More results

Similar Description - LT3470AEDDB-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LT3470HTS8 LINEAR-LT3470HTS8 Datasheet
240Kb / 20P
   Micropower Buck Regulator with Integrated Boost and Catch Diodes
logo
Linear Technology
LT3470A LINER-LT3470A_15 Datasheet
208Kb / 20P
   Micropower Buck Regulator with Integrated Boost and Catch Diodes
LT3470EDDB LINER-LT3470EDDB Datasheet
240Kb / 20P
   Micropower Buck Regulator with Integrated Boost and Catch Diodes
logo
Linear Integrated Syste...
LT3470 LINEAR-LT3470 Datasheet
199Kb / 16P
   Micropower Buck Regulator with Integrated Boost and Catch Diodes
logo
Linear Technology
LT3470 LINER-LT3470_15 Datasheet
290Kb / 20P
   Micropower Buck Regulator with Integrated Boost and Catch Diodes
logo
Allegro MicroSystems
A4450 ALLEGRO-A4450 Datasheet
680Kb / 34P
   Buck-Boost Controller with Integrated Buck MOSFET
logo
Vishay Siliconix
SIP1759 VISHAY-SIP1759 Datasheet
169Kb / 8P
   Buck-Boost Regulator
Rev. D, 03-Aug-09
logo
ON Semiconductor
FAN49100 ONSEMI-FAN49100 Datasheet
2Mb / 19P
   Buck-Boost Regulator
November 2016 Rev. 1.4
logo
Vishay Siliconix
SIP1759 VISHAY-SIP1759_V01 Datasheet
708Kb / 8P
   Buck-Boost Regulator
02-Oct-12
logo
Active-Semi, Inc
ACT2861QI ACTIVE-SEMI-ACT2861QI Datasheet
4Mb / 91P
   30V Buck-Boost Charger with Integrated MOSFETs and OTG
Rev 2.0, 27-Apr-2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com