Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT3474EFE-1-PBF Datasheet(PDF) 10 Page - Linear Technology

Part # LT3474EFE-1-PBF
Description  Step-Down 1A LED Driver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3474EFE-1-PBF Datasheet(HTML) 10 Page - Linear Technology

Back Button LT3474EFE-1-PBF Datasheet HTML 6Page - Linear Technology LT3474EFE-1-PBF Datasheet HTML 7Page - Linear Technology LT3474EFE-1-PBF Datasheet HTML 8Page - Linear Technology LT3474EFE-1-PBF Datasheet HTML 9Page - Linear Technology LT3474EFE-1-PBF Datasheet HTML 10Page - Linear Technology LT3474EFE-1-PBF Datasheet HTML 11Page - Linear Technology LT3474EFE-1-PBF Datasheet HTML 12Page - Linear Technology LT3474EFE-1-PBF Datasheet HTML 13Page - Linear Technology LT3474EFE-1-PBF Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
LT3474/LT3474-1
10
3474fd
APPLICATIONS INFORMATION
Setting the Switching Frequency
The LT3474 uses a constant frequency architecture that
can be programmed over a 200kHz to 2MHz range with a
single external timing resistor from the RT pin to ground.
The current that flows into the timing resistor is used
to charge an internal oscillator capacitor. A graph for
selecting the value of RT for a given operating frequency
is shown in the Typical Performance Characteristics
section. Table 1 shows suggested RT selections for a
variety of switching frequencies.
Table 1. Switching Frequencies
SWITCHING FREQUENCY (MHz)
RT (kΩ)
210
1.5
18.7
1
33.2
0.7
52.3
0.5
80.6
0.3
147
0.2
232
Operating Frequency Selection
The choice of operating frequency is determined by sev-
eral factors. There is a tradeoff between efficiency and
component size. Higher switching frequency allows the
use of smaller inductors at the cost of increased switching
losses and decreased efficiency.
Another consideration is the maximum duty cycle. In
certain applications, the converter needs to operate at a
high duty cycle in order to work at the lowest input voltage
possible. The LT3474 has a fixed oscillator off-time and
a variable on-time. As a result, the maximum duty cycle
increases as the switching frequency is decreased.
Input Voltage Range
The minimum operating voltage is determined either by the
LT3474’s undervoltage lockout of 4V, or by its maximum
duty cycle. The duty cycle is the fraction of time that the
internal switch is on and is determined by the input and
output voltages:
DC
VV
VV
V
OUT
F
IN
SW
F
=
+
()
+
()
where VF is the forward voltage drop of the catch diode
(~0.4V) and VSW is the voltage drop of the internal switch
(~0.4V at maximum load). This leads to a minimum input
voltage of:
V
VV
DC
VV
IN MIN
OUT
F
MAX
FSW
() =
+
+
with DCMAX = 1–tOFF(MIN) • f
where t0FF(MIN) is equal to 200ns and f is the switching
frequency.
Example: f = 500kHz, VOUT = 4V
DC
ns
kHz
V
VV
MAX
IN MIN
= −
=
=
+
()
1 200
500
0 90
40 4
0
•.
.
.9
9
04
04
49
–.
.
.
VV
V
+=
The maximum operating voltage is determined by the
absolute maximum ratings of the VIN and BOOST pins,
and by the minimum duty cycle.
V
VV
DC
VV
IN MAX
OUT
F
MIN
FSW
() =
+
+
with DCMIN = tON(MIN) • f
where tON(MIN) is equal to 160ns and f is the switching
frequency.
Example: f = 500kHz, VOUT = 2.5V
DC
ns
kHz
V
VV
MIN
IN MAX
==
=
+
()
160
500
0 08
25
04
0
•.
..
.0
08
04
04
36
–.
.
VV
V
+=
The minimum duty cycle depends on the switching fre-
quency. Running at a lower switching frequency might
allow a higher maximum operating voltage. Note that this
is a restriction on the operating input voltage; the circuit
will tolerate transient inputs up to the Absolute Maximum
Rating.


Similar Part No. - LT3474EFE-1-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3474EFE-1 LINER-LT3474EFE-1 Datasheet
207Kb / 20P
   True Color PWM Delivers Constant Color with 400:1 Dimming Range
More results

Similar Description - LT3474EFE-1-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3474 LINER-LT3474_15 Datasheet
225Kb / 20P
   Step-Down 1A LED Driver
LT3474-1 LINER-LT3474-1_15 Datasheet
225Kb / 20P
   Step-Down 1A LED Driver
logo
Diodes Incorporated
AL8862 DIODES-AL8862 Datasheet
489Kb / 16P
   60V 1A STEP-DOWN LED DRIVER
logo
Taiwan Semiconductor Co...
TS19376 TSC-TS19376 Datasheet
152Kb / 8P
   1A Step-down High Brightness LED Driver
logo
Shenzhen Huazhimei Semi...
HM4115 HMSEMI-HM4115 Datasheet
478Kb / 7P
   1A, Step-down High Brightness LED Driver
logo
Diodes Incorporated
AP8802 DIODES-AP8802 Datasheet
217Kb / 13P
   1A LED Step-Down Converter
AP8802 Rev. 1
AP8802_0912 DIODES-AP8802_0912 Datasheet
235Kb / 16P
   1A LED Step-down Converter
AP8802 Rev. 5
logo
SHOUDING Shouding Semic...
SD3314A SHOUDING-SD3314A Datasheet
441Kb / 8P
   HIGH EFFICIENCY 1A STEP-DOWN CONSTANT CURRENT LED DRIVER
logo
Power Analog Micoelectr...
PAM2804 PAM-PAM2804 Datasheet
213Kb / 11P
   1A Step-Down Constant Current, High Efficiency LED Driver
logo
Diodes Incorporated
PAM2804 DIODES-PAM2804 Datasheet
461Kb / 10P
   1A STEP-DOWN CONSTANT CURRENT, HIGH EFFICIENCY LED DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com