Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

100S-D110X33LC Datasheet(PDF) 6 Page - Allen-Bradley

Part # 100S-D110X33LC
Description  Safety Contactors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEN-BRADLEY [Allen-Bradley]
Direct Link  http://www.ab.com
Logo ALLEN-BRADLEY - Allen-Bradley

100S-D110X33LC Datasheet(HTML) 6 Page - Allen-Bradley

  100S-D110X33LC Datasheet HTML 1Page - Allen-Bradley 100S-D110X33LC Datasheet HTML 2Page - Allen-Bradley 100S-D110X33LC Datasheet HTML 3Page - Allen-Bradley 100S-D110X33LC Datasheet HTML 4Page - Allen-Bradley 100S-D110X33LC Datasheet HTML 5Page - Allen-Bradley 100S-D110X33LC Datasheet HTML 6Page - Allen-Bradley 100S-D110X33LC Datasheet HTML 7Page - Allen-Bradley 100S-D110X33LC Datasheet HTML 8Page - Allen-Bradley  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
9-14
Contactors & Control Relays
Safety Contactors
100S-C
Coil Data
Catalogue
Number
100S-C09
100S-
C12
100S-
C16
100S-
C23
100S-
C30
100S-
C37
100S-
C43
100S-
C60
100S-
C72
100S-
C85
Voltage Range
0.85…1.1
0.3…0.6
0.8…1.1
0.1…0.6
AC: 50 Hz, 60 Hz,
50/60 Hz
Pick-up
[x Us]
Dropout
[x Us]
DC
Pick-up
[x Us]
Dropout
[x Us]
Coil Consumption
AC: 50 Hz, 60 Hz,
50/60 Hz
Pick-up
[VA/W]
70/50
70/50
70/50
70/50
80/60
80/60
130/90
200/110
200/110
200/110
Hold-in
[VA/W]
8/2.6
8/2.6
8/2.6
9/3
9/3
9/3
10/3.2
16/4.5
16/4.5
16/4.5
DC
Pick-up
[W]
6.5
6.5
6.5
9.2
9.2
9.2
10.1
200
200
200
Hold-in
[W]
6.5
6.5
6.5
9.2
9.2
9.2
10.1
4.5
4.5
4.5
Operating Time
AC: 50 Hz, 60 Hz,
50/60 Hz
Pick-up
[ms]
15…30
15…30
15…30
15…30
15…30
15…30
15…30
20…40
20…40
20…40
Dropout
[ms]
10…60
10…60
10…60
10…60
10…60
10…60
10…60
10…60
10…60
10…60
with RC Suppressor
Dropout
[ms]
10…60
10…60
10…60
10…60
10…60
10…60
10…60
10…60
10…60
10…60
DC
Pick-up
[ms]
40…70
40…70
40…70
40…70
50…80
50…80
50…80
20…40
20…40
20…40
Dropout
[ms]
7…15
7…15
7…15
7…15
7…15
7…15
7…15
with Integ. Suppres.
Dropout
[ms]
14…20
14…20
14…20
17…23
17…23
17…23
17…23
20…35
20…35
20…35
with Diode Suppres.
Dropout
[ms]
70…95
70…95
70…95
80…125
80...125
80...125
80...125
80...125
80...125
80...125


Similar Part No. - 100S-D110X33LC

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
100S-C ALLEN-BRADLEY-100S-C Datasheet
29Kb / 1P
   Safety Contactors
100S-C ALLEN-BRADLEY-100S-C Datasheet
11Mb / 114P
   IEC Contactor Specifications
2021
100S-C09-05BC ALLEN-BRADLEY-100S-C09-05BC Datasheet
11Mb / 114P
   IEC Contactor Specifications
2021
100S-C09-14BC ALLEN-BRADLEY-100S-C09-14BC Datasheet
11Mb / 114P
   IEC Contactor Specifications
2021
100S-C09-304BC ALLEN-BRADLEY-100S-C09-304BC Datasheet
11Mb / 114P
   IEC Contactor Specifications
2021
More results

Similar Description - 100S-D110X33LC

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
100S-C ALLEN-BRADLEY-100S-C Datasheet
29Kb / 1P
   Safety Contactors
104S-C ALLEN-BRADLEY-104S-C Datasheet
39Kb / 2P
   Safety Contactors
logo
List of Unclassifed Man...
LC1-D40 ETC1-LC1-D40 Datasheet
271Kb / 8P
   CONTACTORS / REVERSING CONTACTORS
logo
Zhejiang DongYa Electro...
BZJ-200A DONGYA-BZJ-200A Datasheet
207Kb / 1P
   NC Contactors
logo
GREEGOO Electric Co.,Lt...
EVC8 GREEGOO-EVC8 Datasheet
543Kb / 6P
   Vacuum Contactors
logo
Zhejiang DongYa Electro...
ZLJM-300C DONGYA-ZLJM-300C Datasheet
301Kb / 1P
   Latch contactors
ZLJM-400C DONGYA-ZLJM-400C Datasheet
319Kb / 1P
   Latch contactors
BZJ-400A DONGYA-BZJ-400A Datasheet
207Kb / 1P
   NC Contactors
logo
Telecommunication Elec...
LAD8N20 TELTRON-LAD8N20 Datasheet
372Kb / 12P
   TeSys contactors
logo
Zhejiang DongYa Electro...
ZLJM-250C DONGYA-ZLJM-250C Datasheet
305Kb / 1P
   Latch contactors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com