Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

194E-A32-1756 Datasheet(PDF) 11 Page - Allen-Bradley

Part # 194E-A32-1756
Description  Bulletin 194E
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEN-BRADLEY [Allen-Bradley]
Direct Link  http://www.ab.com
Logo ALLEN-BRADLEY - Allen-Bradley

194E-A32-1756 Datasheet(HTML) 11 Page - Allen-Bradley

Back Button 194E-A32-1756 Datasheet HTML 7Page - Allen-Bradley 194E-A32-1756 Datasheet HTML 8Page - Allen-Bradley 194E-A32-1756 Datasheet HTML 9Page - Allen-Bradley 194E-A32-1756 Datasheet HTML 10Page - Allen-Bradley 194E-A32-1756 Datasheet HTML 11Page - Allen-Bradley 194E-A32-1756 Datasheet HTML 12Page - Allen-Bradley 194E-A32-1756 Datasheet HTML 13Page - Allen-Bradley 194E-A32-1756 Datasheet HTML 14Page - Allen-Bradley 194E-A32-1756 Datasheet HTML 15Page - Allen-Bradley Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
10-12
IEC Load Switches
Bulletin 194E
25 Amps to 100 Amps
Accessories
Note: User must order (2) Bulletin 194E 3-Pole Switches separately.
Product Selection — Page 10-3
Terminal Covers
Number of Poles
Use with Catalogue Number
Catalogue Number
3
194E-25/32
194E-25-C3
194E-40/63
194E-40-C3
194E-80/100
194E-80-C3
4
194E-25/32
194E-25-C4
194E-40/63
194E-40-C4
194E-80/100
194E-80-C4
6-Pole Mechanical Coupling
Use with Catalogue Number
Catalogue Number
194E-25/32
194E-G3660
194E-40/63
194E-G3661
194E-80/100
194E-G3662
(1) 4-P
ole Auxiliary Contact
or
(1) 2-P
ole Auxiliary Contact
or
Grounding Terminal
(1) 4-P
ole Auxiliary Contact
or
(1) 2-P
ole Auxiliary Contact
or
Grounding Terminal
or
Additional Pole
Additional Pole
or
Neutral Terminal
or
(1) 2-P
ole Auxiliary Contact
or
(1) 4-P
ole Auxiliary Contact
Neutral Terminal
or
(1) 2-P
ole Auxiliary Contact
or
(1) 4-P
ole Auxiliary Contact
Base/DIN Rail Mounting
Front/Door Mounting


Similar Part No. - 194E-A32-1756

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
194E-A315-1753 ALLEN-BRADLEY-194E-A315-1753 Datasheet
196Kb / 12P
   Bulletin 194E
194E-A315-1754 ALLEN-BRADLEY-194E-A315-1754 Datasheet
196Kb / 12P
   Bulletin 194E
More results

Similar Description - 194E-A32-1756

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
194E-A125-1753 ALLEN-BRADLEY-194E-A125-1753 Datasheet
196Kb / 12P
   Bulletin 194E
194L-A4-000 ALLEN-BRADLEY-194L-A4-000 Datasheet
28Kb / 1P
   Bulletin 194E
logo
United Chemi-Con, Inc.
APSE6R3ELL471 CHEMI-CON-APSE6R3ELL471 Datasheet
47Kb / 2P
   Engineering Bulletin
logo
Motorola, Inc
EB622 MOTOROLA-EB622 Datasheet
132Kb / 4P
   Engineering Bulletin
logo
M/A-COM Technology Solu...
28330-PBD-001-A MA-COM-28330-PBD-001-A_15 Datasheet
23Kb / 1P
   product bulletin
28953-PBD-001-A MA-COM-28953-PBD-001-A_15 Datasheet
29Kb / 2P
   product bulletin
28500-PBD-001-B MA-COM-28500-PBD-001-B_15 Datasheet
47Kb / 2P
   Product Bulletin
logo
United Chemi-Con, Inc.
APSE4R0ELL561 CHEMI-CON-APSE4R0ELL561 Datasheet
47Kb / 2P
   Engineering Bulletin
logo
Nippon Precision Circui...
LZASERIES NPC-LZASERIES Datasheet
57Kb / 2P
   Engineering Bulletin
logo
API Technologies Corp
MR25566 APITECH-MR25566 Datasheet
80Kb / 1P
   SPECIFICATION BULLETIN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com