Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

100S-D140X22C Datasheet(PDF) 1 Page - Allen-Bradley

Part # 100S-D140X22C
Description  Safety Contactors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEN-BRADLEY [Allen-Bradley]
Direct Link  http://www.ab.com
Logo ALLEN-BRADLEY - Allen-Bradley

100S-D140X22C Datasheet(HTML) 1 Page - Allen-Bradley

  100S-D140X22C Datasheet HTML 1Page - Allen-Bradley 100S-D140X22C Datasheet HTML 2Page - Allen-Bradley 100S-D140X22C Datasheet HTML 3Page - Allen-Bradley 100S-D140X22C Datasheet HTML 4Page - Allen-Bradley 100S-D140X22C Datasheet HTML 5Page - Allen-Bradley 100S-D140X22C Datasheet HTML 6Page - Allen-Bradley 100S-D140X22C Datasheet HTML 7Page - Allen-Bradley 100S-D140X22C Datasheet HTML 8Page - Allen-Bradley  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
9-9
Contactors & Control Relays
Safety Contactors
100S-D
Description
Bulletin 100S-D safety contactors are designed to provide safe
isolation of hazardous motion loads, utilizing “mirror contact”
performance. Mirror contacts provide reliable indication about the
open/closed status of the main power poles.
Features
• 45…220 kW @500V
• 60…600 Hp @460V
• 75…700 Hp @575V
• Electronic and Conventional Coils
AC & DC
Integrated PLC Interface
Low Power Pick-Up & Hold-In
Wide Voltage Ranges
• Complete Range of Accessories
• Environmentally-Friendly
• Compact Dimensions
Specifications
Conformity to Standards
IEC 60947-4
IEC 60947-4 Annex F
IEC 60947 Type “2” Coordination
CSA 22.2 No. 14
UL 508
Approvals
CE marked for all applicable directives
CSA Certified
UL Listed
SUVA Certified


Similar Part No. - 100S-D140X22C

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
100S-C ALLEN-BRADLEY-100S-C Datasheet
29Kb / 1P
   Safety Contactors
100S-C ALLEN-BRADLEY-100S-C Datasheet
11Mb / 114P
   IEC Contactor Specifications
2021
100S-C09-05BC ALLEN-BRADLEY-100S-C09-05BC Datasheet
11Mb / 114P
   IEC Contactor Specifications
2021
100S-C09-14BC ALLEN-BRADLEY-100S-C09-14BC Datasheet
11Mb / 114P
   IEC Contactor Specifications
2021
100S-C09-304BC ALLEN-BRADLEY-100S-C09-304BC Datasheet
11Mb / 114P
   IEC Contactor Specifications
2021
More results

Similar Description - 100S-D140X22C

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
100S-C ALLEN-BRADLEY-100S-C Datasheet
29Kb / 1P
   Safety Contactors
104S-C ALLEN-BRADLEY-104S-C Datasheet
39Kb / 2P
   Safety Contactors
logo
List of Unclassifed Man...
LC1-D40 ETC1-LC1-D40 Datasheet
271Kb / 8P
   CONTACTORS / REVERSING CONTACTORS
logo
Zhejiang DongYa Electro...
BZJ-200A DONGYA-BZJ-200A Datasheet
207Kb / 1P
   NC Contactors
logo
GREEGOO Electric Co.,Lt...
EVC8 GREEGOO-EVC8 Datasheet
543Kb / 6P
   Vacuum Contactors
logo
Zhejiang DongYa Electro...
ZLJM-300C DONGYA-ZLJM-300C Datasheet
301Kb / 1P
   Latch contactors
ZLJM-400C DONGYA-ZLJM-400C Datasheet
319Kb / 1P
   Latch contactors
BZJ-400A DONGYA-BZJ-400A Datasheet
207Kb / 1P
   NC Contactors
logo
Telecommunication Elec...
LAD8N20 TELTRON-LAD8N20 Datasheet
372Kb / 12P
   TeSys contactors
logo
Zhejiang DongYa Electro...
ZLJM-250C DONGYA-ZLJM-250C Datasheet
305Kb / 1P
   Latch contactors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com